Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX32625IWY+T Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX32625IWY+T
Description  High-Efficiency Microcontroller for Wearable Devices
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX32625IWY+T Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX32625IWY+T Datasheet HTML 7Page - Maxim Integrated Products MAX32625IWY+T Datasheet HTML 8Page - Maxim Integrated Products MAX32625IWY+T Datasheet HTML 9Page - Maxim Integrated Products MAX32625IWY+T Datasheet HTML 10Page - Maxim Integrated Products MAX32625IWY+T Datasheet HTML 11Page - Maxim Integrated Products MAX32625IWY+T Datasheet HTML 12Page - Maxim Integrated Products MAX32625IWY+T Datasheet HTML 13Page - Maxim Integrated Products MAX32625IWY+T Datasheet HTML 14Page - Maxim Integrated Products MAX32625IWY+T Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
(Internal bandgap reference selected and ADC_SCALE = ADC_REFSCL = 1 unless otherwise specified. Specifications marked GBD
are guaranteed by design and not production tested.)
(VDD18 = VRST to 1.89V, TA = -30°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
AIN0/AIN1 Resistor Divider
Error
ADC_CHSEL = 4 or 5, not including ADC
offset/gain error
±2
LSB
Full-Scale Voltage
VFS
ADC code = 0x3FF
1.2
V
Bandgap Temperature
Coefficient
VTEMPCO
Box method
30
ppm/°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
USB PHY Supply Voltage
VDDB
3.3
V
Single-Ended Input High
Voltage DP, DM
VIHD
2
V
Single-Ended Input
Low Voltage DP, DM
VILD
0.8
V
Output Low Voltage DP, DM
VOLD
RL = 1.5kΩ from DP to 3.6V
0.3
V
Output High Voltage DP, DM
VOHD
RL = 15kΩ from DP and DM to VSS
2.8
V
Differential Input
Sensitivity DP, DM
VDI
DP to DM
0.2
V
Common-Mode Voltage
Range
VCM
Includes VDI range
0.8
2.5
V
Single-Ended Receiver
Threshold
VSE
0.8
2
V
Single-Ended Receiver
Hysteresis
VSEH
200
mV
Differential Output Signal
Cross-Point Voltage
VCRS
CL = 50pF, GBD
1.3
2
V
DP, DM Off-State Input
Impedance
RLZ
300
Driver Output Impedance
RDRV
Steady-state drive
28
44
Ω
DP Pull-up Resistor
RPU
Idle
0.9
1.575
DP Pullup Resistor
RPU
Receiving
1.425
3.09
USB TIMING
DP, DM Rise Time (Transmit)
tR
CL = 50pF, GBD
4
20
ns
DP, DM Fall Time (Transmit)
tF
CL = 50pF, GBD
4
20
ns
Rise/Fall Time Matching
(Transmit)
tR, tF
CL = 50pF, GBD
90
110
%
Electrical Characteristics - ADC (continued)
Electrical Characteristics - USB
MAX32625/MAX32626
Ultra-Low Power, High-Performance
ARM Cortex-M4F Microcontroller for Wearables
www.maximintegrated.com
Maxim Integrated │ 11


Similar Part No. - MAX32625IWY+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX32625 MAXIM-MAX32625 Datasheet
565Kb / 11P
   MAX32625PICO Application Platform
319-100010; Rev 0; 4/17
MAX32625PICO MAXIM-MAX32625PICO Datasheet
565Kb / 11P
   MAX32625PICO Application Platform
319-100010; Rev 0; 4/17
More results

Similar Description - MAX32625IWY+T

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OVM6211 OMNIVISION-OVM6211 Datasheet
1Mb / 2P
   Wearable Devices
OV6946 OMNIVISION-OV6946 Datasheet
774Kb / 2P
   Wearable Devices
OVM9724 OMNIVISION-OVM9724 Datasheet
714Kb / 2P
   Wearable Devices
logo
Maxim Integrated Produc...
MAX30112 MAXIM-MAX30112 Datasheet
707Kb / 40P
   Wrist-Worn Wearable Devices
Rev 0; 5/17
logo
Illinois Capacitor, Inc...
RJD2032C1 ILLINOISCAPACITOR-RJD2032C1 Datasheet
521Kb / 10P
   Wearable electronic & IoT devices ??Memory backup circuits
logo
Vishay Siliconix
VCNL3036 VISHAY-VCNL3036 Datasheet
226Kb / 16P
   High Resolution Digital Biosensor for Wearable Applications
logo
Richtek Technology Corp...
RT4730 RICHTEK-RT4730 Datasheet
362Kb / 17P
   Power Solution for Wearable AMOLED Products
logo
Kingbright Corporation
TA40-11EWA KINGBRIGHT-TA40-11EWA Datasheet
231Kb / 6P
   The High Efficiency Red Source color Devices
L796BID KINGBRIGHT-L796BID Datasheet
119Kb / 5P
   The High Efficiency Red Source Color Devices
logo
Maxim Integrated Produc...
MAX32660 MAXIM-MAX32660 Datasheet
604Kb / 25P
   Ultra-Low Power Arm Cortex-M4 with FPU-Based Microcontroller for Wearable and IoT Sensors
Rev 1; 4/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com