Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX32626IWY+T Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX32626IWY+T
Description  High-Efficiency Microcontroller for Wearable Devices
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX32626IWY+T Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX32626IWY+T Datasheet HTML 6Page - Maxim Integrated Products MAX32626IWY+T Datasheet HTML 7Page - Maxim Integrated Products MAX32626IWY+T Datasheet HTML 8Page - Maxim Integrated Products MAX32626IWY+T Datasheet HTML 9Page - Maxim Integrated Products MAX32626IWY+T Datasheet HTML 10Page - Maxim Integrated Products MAX32626IWY+T Datasheet HTML 11Page - Maxim Integrated Products MAX32626IWY+T Datasheet HTML 12Page - Maxim Integrated Products MAX32626IWY+T Datasheet HTML 13Page - Maxim Integrated Products MAX32626IWY+T Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
(Internal bandgap reference selected and ADC_SCALE = ADC_REFSCL = 1 unless otherwise specified. Specifications marked GBD
are guaranteed by design and not production tested.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution
10
Bits
ADC Clock Rate
fADC_CLK
0.1
8
MHz
ADC Clock Period
tADC_CLK
1/fADC_
CLK
μs
Input Voltage Range
VAIN
AIN0-AIN3, ADC_CHSEL = 0–3,
BUF_BYPASS = 0
0.05
VDD18
V
AIN0–AIN1, ADC_CHSEL = 4–5,
BUF_BYPASS = 0
0.05
5.5
AIN0–AIN3, ADC_CHSEL = 0–3,
BUF_BYPASS = 1
VSS
VDD18
AIN0-AIN1, ADC_CHSEL = 4-5,
BUF_BYPASS = 1
VSS
5.5
Input Dynamic Current,
Switched Capacitance
IAIN
ADC active, ADC buffer bypassed
4.5
μA
ADC active, ADC buffer enabled
50
nA
Analog Input Capacitance
CAIN
Fixed capacitance to VSS
1
pF
Dynamically switched capacitance
250
nF
Integral Nonlinearity
INL
±2
LSB
Differential Nonlinearity
DNL
±1
LSB
Offset Error
VOS
±1
LSB
Gain Error
GE
±2
LSB
Signal-to-Noise Ratio
SNR
58.5
dB
Signal-to-Noise and Distortion
SINAD
58.5
dB
Total Harmonic Distortion
THD
-68.5
dB
Spurious Free Dynamic
Range
SFDR
74
dB
ADC Active Current
IADC
ADC active, reference buffer enabled,
input buffer disabled
240
µA
Input Buffer Active Current
IINBUF
53
μA
ADC Setup Time
tADC_SU
Any power-up of ADC clock, ADC bias,
reference buffer or input buffer, to
CpuAdcStart
10
µs
Any power-up of ADC clock or ADC bias
to CpuAdcStart
48
tACLK
ADC Output Latency
tADC
1025
tACLK
ADC Sample Rate
fADC
7.8
ksps
ADC Input Leakage
IADC_LEAK
AIN0 or AIN1, ADC inactive or channel
not selected
0.12
4
nA
AIN2 or AIN3, ADC inactive or channel
not selected
0.02
1
Electrical Characteristics - ADC
MAX32625/MAX32626
Ultra-Low Power, High-Performance
ARM Cortex-M4F Microcontroller for Wearables
www.maximintegrated.com
Maxim Integrated │ 10


Similar Part No. - MAX32626IWY+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3262 MAXIM-MAX3262 Datasheet
145Kb / 12P
   Single 5V, Fully Integrated, 155Mbps Laser Diode Driver
19-0432; Rev 1b; 4/98
MAX32620 MAXIM-MAX32620 Datasheet
3Mb / 17P
   MAX32620, MAX32621 Evaluation Kits
Rev 2; 2/17
MAX32620 MAXIM-MAX32620 Datasheet
3Mb / 17P
   Micro-USB Type-B Connection to the IC is USB Device Controller
Rev 2; 2/17
MAX32620-EVKIT MAXIM-MAX32620-EVKIT Datasheet
3Mb / 17P
   Micro-USB Type-B Connection to the IC is USB Device Controller
Rev 2; 2/17
MAX32620-EVKIT# MAXIM-MAX32620-EVKIT# Datasheet
3Mb / 17P
   Micro-USB Type-B Connection to the IC is USB Device Controller
Rev 2; 2/17
More results

Similar Description - MAX32626IWY+T

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OVM6211 OMNIVISION-OVM6211 Datasheet
1Mb / 2P
   Wearable Devices
OV6946 OMNIVISION-OV6946 Datasheet
774Kb / 2P
   Wearable Devices
OVM9724 OMNIVISION-OVM9724 Datasheet
714Kb / 2P
   Wearable Devices
logo
Maxim Integrated Produc...
MAX30112 MAXIM-MAX30112 Datasheet
707Kb / 40P
   Wrist-Worn Wearable Devices
Rev 0; 5/17
logo
Illinois Capacitor, Inc...
RJD2032C1 ILLINOISCAPACITOR-RJD2032C1 Datasheet
521Kb / 10P
   Wearable electronic & IoT devices ??Memory backup circuits
logo
Vishay Siliconix
VCNL3036 VISHAY-VCNL3036 Datasheet
226Kb / 16P
   High Resolution Digital Biosensor for Wearable Applications
logo
Richtek Technology Corp...
RT4730 RICHTEK-RT4730 Datasheet
362Kb / 17P
   Power Solution for Wearable AMOLED Products
logo
Kingbright Corporation
TA40-11EWA KINGBRIGHT-TA40-11EWA Datasheet
231Kb / 6P
   The High Efficiency Red Source color Devices
L796BID KINGBRIGHT-L796BID Datasheet
119Kb / 5P
   The High Efficiency Red Source Color Devices
logo
Maxim Integrated Produc...
MAX32660 MAXIM-MAX32660 Datasheet
604Kb / 25P
   Ultra-Low Power Arm Cortex-M4 with FPU-Based Microcontroller for Wearable and IoT Sensors
Rev 1; 4/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com