Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

356194-1 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 356194-1
Description  Reasons for reissue are provided in Section 7, REVISION SUMMARY.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

356194-1 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  356194-1 Datasheet HTML 1Page - TE Connectivity Ltd 356194-1 Datasheet HTML 2Page - TE Connectivity Ltd 356194-1 Datasheet HTML 3Page - TE Connectivity Ltd 356194-1 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Seating Tool
Assembly
356198--1 (Ref)
CHAMP .050 Series I
Blindmate Press--Fit
Vertical Receptacle
Connector (Ref)
PC Board Support
Fixture (Ref)
Compliant Pin Contact
(Board Retention Feature)
PC (Printed
Circuit) Board
(Ref)
Instruction Sheet
Seating Tool Assemblies 1320142- [ ] and 356198- [ ]
For CHAMP* .050 Series I Blindmate Press- Fit
408--4328
LOC B
1
of 4
E
2011 Tyco Electronics Corporation, a TE Connectivity Ltd. Company
All Rights Reserved
*Trademark
TE Connectivity, TE connectivity (logo), and TE (logo) are trademarks. Other logos, product and/or Company names may be trademarks of their respective owners.
TOOLING ASSISTANCE CENTER 1--800--722--1111
PRODUCT INFORMATION 1--800--522--6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.te.com
28 APR 11 Rev C
Connectors with Compliant Pin Contacts
SEATING
TOOL
NO. OF
CONNECTOR
ROWS
CONNECTOR
TYPE
1320142--1
40
Extended
Height
1320142--2
80
Height
Press--Fit
356198--1
80
356198--2
40
Press--Fit
356198--3
20
Figure 1
1. INTRODUCTION
Seating Tool Assemblies 1320142--[ ] and 356198--[ ]
are designed to seat CHAMP .050 Series I Blindmate
press--fit and extended height press--fit vertical
receptacle connectors. The connectors contain
compliant pin contacts to allow solderless pc board
installation. Each seating tool is specifically designed
for the number of rows in a connector. See Figure 1.
Read these instructions and understand them before
using the seating tool.
Dimensions on this sheet are in metric units [with
U.S. customary units in brackets]. Figures are not
drawn to scale.
Reasons for reissue are provided in Section 7,
REVISION SUMMARY.
2. DESCRIPTION
During seating, the seating tool covers the connector
and presses on the top surface of the connector when
the applicator ram applies force to the seating tool.
The pc board is positioned onto a pc board support
fixture for support.
3. REQUIREMENTS
3.1. PC Board Support Fixture (Customer Supplied)
A pc board support must be used to provide proper
support for the pc board and alignment of the seating
tool to the contacts, and to protect the pc board and
and connector from damage. The board support
fixture must be designed for specific needs using the
recommendations in Instruction Sheet 408--6927.
NOTE
i


Similar Part No. - 356194-1

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3561 ASM-SENSOR-3561 Datasheet
2Mb / 4P
   BATTERY HiTESTER
logo
Pomona Electronics
3561 POMONA-3561 Datasheet
129Kb / 2P
   Banana Jack To #12, 16, 20 & 22 Pin
logo
List of Unclassifed Man...
3561 ETC2-3561 Datasheet
1Mb / 16P
   Drywall Punch
logo
Pomona Electronics
3561-0 POMONA-3561-0 Datasheet
129Kb / 2P
   Banana Jack To #12, 16, 20 & 22 Pin
3561-2 POMONA-3561-2 Datasheet
129Kb / 2P
   Banana Jack To #12, 16, 20 & 22 Pin
More results

Similar Description - 356194-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-4090 MACOM-408-4090 Datasheet
163Kb / 3P
   Reasons for reissue are provided in Section 7, REVISION SUMMARY
408-9243 MACOM-408-9243 Datasheet
183Kb / 4P
   Reasons for reissue are provided in Section 7, REVISION SUMMARY.
408-10033 MACOM-408-10033 Datasheet
205Kb / 6P
   Reasons for reissue are provided in Section 8, REVISION SUMMARY.
408-10175 MACOM-408-10175 Datasheet
340Kb / 7P
   Reasons for reissue are provided in Section 8, REVISION SUMMARY.
408-10029 MACOM-408-10029 Datasheet
237Kb / 9P
   Reasons for reissue are provided in Section 8, REVISION SUMMARY.
logo
TE Connectivity Ltd
408-8848 TEC-408-8848 Datasheet
488Kb / 6P
   Reasons for reissue are provided in Section 8, REVISION SUMMARY.
logo
Tyco Electronics
408-1826 MACOM-408-1826 Datasheet
186Kb / 4P
   Reasons for reissue are given in Section 7, REVISION SUMMARY.
logo
TE Connectivity Ltd
408-9911 TEC-408-9911 Datasheet
86Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
logo
Tyco Electronics
408-8394 MACOM-408-8394 Datasheet
107Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
408-10055 MACOM-408-10055 Datasheet
113Kb / 2P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com