Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

356194-2 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 356194-2
Description  Reasons for reissue are provided in Section 7, REVISION SUMMARY.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

356194-2 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  356194-2 Datasheet HTML 1Page - TE Connectivity Ltd 356194-2 Datasheet HTML 2Page - TE Connectivity Ltd 356194-2 Datasheet HTML 3Page - TE Connectivity Ltd 356194-2 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
408- 4328
3
of 4
Rev C
5. MAINTENANCE AND INSPECTION
The seating tool is assembled and inspected before
shipment. TE Connectivity recommends that the tool
be inspected immediately upon arrival at your facility
to ensure that the tool has not been damaged during
shipment, and that the tool conforms to the
dimensions provided in Figure 3.
5.1. Daily Maintenance
TE recommends that each operator be made aware
of, and responsible for, the following steps of daily
maintenance:
1. Remove dust, moisture, and contaminants with
a clean, soft brush or a lint--free cloth. Do NOT use
objects that could damage the tool components.
2. When the tool is not in use, store it in a clean,
dry area.
5.2. Periodic Inspection
Regular inspections should be performed by quality
control personnel. A record of scheduled inspections
should remain with the tooling or be supplied to
supervisory personnel responsible for the tool.
Inspection frequency should be based on amount of
use, working conditions, operator training and skill,
and established standards.
6. REPLACEMENT AND REPAIR
Refer to Figure 3 for customer--replaceable parts. A
complete inventory should be stocked to prevent
production downtime when replacement of parts is
necessary. Order replacement parts through your TE
representative, or call 1--800--526--5142, or send a
facsimile of your purchase order to 717--986--7605, or
write to:
CUSTOMER SERVICE (038--035)
TYCO ELECTRONICS CORPORATION
PO BOX 3608
HARRISBURG PA 17105--3608
For customer repair service, please contact a TE
representative at 1--800--526--5136.
Dim. A
2
1
38.1 mm
[1.50 in.]
38.02 mm
[1.497 in.]
4
3
DIMENSION A (Length mm [in.]) FOR SEATING TOOL
1320142--1
1320142--2
95.3 [3.75]
50.8 [2.00]
REPLACEMENT PARTS
ITEM
PART NUMBER FOR ASSEMBLY
DESCRIPTION
QTY PER
ITEM
1320142--1
1320142--2
DESCRIPTION
QTY PER
ASSEMBLY
1
1--21002--3
SCREW, Button Head Cap 4--40
2
1
1--21002--3
SCREW, Button Head Cap 4--40
4
2
1320143--1
1320143--2
BLADE, Insertion
2
3
2--21012--8
SCREW, Socket Set 6--32
5
3
2--21012--8
SCREW, Socket Set 6--32
10
4
354698--2
354699--1
ADAPTER
1
Figure 3 (cont’d)


Similar Part No. - 356194-2

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3561 ASM-SENSOR-3561 Datasheet
2Mb / 4P
   BATTERY HiTESTER
logo
Pomona Electronics
3561 POMONA-3561 Datasheet
129Kb / 2P
   Banana Jack To #12, 16, 20 & 22 Pin
logo
List of Unclassifed Man...
3561 ETC2-3561 Datasheet
1Mb / 16P
   Drywall Punch
logo
Pomona Electronics
3561-0 POMONA-3561-0 Datasheet
129Kb / 2P
   Banana Jack To #12, 16, 20 & 22 Pin
3561-2 POMONA-3561-2 Datasheet
129Kb / 2P
   Banana Jack To #12, 16, 20 & 22 Pin
More results

Similar Description - 356194-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-4090 MACOM-408-4090 Datasheet
163Kb / 3P
   Reasons for reissue are provided in Section 7, REVISION SUMMARY
408-9243 MACOM-408-9243 Datasheet
183Kb / 4P
   Reasons for reissue are provided in Section 7, REVISION SUMMARY.
408-10033 MACOM-408-10033 Datasheet
205Kb / 6P
   Reasons for reissue are provided in Section 8, REVISION SUMMARY.
408-10175 MACOM-408-10175 Datasheet
340Kb / 7P
   Reasons for reissue are provided in Section 8, REVISION SUMMARY.
408-10029 MACOM-408-10029 Datasheet
237Kb / 9P
   Reasons for reissue are provided in Section 8, REVISION SUMMARY.
logo
TE Connectivity Ltd
408-8848 TEC-408-8848 Datasheet
488Kb / 6P
   Reasons for reissue are provided in Section 8, REVISION SUMMARY.
logo
Tyco Electronics
408-1826 MACOM-408-1826 Datasheet
186Kb / 4P
   Reasons for reissue are given in Section 7, REVISION SUMMARY.
logo
TE Connectivity Ltd
408-9911 TEC-408-9911 Datasheet
86Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
logo
Tyco Electronics
408-8394 MACOM-408-8394 Datasheet
107Kb / 3P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
408-10055 MACOM-408-10055 Datasheet
113Kb / 2P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com