Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX40000 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX40000
Description  1.7V, 0.9μA Comparators with Built-in Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX40000 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX40000 Datasheet HTML 6Page - Maxim Integrated Products MAX40000 Datasheet HTML 7Page - Maxim Integrated Products MAX40000 Datasheet HTML 8Page - Maxim Integrated Products MAX40000 Datasheet HTML 9Page - Maxim Integrated Products MAX40000 Datasheet HTML 10Page - Maxim Integrated Products MAX40000 Datasheet HTML 11Page - Maxim Integrated Products MAX40000 Datasheet HTML 12Page - Maxim Integrated Products MAX40000 Datasheet HTML 13Page - Maxim Integrated Products MAX40000 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Detailed Description
The MAX40000/MAX40001 feature an on-board
voltage reference with ±1% initial accuracy. This family
of comparators with internal references are available in
multiple voltage reference options. The Ordering
Information table provides exact part numbers associated
with a particular voltage reference option. The common-
mode voltage range of this family extends 200mV beyond
the rails, allowing signals slightly beyond the rails to
trigger the comparator. The 2.5mV internal hysteresis
ensures clean output switching even with slow moving
input signals. Large internal output drivers allow rail-to-rail
output swing with up to ±2mA loads.
The output stage employs a unique design that minimizes
supply current surges while switching, virtually eliminating
supply glitches typical of many other comparators. The
MAX40000 has a push-pull output stage that sinks as
well as sources current. The MAX40001 has an open-
drain output stage that can be pulled beyond VDD to a
maximum of 5.5V above GND. Multiple comparators with
open-drain outputs (OUT) can be connected together in
parallel and share a single pullup resistor. This enables
user to detect if there is any fault if at least one comparator
trips different to other comparators.
Input Stage Circuitry
The input common-mode voltage range extends from
- 0.2V to VDD + 0.2V. These comparators operate at any
differential input voltage within these limits. Input bias cur-
rent is typically ±1nA if the input voltage is between the
supply rails.
Output Stage Structure
The devices contain a unique break-before-make output
stage capable of rail-to-rail operation with up to ±2mA
loads. Many comparators consume orders of magnitude
more current during switching than during steady-state
operation. In the Typical Operating Characteristics,
the Supply Current vs. Output Transition Frequency
graphs show the minimal supply-current increase as the
output switching frequency approaches 1kHz. This
characteristic reduces the need for power-supply filter
capacitors to reduce glitches created by comparator
switching currents. In battery-powered applications, this
characteristic results in a substantial increase in battery life.
Voltage Reference
The MAX40000/MAX40001 come with different internal
voltage reference options that has initial accuracy of ±1%.
1.252V, 1.6V, 1.9V, and 2.2V options of internal voltage
references are available. The devices’ internal reference
has a typical temperature coefficient of 15ppm/°C over
the full -40°C to +125°C temperature range. The reference
is a very-low-power bandgap cell, with a maximum 10kΩ
output impedance. REF pin can source and sink up to
100nA to external circuitry. For applications that need
increased drive, buffer REF with a low input-bias current
op amp such as the MAX44265. Most applications require
no bypass capacitor on REF pin.
MAX40000
MAX40001
REF
GND
IM
OUT
IP
VDD
REF
MAX40000/MAX40001
1.7V, 0.9µA Comparators with
Built-in Reference
www.maximintegrated.com
Maxim Integrated │ 10
Functional Diagram


Similar Part No. - MAX40000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX40000 MAXIM-MAX40000 Datasheet
1Mb / 7P
   -0.2V to VDD 0.2 Input Voltage Range
Rev 2; 6/17
MAX40000EVKIT MAXIM-MAX40000EVKIT Datasheet
1Mb / 7P
   -0.2V to VDD 0.2 Input Voltage Range
Rev 2; 6/17
MAX40000EVKIT# MAXIM-MAX40000EVKIT# Datasheet
1Mb / 7P
   -0.2V to VDD 0.2 Input Voltage Range
Rev 2; 6/17
More results

Similar Description - MAX40000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX49017 MAXIM-MAX49017 Datasheet
735Kb / 18P
   1.7V, Dual microPower Comparator with Built-In Reference
2020
logo
Hotchip Technology Co.,...
HT3582DM HOTCHIP-HT3582DM Datasheet
1,004Kb / 6P
   Built-in reference source
logo
Analog Devices
ADCMP670 AD-ADCMP670 Datasheet
121Kb / 14P
   Dual Comparators with 400mV Reference
Rev. PrB
logo
Linear Technology
LTC1841 LINER-LTC1841_15 Datasheet
232Kb / 12P
   Ultralow Power Dual Comparators with Reference
LTC1843 LINER-LTC1843_15 Datasheet
232Kb / 12P
   Ultralow Power Dual Comparators with Reference
logo
Maxim Integrated Produc...
MAX9644_1110 MAXIM-MAX9644_1110 Datasheet
256Kb / 11P
   Low-Power Comparators with Precision Reference in 4-Bump UCSP
Rev 1; 10/11
logo
Analog Devices
ADCMP343 AD-ADCMP343_15 Datasheet
346Kb / 12P
   Comparators and Reference with Programmable Hysteresis
REV. A
logo
Linear Technology
LTC1444 LINER-LTC1444_15 Datasheet
237Kb / 14P
   Ultralow Power Quad Comparators with Reference
logo
Maxim Integrated Produc...
MAX9644 MAXIM-MAX9644 Datasheet
294Kb / 11P
   Low-Power Comparators with Precision Reference in 4-Bump UCSP
Rev 0; 3/11
logo
Linear Technology
LTC1445 LINER-LTC1445_15 Datasheet
237Kb / 14P
   Ultralow Power Quad Comparators with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com