Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90548GSPF Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB90548GSPF
Description  16-bit Proprietary Microcontroller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90548GSPF Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB90548GSPF Datasheet HTML 1Page - Fujitsu Component Limited. MB90548GSPF Datasheet HTML 2Page - Fujitsu Component Limited. MB90548GSPF Datasheet HTML 3Page - Fujitsu Component Limited. MB90548GSPF Datasheet HTML 4Page - Fujitsu Component Limited. MB90548GSPF Datasheet HTML 5Page - Fujitsu Component Limited. MB90548GSPF Datasheet HTML 6Page - Fujitsu Component Limited. MB90548GSPF Datasheet HTML 7Page - Fujitsu Component Limited. MB90548GSPF Datasheet HTML 8Page - Fujitsu Component Limited. MB90548GSPF Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 67 page
background image
MB90540/540G/545/545G Series
4
s
s
s
s PRODUCT LINEUP
(Continued)
Features
MB90F543/F549
MB90F543G (S) /F548G (S)
MB90F549G (S) /F546G (S)
MB90F548GL(S)
MB90543G (S) *1
MB90547G (S) *1
MB90548G (S)
MB90549G (S)
MB90V540/V540G
CPU
F2MC-16LX CPU
System clock
On-chip PLL clock multiplier (
×1, ×2, ×3, ×4, 1/2 when PLL stop)
Minimum instruction exection time : 62.5 ns (4 MHz osc. PLL
× 4)
ROM
Flash memory
MB90F543/F543G(S)/
F548G(S) / F548GL(S) :
128 K
MB90F549/F549G(S)/
F546G(S) : 256 K
Mask ROM :
MB90547G(S): 64 K
MB90543G(S)/548G(S):
128 K
MB90549G(S): 256 K
External
RAM
MB90F548G(S)/F548GL(S):
4 Kbytes
MB90F543/F549/F543G (S) /
F549G(S) : 6 Kbytes
MB90F546G(S) : 8 Kbytes
MB90547G(S): 2 Kbytes
MB90548G(S): 4 Kbytes
MB90543G(S)/549G(S):
6 Kbytes
8 Kbytes
Clocks
MB90F543/F549/F543G/
F548G/F549G/F546G/F548GL
: Two clocks system
MB90F543GS/F548GS/
F549GS/F546GS/F548GLS
: One clock system
MB90543G/547G/548G/
549G : Two clocks system
MB90543GS/547GS/
548GS/549GS
: One clock system
Two clocks system*2
Operating voltage
range
*5
Temperature range
MB90F543/F549:
−40 °C to 85 °C
Other than MB90F543/F549:
−40 °C to 105 °C
Package
QFP100, LQFP100
PGA-256
Emulator-specify
power supply*3
None
UART0
Full duplex double buffer
Support asynchronous/synchronous (with start/stop bit) transfer
Baud rate : 4808/5208/9615/10417/19230/38460/62500/500000 bps (asynchronous)
500 K/1 M/2 Mbps (synchronous) at System clock
= 16 MHz
UART1
(SCI)
Full duplex double buffer
Asynchronous (start-stop synchronized) and CLK-synchronous communication
Baud rate : 1202/2404/4808/9615/19230/31250/38460/62500 bps (asynchronous)
62.5 K/125 K/250 K/500 K/1 M/2 Mbps (synchronous) at 6, 8, 10, 12, 16 MHz
Serial I/O
Transfer can be started from MSB or LSB
Supports internal clock synchronized transfer and external clock synchronized transfer
Supports positive-edge and nagative-edge clock synchronization
Baud rate : 31.25 K/62.5 K/125 K/500 K/1 Mbps at System clock
= 16 MHz
A/D Converter
10-bit or 8-bit resolution
8 input channels
Conversion time : 26.3
µs (per one channel)


Similar Part No. - MB90548GSPF

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB90548GSPF CYPRESS-MB90548GSPF Datasheet
5Mb / 70P
   CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
More results

Similar Description - MB90548GSPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com