Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-7882 Datasheet(PDF) 2 Page - California Eastern Labs

Part # MC-7882
Description  NECs 870 MHz GaAs CATV POWER DOUBLER AMPLIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

MC-7882 Datasheet(HTML) 2 Page - California Eastern Labs

  MC-7882 Datasheet HTML 1Page - California Eastern Labs MC-7882 Datasheet HTML 2Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MC 7881, 7882, 7883, 7884
ABSOLUTE
MAXIMUM RATINGS1 (TCASE= 25 °C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VDD
Supply Voltage
V
30
VI
Input Voltage (Single Tone)2
dBmV
65
TC
Operating Case Temperature
°C
-30 to +100
TSTG
Storage Temperature
°C
-40 to +100
Note:
1. Operation in excess of any one of these parameters may result
in permanent damage.
2. Maximum single channel power applied to the input for 1 minute
with no measurable degradation in performance.
SYMBOLS
PARAMETERS
UNITS
MIN
TYP
MAX
VDD
Supply Voltage
V
23.5
24.0
24.5
Vi
Input Voltage1, MC-7881
dBmV
36.0
39.0
MC-7882
34.0
37.0
MC-7883
32.0
35.0
MC-7884
29.0
32.0
TC
Operating Case
°C
-30
+25
+85
Temperature
RECOMMENDED
OPERATING CONDITIONS (Zs = ZL = 75Ω)
Note:
1. Test Conditions: 110 Channels, 10 dB tilted across the band.
1. The space between PC board and root of the lead should be
kept more than 1 mm to prevent undesired stress on the lead and
also should be kept less than 4 mm to prevent undesired parasitic
inductance.
Recommended space is 2.0 to 3.0 mm typical.
2. Recommended torque strength of the screw is 59 to 78 Ncm.
3. Form the ground pattern as wide as possible to minimize ground
impedance. (to prevent undesired oscillation)
All the ground pins must be connected together with wide ground
pattern to decrease impedance difference.
NOTES ON CORRECT USE
This product should be soldered in the following recommended
conditions. Other soldering methods and conditions than the
recommended conditions are to be consulted with our sales
representatives.
RECOMMENDED SOLDERING CONDITIONS
Soldering
Soldering
Condition
Method
Conditions
Symbol
Pin Part Heating
Pin area temperature: less
than 260°C1
Hour: Within 2 sec./pin
Note.
1. The point of pin part heating must be kept at a distance of more
than 1.2 mm from the root of lead.
Note:
1. Measured per US standard methods and procedures (using selective level meter).
ELECTRICAL CHARACTERISTICS, cont. (TA = 30±5 °C, VDD = 24 V, ZS = ZL = 75 Ω)
PART NUMBER
MC-7881
MC-7882
MC-7883
MC-7884
SYMBOLS CHARACTERISTICS
UNITS
MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP MAX
TEST CONDITIONS
IDD
Operating Current
mA
310
360
310
360
310
360
310
360
RF OFF
CTB
Composite Triple Beat
dBc
-60
-60
-60
-60
110 Channels,
XMod
Cross Modulation1
dBc
-55
-55
-55
-55
VOUT = 52 dBmV at
CSO
Composite Second Order
dBc
-63
-63
-63
-63
745.25 MHz, 10 dB tilted
across the band
PART NUMBER
PACKAGE
QUANTITY
MC-7881
7-pin special with heatsink
50pcs max/ Tray
MC-7882
7-pin special with heatsink
50pcs max/ Tray
MC-7883
7-pin special with heatsink
50pcs max/ Tray
MC-7884
7-pin special with heatsink
50pcs max/ Tray
ORDERING INFORMATION
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably
be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and
agree to fully indemnify CEL for all damages resulting from such improper use or sale.
A Business Partner of NEC
Compound Semiconductor Devices, Ltd.
03/16/2003


Similar Part No. - MC-7882

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
MC-7882 CEL-MC-7882 Datasheet
290Kb / 7P
   870 MHz CATV 20 dB POWER DOUBLER AMPLIFIER
logo
NEC
MC-7882 NEC-MC-7882 Datasheet
39Kb / 6P
   GaAs MULTI-CHIP MODULE
logo
Renesas Technology Corp
MC-7882 RENESAS-MC-7882 Datasheet
280Kb / 8P
   GaAs MULTI-CHIP MODULE
2006
logo
California Eastern Labs
MC-7882-AZ CEL-MC-7882-AZ Datasheet
290Kb / 7P
   870 MHz CATV 20 dB POWER DOUBLER AMPLIFIER
logo
Renesas Technology Corp
MC-7882-AZ RENESAS-MC-7882-AZ Datasheet
280Kb / 8P
   GaAs MULTI-CHIP MODULE
2006
More results

Similar Description - MC-7882

ManufacturerPart #DatasheetDescription
logo
NEC
MC-7845 NEC-MC-7845 Datasheet
108Kb / 2P
   NECs 870 MHz GaAs CATV POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7847-KC CEL-MC-7847-KC_07 Datasheet
229Kb / 3P
   NECs 870 MHz GaAs CATV 25 dB POWER DOUBLER AMPLIFIER
MC-7831 CEL-MC-7831 Datasheet
209Kb / 3P
   NECs 870 MHz GaAs CATV PUSH-PULL AMPLIFIER
MC-7834-KC CEL-MC-7834-KC_07 Datasheet
234Kb / 3P
   NECs 870 MHz GaAs CATV 20 dB PUSH-PULL AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7845_2015 JMNIC-MC-7845_2015 Datasheet
41Kb / 6P
   870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
MC-7846_2015 JMNIC-MC-7846_2015 Datasheet
41Kb / 6P
   870 MHz CATV 22 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7881 CEL-MC-7881 Datasheet
290Kb / 7P
   870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER
MC-7882 CEL-MC-7882 Datasheet
290Kb / 7P
   870 MHz CATV 20 dB POWER DOUBLER AMPLIFIER
logo
ANADIGICS, Inc
ACA2401 ANADIGICS-ACA2401 Datasheet
242Kb / 16P
   750/870 MHz CATV Power Doubler Line Amplifier
ACA2407E ANADIGICS-ACA2407E Datasheet
194Kb / 12P
   750/870 MHz CATV Power Doubler Line Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com