Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33972 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC33972
Description  Multiple Switch Detection Interface with Suppressed Wake-Up
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33972 Datasheet(HTML) 1 Page - Motorola, Inc

  MC33972 Datasheet HTML 1Page - Motorola, Inc MC33972 Datasheet HTML 2Page - Motorola, Inc MC33972 Datasheet HTML 3Page - Motorola, Inc MC33972 Datasheet HTML 4Page - Motorola, Inc MC33972 Datasheet HTML 5Page - Motorola, Inc MC33972 Datasheet HTML 6Page - Motorola, Inc MC33972 Datasheet HTML 7Page - Motorola, Inc MC33972 Datasheet HTML 8Page - Motorola, Inc MC33972 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Simplified Application Diagram
33972
VBAT
VBAT
SP0
SP1
SP7
SG0
SG1
SG12
SG13
VPWR
VDD
AMUX
WAKE
GND
INT
SO
SI
SCLK
CS
MCU
AN0
INT
MISO
MOSI
SCLK
CS
Power Supply
LVI
Watchdog
Reset
Enable
VBAT
VDD
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
33972 Simplified Application Diagram
This document contains information on a new product.
Specifications and information herein are subject to change without notice.
© Motorola, Inc. 2004
Document order number: MC33972
Rev 3.0, 12/2004
33972
Advance Information
Multiple Switch Detection Interface
with Suppressed Wake-Up
The 33972 Multiple Switch Detection Interface with Suppressed Wake-Up is
designed to detect the closing and opening of up to 22 switch contacts. The
switch status, either open or closed, is transferred to the microprocessor unit
(MCU) through a serial peripheral interface (SPI). The device also features a
22-to-1 analog multiplexer for reading inputs as analog. The analog input
signal is buffered and provided on the AMUX output terminal for the MCU to
read.
The 33972 device has two modes of operation, Normal and Sleep. Normal
mode allows programming of the device and supplies switch contacts with
pullup or pulldown current as it monitors switch change of state. The Sleep
mode provides low quiescent current, which makes the 33972 ideal for
automotive and industrial products requiring low sleep state currents.
Features
• Designed to Operate 5.5 V
≤ VPWR ≤ 26 V
• Switch Input Voltage Range -14 V to VPWR, 40 V Max
• Interfaces Directly to Microprocessor Using 3.3 V/5.0 V SPI Protocol
• Selectable Wake-Up on Change of State
• Selectable Wetting Current (16 mA or 2.0 mA)
• 8 Programmable Inputs (Switches to Battery or Ground)
• 14 Switch-to-Ground Inputs
•VPWR Standby Current 100 µA Typical, VDD Standby Current 20 µA
Typical
• Active Interrupt (INT) on Change-of-Switch State
• Pb-Free Packaging Designated by Suffix Code EW
MULTIPLE SWITCH
DETECTION INTERFACE WITH
SUPPRESSED WAKE-UP
DWB SUFFIX
EW (Pb-FREE) SUFFIX
CASE 1324-02
32-TERMINAL SOICW
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33972DWB/R2
-40
°C to 125°C
32 SOICW
MC33972EW/R2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33972

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33972 FREESCALE-MC33972 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
MC33972 FREESCALE-MC33972 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up
MC33972 FREESCALE-MC33972 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
logo
NXP Semiconductors
MC33972 NXP-MC33972 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 20, 8/2023
logo
Freescale Semiconductor...
MC33972A FREESCALE-MC33972A Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up
More results

Similar Description - MC33972

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33972 FREESCALE-MC33972 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
NXP Semiconductors
MC34972 NXP-MC34972 Datasheet
1Mb / 31P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 1.0, 9/2013
logo
Freescale Semiconductor...
33972 FREESCALE-33972_09 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
MC33972 FREESCALE-MC33972_08 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
NXP Semiconductors
MC33972 NXP-MC33972 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 20, 8/2023
logo
Freescale Semiconductor...
33975 FREESCALE-33975 Datasheet
881Kb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up and 32mA Wetting Current
33975 FREESCALE-33975_08 Datasheet
1Mb / 34P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32mA Wetting Current
MC33975ATEK FREESCALE-MC33975ATEK Datasheet
883Kb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
logo
NXP Semiconductors
MC33975 NXP-MC33975 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
Rev 12.0, 08/2023
logo
Motorola, Inc
MC33993 MOTOROLA-MC33993 Datasheet
869Kb / 28P
   Multiple Switch Detection Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com