Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THC63LVD1023B Datasheet(PDF) 3 Page - California Eastern Labs

Part # THC63LVD1023B
Description  160MHz 67Bits LVDS Transmitter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

THC63LVD1023B Datasheet(HTML) 3 Page - California Eastern Labs

  THC63LVD1023B Datasheet HTML 1Page - California Eastern Labs THC63LVD1023B Datasheet HTML 2Page - California Eastern Labs THC63LVD1023B Datasheet HTML 3Page - California Eastern Labs THC63LVD1023B Datasheet HTML 4Page - California Eastern Labs THC63LVD1023B Datasheet HTML 5Page - California Eastern Labs THC63LVD1023B Datasheet HTML 6Page - California Eastern Labs THC63LVD1023B Datasheet HTML 7Page - California Eastern Labs THC63LVD1023B Datasheet HTML 8Page - California Eastern Labs THC63LVD1023B Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
THC63LVD1023B_Rev.3.0_E
Copyright©2011 THine Electronics, Inc.
3/26
THine Electronics, Inc.
Pin Description
Pin Name
Pin #
Type
Description
ASYNC=L
ASYNC=H
TA1+, TA1-
70, 71
LVDS
OUT
The 1st Link.
The 1st pixel output data when Dual-Link.
TB1+, TB1-
68, 69
TC1+, TC1-
64, 65
TD1+, TD1-
58, 59
TE1+, TE1-
56, 57
TCLK1+, TCLK1-
62, 63
LVDS Clock Out for 1st and 2nd Link.
TA2+, TA2-
52, 53
The 2nd Link.
These pins are disabled when Single Link.
TB2+, TB2-
50, 51
TC2+, TC2-
46, 47
TD2+, TD2-
40, 41
TE2+, TE2-
38, 39
TCLK2+, TCLK2-
44, 45
See following table.
Case1: LVDS Clock out for 2nd link.
Case2: LVDS Clock out for 1st link.
Case3: Additional LVDS Clock out.
Identical to TCLK1+/-
Case4: Not available (High-Impedance)
R19 ~ R10
TB12~TB10,
TA16~TA10
87 - 84,
81 - 76
IN
ASYNC=L
The 1st Pixel Data Inputs.
ASYNC=H
Data Inputs.
G19 ~ G10
TC15~TC10,
TB16~TB13
99 - 95,
92 - 88
B19 ~ B10
TE11~TE10,
TD16~TD10,
TC16
112 -110,
108 -106,
103 - 100
R29 ~ R20
TA24~TA20,
TE16~TE12
124 - 115
IN
ASYNC=L
The 2nd Pixel Data Inputs.
ASYNC=H
Data Inputs.
G29 ~ G20
TC20,
TB26~TB20,
TA26~TA25
136 - 127
B29 ~ B20
TD23~TD20,
TC26~TC21
6, 5, 2, 1,
144 - 139
ASYNC
MODE0
MODE1
MODE2
Description
Hx
x
L
Case1
Hx
x
H
Case2
LL
x
x
Case3
LH
L
x
Case4
LH
H
L
Case4
LH
H
H
Case3


Similar Part No. - THC63LVD1023B

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC63LVD1023B THINE-THC63LVD1023B Datasheet
174Kb / 26P
   160MHz 67Bits LVDS Transmitter
logo
California Eastern Labs
THC63LVD1023B CEL-THC63LVD1023B Datasheet
1Mb / 12P
   LVDS Dual Link Evaluation Board
More results

Similar Description - THC63LVD1023B

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC63LVD1023B THINE-THC63LVD1023B Datasheet
174Kb / 26P
   160MHz 67Bits LVDS Transmitter
THC63LVD823B THINE-THC63LVD823B_15 Datasheet
314Kb / 22P
   160MHz 51Bits LVDS Transmitter
THC63LVD823B THINE-THC63LVD823B Datasheet
170Kb / 21P
   160MHz 51Bits LVDS Transmitter
THC63LVD103D THINE-THC63LVD103D_15 Datasheet
755Kb / 18P
   160MHz 30bit COLOR LVDS TRANSMITTER
THC63LVD103D THINE-THC63LVD103D Datasheet
110Kb / 12P
   160MHz 30Bits COLOR LVDS Transmitter
THC63LVD1024 THINE-THC63LVD1024 Datasheet
162Kb / 23P
   135MHz 67Bits LVDS Receiver
THC63LVD1024 THINE-THC63LVD1024_15 Datasheet
211Kb / 22P
   135MHz 67Bits LVDS Receiver
logo
California Eastern Labs
THC63LVD1024 CEL-THC63LVD1024_16 Datasheet
961Kb / 23P
   135MHz 67Bits LVDS Receiver
logo
Texas Instruments
SN65LVDS93 TI-SN65LVDS93 Datasheet
192Kb / 14P
[Old version datasheet]   LVDS SERDES TRANSMITTER
logo
Rohm
BU8254KVT ROHM-BU8254KVT_13 Datasheet
456Kb / 21P
   35bit LVDS Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com