Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THC63LVD1024 Datasheet(PDF) 11 Page - California Eastern Labs

Part # THC63LVD1024
Description  135MHz 67Bits LVDS Receiver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

THC63LVD1024 Datasheet(HTML) 11 Page - California Eastern Labs

Back Button THC63LVD1024_16 Datasheet HTML 7Page - California Eastern Labs THC63LVD1024_16 Datasheet HTML 8Page - California Eastern Labs THC63LVD1024_16 Datasheet HTML 9Page - California Eastern Labs THC63LVD1024_16 Datasheet HTML 10Page - California Eastern Labs THC63LVD1024_16 Datasheet HTML 11Page - California Eastern Labs THC63LVD1024_16 Datasheet HTML 12Page - California Eastern Labs THC63LVD1024_16 Datasheet HTML 13Page - California Eastern Labs THC63LVD1024_16 Datasheet HTML 14Page - California Eastern Labs THC63LVD1024_16 Datasheet HTML 15Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
THC63LVD1024_Rev.3.02_E
Copyright©2015 THine Electronics, Inc.
10/23
THine Electronics, Inc.
Security E
VCC/2
VCC/2
VCC/2
CLKOUT
Rxn, Gxn, Bxn
x = 1,2
n = 0~9
VCC/2
VCC/2
tRCP
Fig5. CLKOUT Position and Setup/Hold Timing
tRS
tRH
R/F=H
R/F=L
R/F=H
R/F=L
R/F=H
R/F=L
6
tDOUT
28
--------------------
7
tDOUT
28
--------------------
VCC/2
VCC/2
tDOUT
HSYNC,VSYNC
DE
CONT11,12
CONT21,22
6
tDOUT
28
--------------------
7
tDOUT
28
--------------------
AC Timing Diagrams
VCC/2
VCC/2
VCC/2
tRCP
tRCH
tRCL
CLKOUT
VCC/2
Fig4. CLKOUT Period and High/Low Time
TTL Output
TTL Output Load
20%
80%
20%
80%
tTLH
tTHL
Fig3. CMOS/TTL Output Load and Transition Time


Similar Part No. - THC63LVD1024_16

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC63LVD1024 THINE-THC63LVD1024_15 Datasheet
211Kb / 22P
   135MHz 67Bits LVDS Receiver
More results

Similar Description - THC63LVD1024_16

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC63LVD1024 THINE-THC63LVD1024 Datasheet
162Kb / 23P
   135MHz 67Bits LVDS Receiver
THC63LVD1024 THINE-THC63LVD1024_15 Datasheet
211Kb / 22P
   135MHz 67Bits LVDS Receiver
THC63LVD1023B THINE-THC63LVD1023B Datasheet
174Kb / 26P
   160MHz 67Bits LVDS Transmitter
logo
California Eastern Labs
THC63LVD1023B CEL-THC63LVD1023B Datasheet
237Kb / 26P
   160MHz 67Bits LVDS Transmitter
logo
THine Electronics, Inc.
THC63LVD103 THINE-THC63LVD103 Datasheet
107Kb / 12P
   135MHz 30Bits COLOR LVDS Transmitter
THC63LVD824 THINE-THC63LVD824 Datasheet
219Kb / 15P
   Single(135MHz)/Dual(170MHz) Link LVDS Receiver for XGA/SXGA/SXGA/UXGA
logo
Texas Instruments
SN65LVDS96 TI-SN65LVDS96 Datasheet
188Kb / 14P
[Old version datasheet]   LVDS SERDES RECEIVER
logo
Rohm
BU90LV048 ROHM-BU90LV048_11 Datasheet
434Kb / 15P
   4bit LVDS Receiver
logo
Texas Instruments
SN65LVDS94DGGG4 TI-SN65LVDS94DGGG4 Datasheet
457Kb / 17P
[Old version datasheet]   LVDS SERDES RECEIVER
logo
Semtech Corporation
SK1303 SEMTECH-SK1303 Datasheet
105Kb / 6P
   LVDS Receiver/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com