Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THC63LVD1027 Datasheet(PDF) 2 Page - California Eastern Labs

Part # THC63LVD1027
Description  Dual Link LVDS Repeater
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

THC63LVD1027 Datasheet(HTML) 2 Page - California Eastern Labs

  THC63LVD1027_15 Datasheet HTML 1Page - California Eastern Labs THC63LVD1027_15 Datasheet HTML 2Page - California Eastern Labs THC63LVD1027_15 Datasheet HTML 3Page - California Eastern Labs THC63LVD1027_15 Datasheet HTML 4Page - California Eastern Labs THC63LVD1027_15 Datasheet HTML 5Page - California Eastern Labs THC63LVD1027_15 Datasheet HTML 6Page - California Eastern Labs THC63LVD1027_15 Datasheet HTML 7Page - California Eastern Labs THC63LVD1027_15 Datasheet HTML 8Page - California Eastern Labs THC63LVD1027_15 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
THC63LVD1027_Rev.4.00_E
Copyright©2015 THine Electronics, Inc.
1
THine Electronics, Inc.
Security E
THC63LVD1027
Dual Link LVDS Repeater
General Description
The THC63LVD1027 LVDS(Low Voltage Differential
Signaling) repeater is designed to support pixel data
transmission between Host and Flat Panel Display up to
WUXGA resolution.
THC63LVD1027 receives the dual link LVDS data streams
and transmits the LVDS data through various line rate
conversion modes, Dual Link Input / Dual Link Output,
Single Link Input / Dual Link Output, and Dual Link Input /
Single Link Output.
Features
30bits/pixel dual link LVDS Receiver
30bits/pixel dual Link LVDS Transmitter
Operating Temperature Range : -40ºC~85ºC
Wide LVDS input skew margin: ± 480ps at 75MHz
Accurate LVDS output timing: ± 250ps at 75MHz
Reduced swing LVDS output mode supported to
suppress the system EMI
Various line rate conversion modes supported
Dual link input / Dual link output [clkout=1x clkin]
Single link input / Dual link output [clkout=1/2x clkin]
Dual link input / Single link output [clkout=2x clkin]
Distribution (signal duplication) mode supported
Power down mode supported
3.3V single voltage power supply
No external components required for PLLs
64pin TSSOP with Exposed PAD (0.5mm lead pitch)
Block Diagram
Figure 1.
Block Diagram


Similar Part No. - THC63LVD1027_15

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC63LVD1027 THINE-THC63LVD1027_15 Datasheet
798Kb / 23P
   Dual Link LVDS Repeater
More results

Similar Description - THC63LVD1027_15

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC63LVD1027 THINE-THC63LVD1027_15 Datasheet
798Kb / 23P
   Dual Link LVDS Repeater
THC63LVD1027 THINE-THC63LVD1027 Datasheet
349Kb / 22P
   85MHz 10Bits Dual LVDS Repeater
logo
Pericom Semiconductor C...
PI90LV024 PERICOM-PI90LV024_04 Datasheet
432Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LV024 PERICOM-PI90LV024 Datasheet
151Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LV044 PERICOM-PI90LV044 Datasheet
461Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
logo
California Eastern Labs
THEVA1023B CEL-THEVA1023B Datasheet
1Mb / 12P
   LVDS Dual Link Evaluation Board
THEVA1027 CEL-THEVA1027 Datasheet
1Mb / 8P
   LVDS Dual Link Evaluation Board
logo
Pericom Semiconductor C...
PI90LV03 PERICOM-PI90LV03 Datasheet
337Kb / 7P
   SOTiny LVDS Repeater
PI90LV022 PERICOM-PI90LV022 Datasheet
182Kb / 12P
   LVDS Mux/Repeater
logo
Texas Instruments
SN65MLVD128 TI-SN65MLVD128 Datasheet
186Kb / 16P
[Old version datasheet]   1:8 LVTTL TO M-LVDS REPEATER DUAL 1:4 LVTTL TO M-LVDS REPEATER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com