Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFBC40 Datasheet(PDF) 7 Page - Harris Corporation

Part # IRFBC40
Description  6.2A and 5.4A, 600V, 1.2 and 1.6 Ohm, N-Channel Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

IRFBC40 Datasheet(HTML) 7 Page - Harris Corporation

  IRFBC40 Datasheet HTML 1Page - Harris Corporation IRFBC40 Datasheet HTML 2Page - Harris Corporation IRFBC40 Datasheet HTML 3Page - Harris Corporation IRFBC40 Datasheet HTML 4Page - Harris Corporation IRFBC40 Datasheet HTML 5Page - Harris Corporation IRFBC40 Datasheet HTML 6Page - Harris Corporation IRFBC40 Datasheet HTML 7Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
5-7
IRFBC40, IRFBC42
FIGURE 19. GATE CHARGE TEST CIRCUIT
FIGURE 20. GATE CHARGE WAVEFORMS
Test Circuits and Waveforms (Continued)
0.3
µF
12V
BATTERY
50k
VDS
S
DUT
D
G
IG(REF)
0
(ISOLATED
VDS
0.2
µF
CURRENT
REGULATOR
ID CURRENT
SAMPLING
IG CURRENT
SAMPLING
SUPPLY)
RESISTOR
RESISTOR
SAME TYPE
AS DUT
Qg(TOT)
Qgd
Qgs
VDS
0
VGS
VDD
IG(REF)
0


Similar Part No. - IRFBC40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRFBC40 STMICROELECTRONICS-IRFBC40 Datasheet
92Kb / 8P
   N - CHANNEL 600V - 1.0ohm - 6.2 A - TO-220 PowerMESH] MOSFET
logo
Intersil Corporation
IRFBC40 INTERSIL-IRFBC40 Datasheet
55Kb / 7P
   6.2A, 600V, 1.200 Ohm, N-Channel Power MOSFET
logo
International Rectifier
IRFBC40 IRF-IRFBC40 Datasheet
97Kb / 8P
   Power MOSFET(Vdss=600V, Rds(on)max=1.2ohm, Id=6.2A)
logo
Vishay Siliconix
IRFBC40 VISHAY-IRFBC40 Datasheet
590Kb / 8P
   Power MOSFET
S-81303-Rev. A, 16-Jun-08
logo
Kersemi Electronic Co.,...
IRFBC40 KERSEMI-IRFBC40 Datasheet
2Mb / 7P
   Power MOSFET
More results

Similar Description - IRFBC40

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFAC40 INTERSIL-IRFAC40 Datasheet
67Kb / 7P
   6.2A and 5.4A, 600V, 1.2 and 1.6 Ohm, N-Channel Power MOSFETs
logo
Harris Corporation
IRFD9113 HARRIS-IRFD9113 Datasheet
342Kb / 6P
   -0.6A and -0.7A, -80V and -100V, 1.2 and 1.6 Ohm, P-Channel Power MOSFETs
logo
Intersil Corporation
IRF220 INTERSIL-IRF220 Datasheet
68Kb / 7P
   4.0A and 5.0A, 150V and 200V, 0.8 and 1.2 Ohm, N-Channel Power MOSFETs
IRFBC40 INTERSIL-IRFBC40 Datasheet
55Kb / 7P
   6.2A, 600V, 1.200 Ohm, N-Channel Power MOSFET
IRF9230 INTERSIL-IRF9230 Datasheet
72Kb / 7P
   -5.5A and -6.5A, -150V and -200V, 0.8 and 1.2 Ohm, P-Channel Power MOSFETs
logo
Nanjing International G...
NJ6N60 DGNJDZ-NJ6N60 Datasheet
699Kb / 6P
   6.2A 600V N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
6N60Z UTC-6N60Z Datasheet
200Kb / 6P
   6.2A, 600V N-CHANNEL POWER MOSFET
6N60 UTC-6N60_11 Datasheet
254Kb / 6P
   6.2A, 600V N-CHANNEL POWER MOSFET
logo
Intersil Corporation
IRF420 INTERSIL-IRF420 Datasheet
69Kb / 7P
   2.2A and 2.5A, 450V and 500V, 3.0 and 4.0 Ohm, N-Channel Power MOSFETs
IRFD1Z0 INTERSIL-IRFD1Z0 Datasheet
57Kb / 6P
   0.4A and 0.5A, 60V and 100V, 2.4 and 3.2 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com