Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33984PNA Datasheet(PDF) 10 Page - Motorola, Inc

Part # MC33984PNA
Description  Dual Intelligent High-Current Self-Protected Silicon High-Side Switch (4.0 m??
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33984PNA Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MC33984PNA Datasheet HTML 6Page - Motorola, Inc MC33984PNA Datasheet HTML 7Page - Motorola, Inc MC33984PNA Datasheet HTML 8Page - Motorola, Inc MC33984PNA Datasheet HTML 9Page - Motorola, Inc MC33984PNA Datasheet HTML 10Page - Motorola, Inc MC33984PNA Datasheet HTML 11Page - Motorola, Inc MC33984PNA Datasheet HTML 12Page - Motorola, Inc MC33984PNA Datasheet HTML 13Page - Motorola, Inc MC33984PNA Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
33984
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
10
DYNAMIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions 4.5 V
≤ VDD ≤ 5.5 V, 6.0 V ≤ VPWR ≤ 27 V, -40°C ≤ TJ ≤ 150°C unless otherwise noted. Typical
values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER OUTPUT TIMING
Output Rising Slow Slew Rate A (DICR D3 = 0) (Note 18)
9.0 V < VPWR < 16 V
SRRA_SLOW
0.2
0.6
1.2
V/
µs
Output Rising Slow Slew Rate B (DICR D3 = 0) (Note 19)
9.0 V < VPWR < 16 V
SRRB_SLOW
0.03
0.1
0.3
V/
µs
Output Rising Fast Slew Rate A (DICR D3 = 1) (Note 18)
9.0 V < VPWR < 16 V
SRRA_FAST
0.4
1.0
4.0
V/
µs
Output Rising Fast Slew Rate B (DICR D3 = 1) (Note 19)
9.0 V < VPWR < 16 V
SRRB_FAST
0.03
0.1
1.2
V/
µs
Output Falling Slow Slew Rate A (DICR D3 = 0) (Note 18)
9.0 V < VPWR < 16 V
SRFA_SLOW
0.2
0.6
1.2
V/
µs
Output Falling Slow Slew Rate B (DICR D3 = 0) (Note 19)
9.0 V < VPWR < 16 V
SRFB_SLOW
0.03
0.1
0.3
V/
µs
Output Falling Fast Slew Rate A (DICR D3 = 1) (Note 18)
9.0 V < VPWR < 16 V
SRFA_FAST
0.8
2.0
4.0
V/
µs
Output Falling Fast Slew Rate B (DICR D3 = 1) (Note 19)
9.0 V < VPWR < 16 V
SRFB_FAST
0.1
0.35
1.2
V/
µs
Output Turn-ON Delay Time in Fast/Slow Slew Rate (Note 20)
DICR = 0, DICR = 1
tDLY(ON)
1.0
15
100
µs
Output Turn-OFF Delay Time in Slow Slew Rate Mode (Note 21)
DICR = 0
tDLY_SLOW(OFF)
20
230
500
µs
Output Turn-OFF Delay Time in Fast Slew Rate Mode (Note 21)
DICR = 1
tDLY_FAST(OFF)
10
60
200
µs
Direct Input Switching Frequency (DICR D3 = 0)
fPWM
300
Hz
Notes
18.
Rise and Fall Slew Rates A measured across a 5.0
Ω resistive load at high-side output = 0.5 V to VPWR-3.5 V. These parameters are
guaranteed by process monitoring.
19.
Rise and Fall Slew Rates B measured across a 5.0
Ω resistive load at high-side output = 0.5 V to VPWR-3.5 V. These parameters are
guaranteed by process monitoring.
20.
Turn-ON delay time measured from rising edge of IN[0:1] signal that would turn the output ON to VHS[0:1] = 0.5 V with RL = 5.0 Ω resistive load.
21.
Turn-OFF delay time measured from falling edge that would turn the output OFF to VHS[0:1] = VPWR-0.5 V with RL =5.0 Ω resistive load.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33984PNA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33984 NXP-MC33984 Datasheet
1Mb / 57P
   Dual intelligent high-current self-protected silicon high-side switch (4.0 mOhm)
Rev. 17.0, 07/2023
logo
Freescale Semiconductor...
MC33984BPNA FREESCALE-MC33984BPNA Datasheet
1Mb / 36P
   Dual Intelligent High-Current Self Protected Silicon High-Side Switch (4.0 mohm)
MC33984BPNA/R2 FREESCALE-MC33984BPNA/R2 Datasheet
1Mb / 38P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 m廓)
MC33984BPNAR2 FREESCALE-MC33984BPNAR2 Datasheet
1Mb / 36P
   Dual Intelligent High-Current Self Protected Silicon High-Side Switch (4.0 mohm)
MC33984CHFK FREESCALE-MC33984CHFK Datasheet
952Kb / 38P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 mOhm)
More results

Similar Description - MC33984PNA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33984B FREESCALE-33984B_09 Datasheet
1Mb / 38P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 m廓)
logo
NXP Semiconductors
MC33984 NXP-MC33984 Datasheet
1Mb / 57P
   Dual intelligent high-current self-protected silicon high-side switch (4.0 mOhm)
Rev. 17.0, 07/2023
logo
Freescale Semiconductor...
33984B FREESCALE-33984B Datasheet
1Mb / 36P
   Dual Intelligent High-Current Self Protected Silicon High-Side Switch (4.0 mohm)
33984 FREESCALE-33984 Datasheet
952Kb / 38P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 mOhm)
logo
Motorola, Inc
MC33982 MOTOROLA-MC33982 Datasheet
771Kb / 24P
   Single Intelligent High-Current Self-Protected Silicon High-Side Switch
logo
Freescale Semiconductor...
33988 FREESCALE-33988 Datasheet
1Mb / 34P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0m廓)
33988 FREESCALE-33988_12 Datasheet
919Kb / 34P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0 mOhm)
33982B FREESCALE-33982B_09 Datasheet
840Kb / 36P
   Single Intelligent High-current Self-protected Silicon High Side Switch (2.0 m廓)
33982 FREESCALE-33982_08 Datasheet
820Kb / 35P
   Single Intelligent High-current Self-protected Silicon High Side Switch (2.0m ohm)
33982B FREESCALE-33982B Datasheet
722Kb / 34P
   Single Intelligent High-Current Self-Protected Silicon High-Side Switch (2.0 mohm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com