Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-K71T Datasheet(PDF) 9 Page - Broadcom Corporation.

Part # ACPL-K71T
Description  Qualified to AEC-Q100 Grade 1 Test Guidelines
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-K71T Datasheet(HTML) 9 Page - Broadcom Corporation.

Back Button ACPL-K71T Datasheet HTML 5Page - Broadcom Corporation. ACPL-K71T Datasheet HTML 6Page - Broadcom Corporation. ACPL-K71T Datasheet HTML 7Page - Broadcom Corporation. ACPL-K71T Datasheet HTML 8Page - Broadcom Corporation. ACPL-K71T Datasheet HTML 9Page - Broadcom Corporation. ACPL-K71T Datasheet HTML 10Page - Broadcom Corporation. ACPL-K71T Datasheet HTML 11Page - Broadcom Corporation. ACPL-K71T Datasheet HTML 12Page - Broadcom Corporation. ACPL-K71T Datasheet HTML 13Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Broadcom
- 9 -
ACPL-K71T, ACPL-K72T, ACPL-K74T, and ACPL-K75T
Data Sheet
Performance Plots
Performance Plots
Figure 3 Typical Diode Input Forward Current Characteristic
Figure 4 Typical Output Voltage vs. Input Forward Current
0.01
0.10
1.00
10.00
100.00
1.2
1.3
1.4
1.5
1.6
VF - Forward Voltage - V
Ta = 25°C
IF - Forward Current - mA
0
1
2
3
4
5
00.5
11.5
2
Figure 5 Typical Logic Low Output Voltage vs. Logic Low Output
Current
Figure 6 Typical Logic High Output Voltage vs. Logic High Output
Current
0.000
0.100
0.200
0.300
0.400
0.500
0.600
0.700
024
68
10
IOL - Logic Low Output Current - mA
4.0
4.2
4.4
4.6
4.8
5.0
-10
-8
-6
-4
-2
0
IOH - Logic High Output Current - mA
Figure 7 ACPL-K71T/K74T (High Speed) Typical Propagation Delay
vs. Temperature
Figure 8 ACPL-K71T/K74T (High Speed) Typical Propagation Delay
vs. Input Forward Current
0
5
10
15
20
25
30
35
40
-40
-20
0
20
40
60
80
100
120
140
Temperature - °C
TPHL Vin=4.5V, Rin=390 , Cin=100pF
TPLH
PWD
-5
0
5
10
15
20
25
30
35
40
345
6789
10 11
12 13 14 15
IF - Forward Current - mA
TPHL Rin=390 , Cin=100pF
TPLH Ta=25°C
PWD


Similar Part No. - ACPL-K71T

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-K71T BOARDCOM-ACPL-K71T Datasheet
870Kb / 16P
   Automotive High-Speed Low-Power Digital Optocouplers with R2Coupler짰 Isolation and AEC-Q100
More results

Similar Description - ACPL-K71T

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-31JT BOARDCOM-ACPL-31JT Datasheet
1Mb / 23P
   Qualified to AEC-Q100 Grade 1 test guidelines
ACFL-6211T BOARDCOM-ACFL-6211T Datasheet
477Kb / 13P
   Qualified to AEC Q100 Grade 1 Test Guidelines
logo
AVAGO TECHNOLOGIES LIMI...
ACFL-5211T AVAGO-ACFL-5211T Datasheet
312Kb / 12P
   Qualified to AEC Q100 Grade 1 Guidelines
ACFL-5212T AVAGO-ACFL-5212T Datasheet
343Kb / 12P
   Qualified to AEC Q100 Grade 1 Guidelines
logo
Broadcom Corporation.
ACPL-M49T BOARDCOM-ACPL-M49T Datasheet
533Kb / 12P
   Qualified to Automotive AEC-Q100 Test Guidelines
logo
Rohm
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
   AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
   AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
   AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
   AEC-Q100 Qualified
logo
Murata Manufacturing Co...
935174736710-XXA MURATA1-935174736710-XXA Datasheet
235Kb / 2P
   Qualified according to AEC-Q100
Last updated06/13/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com