Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG-BGA-6355 Datasheet(PDF) 4 Page - Ironwood Electronics.

Part # SG-BGA-6355
Description  Compression plate distributes forces evenly
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-BGA-6355 Datasheet(HTML) 4 Page - Ironwood Electronics.

  SG-BGA-6355 Datasheet HTML 1Page - Ironwood Electronics. SG-BGA-6355 Datasheet HTML 2Page - Ironwood Electronics. SG-BGA-6355 Datasheet HTML 3Page - Ironwood Electronics. SG-BGA-6355 Datasheet HTML 4Page - Ironwood Electronics. SG-BGA-6355 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1.27
20.06
25.725
5.03
2.50
2.50
4X
1.61
THRU ALL
30.725
10.00
16.00 (X4)
1.5875
6.35
Insulation Plate
Backing Plate
15
11
13
2
14
1
12
3
5
8
10
9
6
4
7
Note: Backing plate holes are tapped
to accept 0-80 screws.
SCALE 2:1
ITEM
NO.
PART NUMBER
DESCRIPTION
MATERIAL
1
M1074
Socket base, for 23x3mm IC
7075-T6 Aluminum Alloy
2
M1060
Compression Plate
7075-T6 Aluminum Alloy
3
P10203
IC Guide, 22mm square IC
Torlon 4203
4
P3390
Ball Guide
Kapton Polyimide
5
P3115
Elastomer Guide
Ultem 1000
6 R1549_23mm_square
23mm square 0.75mm thick
0.1mm pitch 63 deg angled
elastomer
Shin-etsu Elastomer
7
P10199
Test Chip
Material <not specified>
8
P10200
Test PCB
Material <not specified>
9
P4531
Insulation plate for 23x23mm IC
FR4 High temp
10
M1364
Backing Plate
7075-T6 Aluminum Alloy
11
M1046
Socket Lid
7075-T6 Aluminum Alloy
12
R1341
Dowel Pin, 1/32" x 3/16", SS
Chrome Stainless Steel
13
R2613
#0-80 Shoulder Screw, 0.090"
thread length
Stainless Steel (303)
14
R1486
#0-80 x 0.5, SH Cap Screw
Alloy Steel
15
M1083
Compression Screw, M18
7075-T6 Aluminum Alloy
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Skt, Insulation Plate, Pin Det
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. B
DATE: 2/17/2012
Material: N/A
Finish: N/A
Weight: 36.50
SG-BGA-6355 Drawing
SCALE: 2:1
SHEET: 4 OF 5
ENG: S. Huang
FILE: SG-BGA-6355
DRAWN BY: S. Huang


Similar Part No. - SG-BGA-6355

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6353 IRONWOOD-SG-BGA-6353 Datasheet
342Kb / 5P
   Compression plate distributes forces evenly
SG-BGA-6356 IRONWOOD-SG-BGA-6356 Datasheet
450Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6357 IRONWOOD-SG-BGA-6357 Datasheet
75Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6358 IRONWOOD-SG-BGA-6358 Datasheet
264Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6359 IRONWOOD-SG-BGA-6359 Datasheet
938Kb / 5P
   Compression plate distributes forces evenly
More results

Similar Description - SG-BGA-6355

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-QFN12E-01 IRONWOOD-SS-QFN12E-01 Datasheet
78Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7058 IRONWOOD-SG-BGA-7058 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7123 IRONWOOD-SG-BGA-7123 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7246 IRONWOOD-SG-BGA-7246 Datasheet
373Kb / 5P
   Compression plate distributes forces evenly
SG-QFE-7000 IRONWOOD-SG-QFE-7000 Datasheet
44Kb / 3P
   Compression plate distributes forces evenly
XG-LGA-7000 IRONWOOD-XG-LGA-7000 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
XG-LGA-7004 IRONWOOD-XG-LGA-7004 Datasheet
583Kb / 4P
   Compression plate distributes forces evenly
XG-QFN-9000 IRONWOOD-XG-QFN-9000 Datasheet
43Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6184 IRONWOOD-SG-BGA-6184 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6147 IRONWOOD-SG-BGA-6147 Datasheet
96Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6113 IRONWOOD-SG-BGA-6113 Datasheet
38Kb / 3P
   Compression plate distributes forces evenly
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com