Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS322600PDXNBXXZL-PF Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # TS322600PDXNBXXZL-PF
Description  TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

TS322600PDXNBXXZL-PF Datasheet(HTML) 3 Page - Advanced Crystal Technology

  TS322600PDXNBXXZL-PF Datasheet HTML 1Page - Advanced Crystal Technology TS322600PDXNBXXZL-PF Datasheet HTML 2Page - Advanced Crystal Technology TS322600PDXNBXXZL-PF Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
(V)TSK3225 Series
TCXO/VC‐TCXO, 3.2 x 2.5mm, Clipped sine wave
 Drawing control: (Internal use only)
 Commodity code: 854370 90 99
 Issue number : 1
Date : 11042016
Internal reference : Skr
Solder reflow profile
Test circuit 
Advanced Crystal Technology (A wholly owned Acal BFi Company)
Tel: +44 (0) 118 978 8878  Email info@actcrystals.com / www.actcrystals.com 
ISO9001 Registered 
Specifications subject to change without notification 
Clipped sine waveform
Temp.( °C)
Time (sec.)
180 ± 10°C
90~120 sec. max
0.45 in
260 ± 5°C
10 sec. max
300
250
200
150
100
50
0
220 ± 10°C
30~40 sec. max


Similar Part No. - TS322600PDXNBXXZL-PF

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
TS3200S ZSELEC-TS3200S Datasheet
143Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
logo
Transcend Information. ...
TS320GSJ25C TRANSCEND-TS320GSJ25C Datasheet
106Kb / 3P
   SATA HDD Enclosure
TS320GSJ25F TRANSCEND-TS320GSJ25F Datasheet
364Kb / 2P
   External HDD
TS320GSJ25P TRANSCEND-TS320GSJ25P Datasheet
156Kb / 3P
   SATA HDD Enclosure
logo
Zibo Seno Electronic En...
TS320S ZSELEC-TS320S Datasheet
143Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
More results

Similar Description - TS322600PDXNBXXZL-PF

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
TCSW32 ACT-TCSW32 Datasheet
779Kb / 3P
   TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
TX32SA ACT-TX32SA Datasheet
671Kb / 2P
   TCXO, 3.2 x 2.5mm, Clipped sine wave
24062016
TCSW53 ACT-TCSW53 Datasheet
778Kb / 3P
   TCXO/VC-TCXO, 5.0 x 3.2mm, Clipped sine wave
12042016
TCSW75LC ACT-TCSW75LC Datasheet
780Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
11042016
TCSW75 ACT-TCSW75 Datasheet
781Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
11042016
logo
QUARTZCOM the communica...
VT7-302 QUARTZCOM-VT7-302 Datasheet
113Kb / 1P
   SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
logo
Advanced Crystal Techno...
TX32CC ACT-TX32CC Datasheet
591Kb / 2P
   TCXO/VC-TCXO, 3.2 x 2.5mm, HCMOS/TTL
25042016
logo
QUARTZCOM the communica...
VT7-705-C QUARTZCOM-VT7-705-C Datasheet
101Kb / 1P
   SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
VT7-252 QUARTZCOM-VT7-252 Datasheet
115Kb / 1P
   Miniature SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
logo
Advanced Crystal Techno...
TX20SA ACT-TX20SA Datasheet
648Kb / 2P
   TCXO, 2.0 x 1.6mm, Clipped sine wave
25042016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com