Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T140A105K020AS4250 Datasheet(PDF) 3 Page - Kemet Corporation

Part # T140A105K020AS4250
Description  T140 Series Axial MIL?밣RF??9003 Polar Type and T242 (CSR23 Style)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T140A105K020AS4250 Datasheet(HTML) 3 Page - Kemet Corporation

  T140A105K020AS4250 Datasheet HTML 1Page - Kemet Corporation T140A105K020AS4250 Datasheet HTML 2Page - Kemet Corporation T140A105K020AS4250 Datasheet HTML 3Page - Kemet Corporation T140A105K020AS4250 Datasheet HTML 4Page - Kemet Corporation T140A105K020AS4250 Datasheet HTML 5Page - Kemet Corporation T140A105K020AS4250 Datasheet HTML 6Page - Kemet Corporation T140A105K020AS4250 Datasheet HTML 7Page - Kemet Corporation T140A105K020AS4250 Datasheet HTML 8Page - Kemet Corporation T140A105K020AS4250 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2034_T140_AXIAL_T242 • 6/27/2016
33
Tantalum Through-Hole Capacitors – Hermetically Sealed
T140 Series Axial MIL–PRF–39003 Polar Type and T242 (CSR23 Style)
Performance Characteristics
Item
Performance Characteristics
Operating Temperature
-55°Cto125°C
RatedCapacitanceRange
0.82–1,200μFat120Hz/25°C
Capacitance Tolerance
K Tolerance (10%), M Tolerance (20%)
RatedVoltageRange
6–60V
DF(120Hzat25°C)
RefertoPartNumberElectricalSpecificationTable
ESRandImpedance(100kHzat25°C)
RefertoPartNumberElectricalSpecificationTable(forreferenceonly)
Leakage Current
RefertoPartNumberElectricalSpecificationTable(atratedvoltageupto+85°Cand2/3ofrated
voltageappliedat125°C)
FailureRate(MIL–39003,CSR13capacitorsonly)
Approvedfailurerate:S(0.001%/khours)-Exponential,D(0.001%/khours)-Graded
Dimensions – Inches (Millimeters)
SIDE VIEW
END VIEW
L
B
1.50 ±0.250
(38.10 ±6.35)
D
+
C
1.50 ±0.250
(38.10 ±6.35)
Case
Size
Uninsulated
Insulated
D±0.005
±(0.13)
L ±0.031
±(0.79)
D±0.010
±(0.25)
L ±0.031
±(0.79)
B ±0.002
±(0.05)
C
Maximum
A
0.125
(3.18)
0.250
(6.35)
0.135
(3.43)
0.286
(7.26)
0.020
(0.51)
0.422
(10.72)
B
0.175
(4.45)
0.438
(11.13)
0.185
(4.70)
0.474
(12.04)
0.020
(0.51)
0.610
(15.49)
C
0.279
(7.09)
0.650
(16.51)
0.289
(7.34)
0.686
(17.42)
0.025
(0.64)
0.822
(20.88)
D
0.341
(8.66)
0.750
(19.05)
0.351
(8.92)
0.786
(19.96)
0.025
(0.64)
0.922
(23.42)


Similar Part No. - T140A105K020AS4250

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T140A105K050ASC KEMET-T140A105K050ASC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T140A105K050BSC KEMET-T140A105K050BSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T140A105K050CSC KEMET-T140A105K050CSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T140A105K050DSC KEMET-T140A105K050DSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T140A105K050MSC KEMET-T140A105K050MSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
More results

Similar Description - T140A105K020AS4250

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T110 KEMET-T110 Datasheet
809Kb / 26P
   Series Axial MIL?밣RF??9003 Polar Type and T212 (CSR13 Style)
T110A105K050AT7200 KEMET-T110A105K050AT7200 Datasheet
1Mb / 26P
   T110 Series Axial MIL-PRF-39003 Polar Type and T212 (CSR13 Style)
T32XA474M035AT KEMET-T32XA474M035AT Datasheet
576Kb / 15P
   T322 and T323 Series MIL?밣RF??9137/1 and 5 (CX01 and CX05 Style)
logo
Vishay Siliconix
EKSU VISHAY-EKSU Datasheet
101Kb / 6P
   Aluminum Capacitors Radial Style Non-Polar
Revision: 24-Jun-08
logo
RFE international
TN331M0JTR080160 RFE-TN331M0JTR080160 Datasheet
86Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR TN Series: Axial Non-Polar
logo
Amphenol Corporation
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
logo
RFE international
TB330M1HTR160380 RFE-TB330M1HTR160380 Datasheet
76Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS TB/TBL Series: Axial, Bi-Polar
logo
Amphenol Corporation
MS3102A14S-7S AMPHENOL-MS3102A14S-7S Datasheet
1Mb / 54P
   MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
logo
Vishay Siliconix
EBUEBT VISHAY-EBUEBT Datasheet
97Kb / 7P
   Aluminum Capacitors Axial Non-Polar Capacitor Styles
Revision: 11-Jun-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com