Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T140C105K020AS4250 Datasheet(PDF) 2 Page - Kemet Corporation

Part # T140C105K020AS4250
Description  T140 Series Axial MIL?밣RF??9003 Polar Type and T242 (CSR23 Style)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T140C105K020AS4250 Datasheet(HTML) 2 Page - Kemet Corporation

  T140C105K020AS4250 Datasheet HTML 1Page - Kemet Corporation T140C105K020AS4250 Datasheet HTML 2Page - Kemet Corporation T140C105K020AS4250 Datasheet HTML 3Page - Kemet Corporation T140C105K020AS4250 Datasheet HTML 4Page - Kemet Corporation T140C105K020AS4250 Datasheet HTML 5Page - Kemet Corporation T140C105K020AS4250 Datasheet HTML 6Page - Kemet Corporation T140C105K020AS4250 Datasheet HTML 7Page - Kemet Corporation T140C105K020AS4250 Datasheet HTML 8Page - Kemet Corporation T140C105K020AS4250 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2034_T140_AXIAL_T242 • 6/27/2016
22
Tantalum Through-Hole Capacitors – Hermetically Sealed
T140 Series Axial MIL–PRF–39003 Polar Type and T242 (CSR23 Style)
Ordering Information – T140
T
140
A
105
K
050
A
S
7200
Capacitor
Class
Series
Case
Size
Capacitance Code
(pF)
Capacitance
Tolerance
RatedVoltage
(VDC)
FailureRate/Military
ProductOnly
Termination
Finish
Specification
T =
Tantalum
Hermetically
Sealed Axial
Capacitor
A, B,
C,D
Firsttwodigits
representsignificant
figures.Thirddigit
specifiesnumberof
zeros.
K = ±10%
M = ±20%
006 = 6
010 = 10
015 = 15
020 = 20
030 = 30
035 = 35
060 = 60
050 = 50
060 = 60
A = N/A
S = Standard
(Sn/Pb)
T = 100% Tin
All capacitors are sleeved
unlessspecified.
0100 = Without sleeve 7200
=Tape&Reel
7293 & 7443 = Ammo
4250=10cycles,25°C
afterWeibull
4251=10cycles,-55&
85°CafterWeibull
4252=10cycles,-55&
85°CbeforeWeibull
Ordering Information – T242 (CSR23 Style)
T
242
A
105
K
050
A
S
C
Capacitor
Class
Series
Case
Size
Capacitance Code
(pF)
Capacitance
Tolerance
RatedVoltage
(VDC)
FailureRate/Military
ProductOnly
Termination
Finish
Specification
T =
Tantalum
T242 =
CSR23
A, B,
C,D
Firsttwodigits
representsignificant
figures.Thirddigit
specifiesnumberof
zeros.
K = ±10%
M = ±20%
006 = 6
010 = 10
015 = 15
020 = 20
030 = 30
035 = 35
060 = 60
050 = 50
060 = 60
Graded:
B = 0.1%/k hours
C = 0.01%/k hours
D=0.001%/khours
G = 1.0%/k hours
Exponential:
M = 1%/k hours
P = 0.1%/k hours
R=0.01%/khours
S = 0.001%/k hours
S = Standard All capacitors are sleeved
unlessspecified.
0100 = Without sleeve
7200=Tape&Reel
7293 & 7443= Ammo
4250=10cycles,25°C
afterWeibull
4251=10cycles,-55&
85°CafterWeibull
4252=10cycles,-55&
85°CbeforeWeibull
Ordering Information – MIL–PRF 39003
M39003
/03
3075
A
Capacitor Class
Slash
DashNumber
Surge Option
Military
Specification
Number
Specification
SheetNumber
FailureRate
Level
A = C-4250
B = C-4251
C = C-4252
Blank - No surge
Orders should be entered by the military specification number, including the dash number and surge option letter (A, B or C).


Similar Part No. - T140C105K020AS4250

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T140C105K050ASC KEMET-T140C105K050ASC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T140C105K050BSC KEMET-T140C105K050BSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T140C105K050CSC KEMET-T140C105K050CSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T140C105K050DSC KEMET-T140C105K050DSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T140C105K050MSC KEMET-T140C105K050MSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
More results

Similar Description - T140C105K020AS4250

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T110 KEMET-T110 Datasheet
809Kb / 26P
   Series Axial MIL?밣RF??9003 Polar Type and T212 (CSR13 Style)
T110A105K050AT7200 KEMET-T110A105K050AT7200 Datasheet
1Mb / 26P
   T110 Series Axial MIL-PRF-39003 Polar Type and T212 (CSR13 Style)
T32XA474M035AT KEMET-T32XA474M035AT Datasheet
576Kb / 15P
   T322 and T323 Series MIL?밣RF??9137/1 and 5 (CX01 and CX05 Style)
logo
Vishay Siliconix
EKSU VISHAY-EKSU Datasheet
101Kb / 6P
   Aluminum Capacitors Radial Style Non-Polar
Revision: 24-Jun-08
logo
RFE international
TN331M0JTR080160 RFE-TN331M0JTR080160 Datasheet
86Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR TN Series: Axial Non-Polar
logo
Amphenol Corporation
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
logo
RFE international
TB330M1HTR160380 RFE-TB330M1HTR160380 Datasheet
76Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS TB/TBL Series: Axial, Bi-Polar
logo
Amphenol Corporation
MS3102A14S-7S AMPHENOL-MS3102A14S-7S Datasheet
1Mb / 54P
   MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
logo
Vishay Siliconix
EBUEBT VISHAY-EBUEBT Datasheet
97Kb / 7P
   Aluminum Capacitors Axial Non-Polar Capacitor Styles
Revision: 11-Jun-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com