Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THC63LVDM83D Datasheet(PDF) 5 Page - THine Electronics, Inc.

Part # THC63LVDM83D
Description  24bit COLOR LVDS TRANSMITTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THC63LVDM83D Datasheet(HTML) 5 Page - THine Electronics, Inc.

  THC63LVDM83D_16 Datasheet HTML 1Page - THine Electronics, Inc. THC63LVDM83D_16 Datasheet HTML 2Page - THine Electronics, Inc. THC63LVDM83D_16 Datasheet HTML 3Page - THine Electronics, Inc. THC63LVDM83D_16 Datasheet HTML 4Page - THine Electronics, Inc. THC63LVDM83D_16 Datasheet HTML 5Page - THine Electronics, Inc. THC63LVDM83D_16 Datasheet HTML 6Page - THine Electronics, Inc. THC63LVDM83D_16 Datasheet HTML 7Page - THine Electronics, Inc. THC63LVDM83D_16 Datasheet HTML 8Page - THine Electronics, Inc. THC63LVDM83D_16 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
THC63LVDM83D_Rev.4.20_E
Copyright©2015 THine Electronics, Inc.
4/17
THine Electronics, Inc.
Security E
Absolute Maximum Ratings
Parameter
Min
Max
Unit
Supply Voltage (VCC)
-0.3
+4.0
V
LVCMOS Input Voltage
-0.3
VCC + 0.3
V
LVDS Output Pin
-0.3
VCC + 0.3
V
Output Current
-30
30
mA
Junction Temperature
-+125
C
Storage Temperature
-55
+150
C
Reflow Peak Temperature
-+260
C
Reflow Peak Temperature Time
-
10
sec
Maximum Power Dissipation @+25 C
-1.8
W
Table 2. Absolute Maximum Ratings
Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Unit
-
All Supply Voltage
3.0
3.3
3.6
V
Ta
Operating Ambient Temperature
0
25
+70
C
-
Clock Frequency
8
-
160
MHz
Table 3. Recommended Operating Conditions
“Absolute Maximum Ratings” are those values beyond which the safety of the device can not be guaranteed.
They are not meant to imply that the device should be operated at these limits. The tables of “Electrical
Characteristics Table4, 5, 6, 7” specify conditions for device operation.
“Absolute Maximum Rating” value also includes behavior of overshooting and undershooting.
Equivalent LVDS Output Schematic Diagram
Figure 3. LVDS Output Schematic Diagram


Similar Part No. - THC63LVDM83D_16

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC63LVDM83D THINE-THC63LVDM83D_17 Datasheet
668Kb / 17P
   24bit COLOR LVDS TRANSMITTER
More results

Similar Description - THC63LVDM83D_16

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC36LVD827-Q THINE-THC36LVD827-Q Datasheet
941Kb / 19P
   24Bit COLOR LVDS TRANSMITTER
THC63LVDM83D THINE-THC63LVDM83D_17 Datasheet
668Kb / 17P
   24bit COLOR LVDS TRANSMITTER
THC63LVDM83E THINE-THC63LVDM83E Datasheet
333Kb / 13P
   SMALL PACKAGE / 24Bit COLOR LVDS TRANSMITTER
THC63LVDM83D-Z THINE-THC63LVDM83D-Z Datasheet
1Mb / 17P
   24bit COLOR OPEN LDI(LVDS) TRANSMITTER
THC63LVDM83E THINE-THC63LVDM83E_15 Datasheet
468Kb / 14P
   SMALL PACKAGE / 24Bit COLOR LVDS TRANSMITTER
THC63LVDM87 THINE-THC63LVDM87_15 Datasheet
273Kb / 13P
   LOW POWER / SMALL PACKAGE / 24Bit COLOR LVDS TRANSMITTER
THC63LVD827 THINE-THC63LVD827 Datasheet
345Kb / 19P
   LOW POWER / SMALL PACKAGE / 24Bit COLOR LVDS TRANSMITTER
THC63LVDM87 THINE-THC63LVDM87 Datasheet
123Kb / 12P
   LOW POWER / SMALL PACKAGE / 24Bit COLOR LVDS TRANSMITTER
THC63LVDR84C THINE-THC63LVDR84C_16 Datasheet
456Kb / 15P
   24bit Color LVDS Receiver
THC63LVDF84B THINE-THC63LVDF84B_16 Datasheet
1Mb / 16P
   24bit COLOR LVDS RECEIVER (Falling Edge Clock)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com