Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG-BGA-6302 Datasheet(PDF) 3 Page - Ironwood Electronics.

Part # SG-BGA-6302
Description  Ball guide prevents over compression of elastomer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-BGA-6302 Datasheet(HTML) 3 Page - Ironwood Electronics.

  SG-BGA-6302 Datasheet HTML 1Page - Ironwood Electronics. SG-BGA-6302 Datasheet HTML 2Page - Ironwood Electronics. SG-BGA-6302 Datasheet HTML 3Page - Ironwood Electronics. SG-BGA-6302 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE 3 of 4
Status: Released
Drawing: E Smolentseva
Scale: -
Date: 3/3/10
File: SG-BGA-6302 Dwg.mcd
SG-BGA-6302 Drawing
© 2010 IRONWOOD ELECTRONICS, INC.
11351 Rupp Dr. Ste 400 Burnsville, MN 55337
Tele: (952) 229-8200
www.ironwoodelectronics.com
Rev: A
Modified:
D
E
Y
X
Ø0.25
Ø0.10
Z X Y
Øb
3
TOP VIEW
SIDE VIEW
Compatible BGA Spec
0.20
BOTTOM VIEW
e
DETAIL
DIM
MIN
MAX
A
2.5
A1
0.3
b
0.7
D
E
e
35.0 BSC
35.0 BSC
1.00 BSC
3
4
5
Dimensions are in millimeters.
Interpret dimensions and tolerances
per ASME Y14.5M-1994.
Dimension b is measured at the
maximum solder ball diameter, parallel
to datum plane Z.
Datum Z (seating plane) is defined by
the spherical crowns of the solder balls.
Parallelism measurement shall exclude
any effect of mark on top surface of
package.
1.
2.
Array 34x34
0.5
30mm
30mm
A
A1
DETAIL
0.2 Z
Z
0.20 Z
5
4


Similar Part No. - SG-BGA-6302

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6300 IRONWOOD-SG-BGA-6300 Datasheet
86Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6301 IRONWOOD-SG-BGA-6301 Datasheet
218Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6303 IRONWOOD-SG-BGA-6303 Datasheet
51Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6304 IRONWOOD-SG-BGA-6304 Datasheet
135Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6305 IRONWOOD-SG-BGA-6305 Datasheet
104Kb / 4P
   Compression plate distributes forces evenly
More results

Similar Description - SG-BGA-6302

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6095 IRONWOOD-SG-BGA-6095 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6096 IRONWOOD-SG-BGA-6096 Datasheet
95Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6020 IRONWOOD-SG-BGA-6020 Datasheet
154Kb / 4P
   Ball guide prevents over compression of elastomer
SG-MLF-7093 IRONWOOD-SG-MLF-7093 Datasheet
542Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6105 IRONWOOD-SG-BGA-6105 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6107 IRONWOOD-SG-BGA-6107 Datasheet
123Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6041 IRONWOOD-SG-BGA-6041 Datasheet
129Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6035 IRONWOOD-SG-BGA-6035 Datasheet
183Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6033 IRONWOOD-SG-BGA-6033 Datasheet
76Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6045 IRONWOOD-SG-BGA-6045 Datasheet
93Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6044 IRONWOOD-SG-BGA-6044 Datasheet
60Kb / 3P
   Ball guide prevents over compression of elastomer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com