Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10K3A1D Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 10K3A1D
Description  Thermally conductive epoxy coating
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

10K3A1D Datasheet(HTML) 2 Page - TE Connectivity Ltd

  10K3A1D Datasheet HTML 1Page - TE Connectivity Ltd 10K3A1D Datasheet HTML 2Page - TE Connectivity Ltd 10K3A1D Datasheet HTML 3Page - TE Connectivity Ltd 10K3A1D Datasheet HTML 4Page - TE Connectivity Ltd 10K3A1D Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
10K3A1 SERIES 1
Thermistor
SENSOR SOLUTIONS //10K3A1 Series 1
09/2015
Page 2
FEATURES
Interchangeability
Proven Stability and Reliability
Rapid time response
Alloy lead wires for reduced thermal conductivity
("stem effect")
Thermally Conductive Epoxy Coating
Temperature range -40 ºC to +125ºC
APPLICATIONS
Temperature sensing, control and compensation
Tight Tolerance Instrumentation
Assembly into probes for a wide variety of
applications
General Instrumentation applications
PERFORMANCE SPECS
Parameters
Units
Value
Resistance @ +25°C
Ohms
10,000
10K3A1A Resistance tolerance from 0°C to +70°C
°C
0.1
10K3A1B Resistance tolerance from 0°C to +70°C
°C
0.2
10K3A1C Resistance tolerance from 0°C to +70°C
°C
0.5
10K3A1D Resistance tolerance from 0°C to +70°C
°C
1.0
Alpha Value @ 25°C
%/°C
4.39
Beta Value 25/85
K
3976
Tolerance on Beta Value 25/85
%
0.5
Time response in Liquids
Seconds
<1
Dissipation Constant in still air
mW/°C
0.75


Similar Part No. - 10K3A1D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10K3A1D ETC2-10K3A1D Datasheet
57Kb / 2P
   Fast time response (1 second typical in
10K3A1D ETC2-10K3A1D Datasheet
60Kb / 2P
   Series 1 BetaCurve Bare leaded Thermistors
More results

Similar Description - 10K3A1D

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
10K3A1AM TEC-10K3A1AM Datasheet
110Kb / 4P
   Thermally conductive epoxy coating
2.2K3A1I TEC-2.2K3A1I Datasheet
119Kb / 4P
   Thermally conductive epoxy coating
logo
3M Electronics
TC-2810 3M-TC-2810 Datasheet
234Kb / 4P
   3M??Thermally Conductive Epoxy Adhesive TC-2810
TC-2707 3M-TC-2707 Datasheet
239Kb / 4P
   3M??Thermally Conductive Epoxy Adhesive TC-2707
logo
List of Unclassifed Man...
LB-EA-1805 ETC2-LB-EA-1805 Datasheet
333Kb / 2P
   Thermally Conductive, Two-Part,Liquid Epoxy Adhesive
logo
Ohmite Mfg. Co.
RES-MINIMOX OHMITE-RES-MINIMOX Datasheet
350Kb / 2P
   Silicone or epoxy coating
logo
Abracon Corporation
AISC-1210 ABRACON-AISC-1210 Datasheet
2Mb / 4P
   Epoxy coating protects wound wire
12.28.12
logo
List of Unclassifed Man...
A10113-81 ETC2-A10113-81 Datasheet
225Kb / 2P
   Thermally Conductive Insulators
logo
Laird Tech Smart Techno...
TNC-4 LSTD-TNC-4 Datasheet
750Kb / 3P
   Thermally Conductive Insulators
logo
T-Global Technology
TGKXTW TGLOBAL-TGKXTW Datasheet
613Kb / 2P
   Thermal Conductive Epoxy
Version 2.140218
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com