Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM416S1120D Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # KM416S1120D
Description  512K x 16bit x 2 Banks Synchronous DRAM LVTTL
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KM416S1120D Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  KM416S1120D Datasheet HTML 1Page - List of Unclassifed Manufacturers KM416S1120D Datasheet HTML 2Page - List of Unclassifed Manufacturers KM416S1120D Datasheet HTML 3Page - List of Unclassifed Manufacturers KM416S1120D Datasheet HTML 4Page - List of Unclassifed Manufacturers KM416S1120D Datasheet HTML 5Page - List of Unclassifed Manufacturers KM416S1120D Datasheet HTML 6Page - List of Unclassifed Manufacturers KM416S1120D Datasheet HTML 7Page - List of Unclassifed Manufacturers KM416S1120D Datasheet HTML 8Page - List of Unclassifed Manufacturers KM416S1120D Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
KM416S1120D
CMOS SDRAM
- 4 -
Rev. 1.4 (Jun. 1999)
VDD
DQ0
DQ1
VSSQ
DQ2
DQ3
VDDQ
DQ4
DQ5
VSSQ
DQ6
DQ7
VDDQ
LDQM
WE
CAS
RAS
CS
BA
A10/AP
A0
A1
A2
A3
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
PIN CONFIGURATION (TOP VIEW)
VSS
DQ15
DQ14
VSSQ
DQ13
DQ12
VDDQ
DQ11
DQ10
VSSQ
DQ9
DQ8
VDDQ
N.C/RFU
UDQM
CLK
CKE
N.C
A9
A8
A7
A6
A5
A4
VSS
50PIN TSOP (II)
(400mil x 825mil)
(0.8 mm PIN PITCH)
PIN FUNCTION DESCRIPTION
Pin
Name
Input Function
CLK
System Clock
Active on the positive going edge to sample all inputs.
CS
Chip Select
Disables or enables device operation by masking or enabling all inputs except
CLK, CKE and L(U)DQM
CKE
Clock Enable
Masks system clock to freeze operation from the next clock cycle.
CKE should be enabled at least one cycle prior to new command.
Disable input buffers for power down in standby.
A0 ~ A10/AP
Address
Row / column addresses are multiplexed on the same pins.
Row address : RA0 ~ RA10, column address : CA0 ~ CA7
BA
Bank Select Address
Selects bank to be activated during row address latch time.
Selects bank for read/write during column address latch time.
RAS
Row Address Strobe
Latches row addresses on the positive going edge of the CLK with RAS low.
Enables row access & precharge.
CAS
Column Address Strobe
Latches column addresses on the positive going edge of the CLK with CAS low.
Enables column access.
WE
Write Enable
Enables write operation and row precharge.
Latches data in starting from CAS, WE active.
L(U)DQM
Data Input/Output Mask
Makes data output Hi-Z, tSHZ after the clock and masks the output.
Blocks data input when L(U)DQM active.
DQ0 ~ 15
Data Input/Output
Data inputs/outputs are multiplexed on the same pins.
VDD/VSS
Power Supply/Ground
Power and ground for the input buffers and the core logic.
VDDQ/VSSQ
Data Output Power/Ground
Isolated power supply and ground for the output buffers to provide improved noise
immunity.
N.C/RFU
No Connection/
Reserved for Future Use
This pin is recommended to be left No Connection on the device.


Similar Part No. - KM416S1120D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM416S1120D SAMSUNG-KM416S1120D Datasheet
1Mb / 43P
   512K x 16bit x 2 Banks Synchronous DRAM LVTTL
KM416S1120DT-G/F10 SAMSUNG-KM416S1120DT-G/F10 Datasheet
1Mb / 43P
   512K x 16bit x 2 Banks Synchronous DRAM LVTTL
KM416S1120DT-G/F6 SAMSUNG-KM416S1120DT-G/F6 Datasheet
1Mb / 43P
   512K x 16bit x 2 Banks Synchronous DRAM LVTTL
KM416S1120DT-G/F7 SAMSUNG-KM416S1120DT-G/F7 Datasheet
1Mb / 43P
   512K x 16bit x 2 Banks Synchronous DRAM LVTTL
KM416S1120DT-G/F8 SAMSUNG-KM416S1120DT-G/F8 Datasheet
1Mb / 43P
   512K x 16bit x 2 Banks Synchronous DRAM LVTTL
More results

Similar Description - KM416S1120D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM416S1120D SAMSUNG-KM416S1120D Datasheet
1Mb / 43P
   512K x 16bit x 2 Banks Synchronous DRAM LVTTL
K4S161622D SAMSUNG-K4S161622D Datasheet
1Mb / 41P
   512K x 16Bit x 2 Banks Synchronous DRAM
KM416S1021C SAMSUNG-KM416S1021C Datasheet
78Kb / 8P
   512K x 16Bit x 2 Banks Synchronous DRAM with SSTL interface
K4S281632B SAMSUNG-K4S281632B Datasheet
108Kb / 10P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632M SAMSUNG-K4S281632M Datasheet
87Kb / 10P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
KM416S8030B SAMSUNG-KM416S8030B Datasheet
133Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S561632A SAMSUNG-K4S561632A Datasheet
127Kb / 10P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S281632C SAMSUNG-K4S281632C Datasheet
47Kb / 9P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632D SAMSUNG-K4S281632D Datasheet
112Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S561632D-TC75000 SAMSUNG-K4S561632D-TC75000 Datasheet
64Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com