Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA78L12AM Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # KA78L12AM
Description  3-Terminal 0.1A Positive Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA78L12AM Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button KA78L12AM Datasheet HTML 4Page - Fairchild Semiconductor KA78L12AM Datasheet HTML 5Page - Fairchild Semiconductor KA78L12AM Datasheet HTML 6Page - Fairchild Semiconductor KA78L12AM Datasheet HTML 7Page - Fairchild Semiconductor KA78L12AM Datasheet HTML 8Page - Fairchild Semiconductor KA78L12AM Datasheet HTML 9Page - Fairchild Semiconductor KA78L12AM Datasheet HTML 10Page - Fairchild Semiconductor KA78L12AM Datasheet HTML 11Page - Fairchild Semiconductor KA78L12AM Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
KA78LXXA/KA78L05AA
8
Electrical Characteristics(KA78L15A) (Continued)
(VI = 23V, IO = 40mA, 0
°C ≤ TJ ≤ 125°C, CI = 0.33 µF, CO = 0.1µF, unless otherwise specified. (Note 1)
Note:
1. The maximum steady state usable output current and input voltage are very dependent on the heat sinking and/or lead length
of the package. The data above represent pulse test conditions with junction temperature as indicated at the initiation of tests.
2. Power dissipation PD
≤ 0.75W.
Parameter
Symbol
Conditions
Min.
Typ. Max.
Unit
Output Voltage
VO
TJ = 25
°C
14.4
15
15.6
V
Line Regulation (Note1)
∆VO
TJ = 25
°C
17.5V
≤ VI ≤ 30V
-
25
300
mV
20V
≤ VI ≤ 30V
-
20
250
mV
Load Regulation (Note1)
∆VO
TJ = 25
°C
1mA
≤ IO ≤ 100mA
-
25
150
mV
1mA
≤ IO ≤ 40mA
-
12
75
mV
Output Voltage
VO
17.5V
≤ VI ≤ 30V
1mA
≤ IO ≤ 40mA
14.25
-
15.75
V
17.5V
≤ VI
VMAX (Note 2)
1mA
≤ IO ≤ 70mA
14.25
-
15.75
V
Quiescent Current
IQ
TJ = 25
°C-
2.1
6.0
mA
Quiescent Current
Change
with line
∆IQ
20V
≤ VI ≤ 30V
-
-
1.5
mA
with load
∆IQ
1mA
≤ IO ≤ 40mA
-
-
0.1
mA
Output Noise Voltage
VN
TA = 25
°C, 10Hz ≤ f ≤ 100kHz
-
90
-
µV/Vo
Temperature Coefficient of VO
∆VO/∆TIO = 5mA
-
-1.3
-
mV/
°C
Ripple Rejection
RR
f = 120Hz, 18.5V
≤ VI ≤ 28.5V, TJ = 25°C34
60
-
dB
Dropout Voltage
VD
TJ = 25
°C-
1.7
-
V


Similar Part No. - KA78L12AM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA78L12AMTF FAIRCHILD-KA78L12AMTF Datasheet
68Kb / 16P
   3-terminal 0.1A positive voltage regulator
KA78L12AMTF FAIRCHILD-KA78L12AMTF Datasheet
82Kb / 18P
   3-Terminal 0.1A Positive Voltage Regulator
KA78L12AMTF FAIRCHILD-KA78L12AMTF Datasheet
102Kb / 17P
   3-Terminal 0.1A Positive Voltage Regulator Short Circuit Current Limiting
KA78L12AMTF FAIRCHILD-KA78L12AMTF Datasheet
102Kb / 17P
   3-Terminal 0.1A Positive Voltage Regulator
More results

Similar Description - KA78L12AM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MC78LXXA FAIRCHILD-MC78LXXA_10 Datasheet
86Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
KA78LXXA FAIRCHILD-KA78LXXA_10 Datasheet
102Kb / 17P
   3-Terminal 0.1A Positive Voltage Regulator
logo
Unisonic Technologies
78LXX UTC-78LXX_15 Datasheet
278Kb / 8P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
HTC Korea TAEJIN Techno...
LM78LXX HTC-LM78LXX_10 Datasheet
252Kb / 11P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78LXXA FAIRCHILD-KA78LXXA Datasheet
68Kb / 16P
   3-terminal 0.1A positive voltage regulator
MC78LXXA FAIRCHILD-MC78LXXA Datasheet
73Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
KA78LXXA FAIRCHILD-KA78LXXA Datasheet
82Kb / 18P
   3-Terminal 0.1A Positive Voltage Regulator
MC78LXXA FAIRCHILD-MC78LXXA_04 Datasheet
72Kb / 14P
   3-Terminal 0.1A Positive Voltage Regulator
logo
Unisonic Technologies
78LXX UTC-78LXX_V01 Datasheet
316Kb / 9P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
78LXX UTC-78LXX_09 Datasheet
290Kb / 9P
   3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com