Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICEBLADEWT Datasheet(PDF) 11 Page - Pulse A Technitrol Company

Part # ICEBLADEWT
Description  IceBlade
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

ICEBLADEWT Datasheet(HTML) 11 Page - Pulse A Technitrol Company

Back Button ICEBLADEWT Datasheet HTML 7Page - Pulse A Technitrol Company ICEBLADEWT Datasheet HTML 8Page - Pulse A Technitrol Company ICEBLADEWT Datasheet HTML 9Page - Pulse A Technitrol Company ICEBLADEWT Datasheet HTML 10Page - Pulse A Technitrol Company ICEBLADEWT Datasheet HTML 11Page - Pulse A Technitrol Company ICEBLADEWT Datasheet HTML 12Page - Pulse A Technitrol Company ICEBLADEWT Datasheet HTML 13Page - Pulse A Technitrol Company ICEBLADEWT Datasheet HTML 14Page - Pulse A Technitrol Company ICEBLADEWT Datasheet HTML 15Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Issue: 1630
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: WiFi 2.4/5Ghz/DSRC Antenna
PART NUMBER: ICEBLADEWx
Series: IceBlade
CHARTS
11
-40
-35
-30
-25
-20
-15
-10
-5
0
5
0
30
60
90
120
150
180
210
240
270
300
330
2400MHz
2450MHz
2500MHz
Phi Angle (°)
-4.07
-2.05
285
-3.89
-1.39
265
-3.32
-1.32
265
XY Plane
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
2400MHz
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
2450MHz
Avg (dBi) =
Peak (dBi) =
Avg -3 (deg) =
2480MHz


Similar Part No. - ICEBLADEWT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
ICEBLADEWT PULSE-ICEBLADEWT Datasheet
1Mb / 17P
   WiFi2.4/5Ghz/DSRC Antenna
More results

Similar Description - ICEBLADEWT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
ICEBLADELS PULSE-ICEBLADELS Datasheet
1Mb / 14P
   ICEBLADE
ICEBLADELT PULSE-ICEBLADELT Datasheet
1Mb / 14P
   ICEBLADE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com