Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4875 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4875
Description  750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4875 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4875 Datasheet HTML 1Page - National Semiconductor (TI) LM4875 Datasheet HTML 2Page - National Semiconductor (TI) LM4875 Datasheet HTML 3Page - National Semiconductor (TI) LM4875 Datasheet HTML 4Page - National Semiconductor (TI) LM4875 Datasheet HTML 5Page - National Semiconductor (TI) LM4875 Datasheet HTML 6Page - National Semiconductor (TI) LM4875 Datasheet HTML 7Page - National Semiconductor (TI) LM4875 Datasheet HTML 8Page - National Semiconductor (TI) LM4875 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
External Components Description
(Figure 1)
Components
Functional Description
1.
C
i
Input coupling capacitor blocks DC voltage at the amplifier’s input terminals. It also creates a highpass filter
with the internal R
i that produces an fc = 1/(2
πR
iCi) (10k
Ω≤ R
i
≤ 100kΩ). Refer to the Application
Information section, Selecting External Components, for an explanation of determining the value of C
i.
2.
C
S
The supply bypass capacitor. Refer to the Power Supply Bypassing section for information about properly
placing, and selecting the value of, this capacitor.
3.
C
B
The capacitor, C
B, filters the half-supply voltage present on the BYPASS pin. Refer to the Application
Information section, Selecting External Components, for information concerning proper placement and
selecting C
B’s value.
Typical Performance Characteristics
THD+N vs Frequency
THD+N vs Frequency
10104205
10104206
THD+N vs Output Power
THD+N vs Output Power
10104207
10104208
www.national.com
3


Similar Part No. - LM4875

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4875 NSC-LM4875 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
Texas Instruments
LM4875 TI-LM4875 Datasheet
1Mb / 21P
[Old version datasheet]   750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
LM4875M/NOPB TI-LM4875M/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
LM4875MM/NOPB TI-LM4875MM/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
LM4875MX/NOPB TI-LM4875MX/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
More results

Similar Description - LM4875

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4875 TI-LM4875_15 Datasheet
1Mb / 21P
[Old version datasheet]   750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
logo
National Semiconductor ...
LM4865 NSC-LM4865 Datasheet
340Kb / 9P
   750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
logo
Texas Instruments
LM4865MX TI1-LM4865MX Datasheet
1Mb / 25P
[Old version datasheet]   LM4865 750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
National Semiconductor ...
LM4682 NSC-LM4682 Datasheet
1Mb / 21P
   10 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and DC Volume Control
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2_07 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2_0701 TI-TPA6130A2_0701 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI1-TPA6130A2_17 Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
logo
Power Analog Micoelectr...
PAM8007 PAM-PAM8007 Datasheet
968Kb / 16P
   Filterless 3W Class-D Stereo Audio Amplifier with DC Volume Control and Headphone Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com