Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG-BGA-6371 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # SG-BGA-6371
Description  Ball guide prevents over compression of elastomer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-BGA-6371 Datasheet(HTML) 1 Page - Ironwood Electronics.

  SG-BGA-6371 Datasheet HTML 1Page - Ironwood Electronics. SG-BGA-6371 Datasheet HTML 2Page - Ironwood Electronics. SG-BGA-6371 Datasheet HTML 3Page - Ironwood Electronics. SG-BGA-6371 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
94.95
7.950
50.225
33.00
38.00
fan
37.07
Recommended
torque is 31 in lb
105.30
61.314 torque bracket
50.225
60.00
fan
50.00
GHz BGA Socket - Direct mount, solderless
Features
• Directly mounts to target PCB (needs tooling holes) with hardware
• High speed, reliable Elastomer connection
• Minimum real estate required
• Compression plate distributes forces evenly
• Ball guide prevents over compression of elastomer
• Easily removable swivel socket lid
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Socket for 42.5x42.5mm, 41x41 1mmpitch BGA
Primary dimension units are millimeters, Secondary dimension units are [inches].
STATUS: Released
REV. A
DATE: 12/5/2012
Material: N/A
Finish: N/A
Weight: 461.76
SG-BGA-6371 Drawing
SCALE: 0.75:1
SHEET: 1 OF 4
DRAWN BY: M. Raske
FILE: SG-BGA-6371 Dwg


Similar Part No. - SG-BGA-6371

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6370 IRONWOOD-SG-BGA-6370 Datasheet
290Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6372 IRONWOOD-SG-BGA-6372 Datasheet
351Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6373 IRONWOOD-SG-BGA-6373 Datasheet
66Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6374 IRONWOOD-SG-BGA-6374 Datasheet
213Kb / 5P
   Compression plate distributes forces evenly
SG-BGA-6375 IRONWOOD-SG-BGA-6375 Datasheet
368Kb / 4P
   Compression plate distributes forces evenly
More results

Similar Description - SG-BGA-6371

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6095 IRONWOOD-SG-BGA-6095 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6096 IRONWOOD-SG-BGA-6096 Datasheet
95Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6020 IRONWOOD-SG-BGA-6020 Datasheet
154Kb / 4P
   Ball guide prevents over compression of elastomer
SG-MLF-7093 IRONWOOD-SG-MLF-7093 Datasheet
542Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6105 IRONWOOD-SG-BGA-6105 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6107 IRONWOOD-SG-BGA-6107 Datasheet
123Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6041 IRONWOOD-SG-BGA-6041 Datasheet
129Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6035 IRONWOOD-SG-BGA-6035 Datasheet
183Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6033 IRONWOOD-SG-BGA-6033 Datasheet
76Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6045 IRONWOOD-SG-BGA-6045 Datasheet
93Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6044 IRONWOOD-SG-BGA-6044 Datasheet
60Kb / 3P
   Ball guide prevents over compression of elastomer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com