Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG-BGA-6378 Datasheet(PDF) 3 Page - Ironwood Electronics.

Part # SG-BGA-6378
Description  Ball guide prevents over compression of elastomer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-BGA-6378 Datasheet(HTML) 3 Page - Ironwood Electronics.

  SG-BGA-6378 Datasheet HTML 1Page - Ironwood Electronics. SG-BGA-6378 Datasheet HTML 2Page - Ironwood Electronics. SG-BGA-6378 Datasheet HTML 3Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
4
3
10
7
1
2
9
8
13
6
12
11
5
33.725
Male Base (top view)
ITEM NO.
DESCRIPTION
MATERIAL
QTY.
1
P11892A test chip
Material <not specified>
1
2
Socket Base
7075-T6 Aluminum Alloy
1
3
Socket Lid
7075-T6 Aluminum Alloy
1
4
Compression Screw, M30
7075-T6 Aluminum Alloy
1
5
Compression Plate
7075-T6 Aluminum Alloy
1
6
Ball Guide
Kapton Polyimide/Cirlex
1
7
IC Frame 31x31MM BGA
FR4 High temp
1
8
Elastomer Guide 31mm IC
Ultem 1000
1
9
825 position SMT land pattern to
terminal pins (0.8mm center, 37x37
array)
N/A
1
10
#0-80 X .25 LG, SOC HD CAP SCREW,
ALLOY STL, BLK OXIDE
Alloy Steel
8
11
#0-80 Shoulder Screw, 0.090" thread
length
Stainless Steel (303)
8
12
Dowel Pin, 1/32" x 3/16", SS
Chrome Stainless Steel
2
13
Elastomer 0.75mm thick 40 Micron gold
plated filaments arranged symmetrically
in silicone rubber( 63.5 degree angle)
gold plated brass filaments in
silicon rubber substrate
1
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Socket Detail
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 03/11/2013
Material: N/A
Finish: N/A
Weight: 39.23
SG-BGA-6378 Drawing
SCALE: 2:1
SHEET: 3 OF 3
ENG: E. Smolentseva
FILE: SG-BGA-6378 Dwg


Similar Part No. - SG-BGA-6378

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6370 IRONWOOD-SG-BGA-6370 Datasheet
290Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6371 IRONWOOD-SG-BGA-6371 Datasheet
463Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6372 IRONWOOD-SG-BGA-6372 Datasheet
351Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6373 IRONWOOD-SG-BGA-6373 Datasheet
66Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6374 IRONWOOD-SG-BGA-6374 Datasheet
213Kb / 5P
   Compression plate distributes forces evenly
More results

Similar Description - SG-BGA-6378

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6095 IRONWOOD-SG-BGA-6095 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6096 IRONWOOD-SG-BGA-6096 Datasheet
95Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6020 IRONWOOD-SG-BGA-6020 Datasheet
154Kb / 4P
   Ball guide prevents over compression of elastomer
SG-MLF-7093 IRONWOOD-SG-MLF-7093 Datasheet
542Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6105 IRONWOOD-SG-BGA-6105 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6107 IRONWOOD-SG-BGA-6107 Datasheet
123Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6041 IRONWOOD-SG-BGA-6041 Datasheet
129Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6035 IRONWOOD-SG-BGA-6035 Datasheet
183Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6033 IRONWOOD-SG-BGA-6033 Datasheet
76Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6045 IRONWOOD-SG-BGA-6045 Datasheet
93Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6044 IRONWOOD-SG-BGA-6044 Datasheet
60Kb / 3P
   Ball guide prevents over compression of elastomer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com