Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG-BGA-6379 Datasheet(PDF) 3 Page - Ironwood Electronics.

Part # SG-BGA-6379
Description  Ball guide prevents over compression of elastomer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-BGA-6379 Datasheet(HTML) 3 Page - Ironwood Electronics.

  SG-BGA-6379 Datasheet HTML 1Page - Ironwood Electronics. SG-BGA-6379 Datasheet HTML 2Page - Ironwood Electronics. SG-BGA-6379 Datasheet HTML 3Page - Ironwood Electronics. SG-BGA-6379 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE 3 of 4
Status: Released
Drawing: M.A. Fedde
Scale: -
Rev: A
Date: 04/03/2013
File: SG-BGA-6379 Dwg
SG-BGA-6379 Drawing
Modified:
© 2013 IRONWOOD ELECTRONICS, INC.
Tele: (952) 229-8200
www.ironwoodelectronics.com
Array 30x30
DETAIL
D
E
Y
X
Ø0.25
Ø0.10
Z X Y
Øb
3
TOP VIEW
SIDE VIEW
3
4
5
Dimensions are in millimeters.
Interpret dimensions and tolerances per ASME
Y14.5M-1994.
Dimension b is measured at the maximum
solder ball diameter, parallel to datum plane Z.
Datum Z (seating plane) is defined by the
spherical crowns of the solder balls.
Parallelism measurement shall exclude any
effect of mark on top surface of package.
1.
2.
Compatible BGA Spec
0.20
BOTTOM VIEW
DIM
MIN
MAX
A
2.5
A1
0.27
b
0.55
D
E
e
27.00 BSC
0.8 BSC
e
0.45
24mm
24mm
27.00 BSC
A
A1
DETAIL
Z
4
0.2 Z
Z
0.20 Z
5


Similar Part No. - SG-BGA-6379

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6370 IRONWOOD-SG-BGA-6370 Datasheet
290Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6371 IRONWOOD-SG-BGA-6371 Datasheet
463Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6372 IRONWOOD-SG-BGA-6372 Datasheet
351Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6373 IRONWOOD-SG-BGA-6373 Datasheet
66Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6374 IRONWOOD-SG-BGA-6374 Datasheet
213Kb / 5P
   Compression plate distributes forces evenly
More results

Similar Description - SG-BGA-6379

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6095 IRONWOOD-SG-BGA-6095 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6096 IRONWOOD-SG-BGA-6096 Datasheet
95Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6020 IRONWOOD-SG-BGA-6020 Datasheet
154Kb / 4P
   Ball guide prevents over compression of elastomer
SG-MLF-7093 IRONWOOD-SG-MLF-7093 Datasheet
542Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6105 IRONWOOD-SG-BGA-6105 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6107 IRONWOOD-SG-BGA-6107 Datasheet
123Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6041 IRONWOOD-SG-BGA-6041 Datasheet
129Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6035 IRONWOOD-SG-BGA-6035 Datasheet
183Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6033 IRONWOOD-SG-BGA-6033 Datasheet
76Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6045 IRONWOOD-SG-BGA-6045 Datasheet
93Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6044 IRONWOOD-SG-BGA-6044 Datasheet
60Kb / 3P
   Ball guide prevents over compression of elastomer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com