Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TKA1224SA Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TKA1224SA
Description  1W 3KVDC Isolated Miniature Single Output DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TKA1224SA Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TKA1224SA Datasheet HTML 1Page - Toppower Electronic Technology Limited TKA1224SA Datasheet HTML 2Page - Toppower Electronic Technology Limited TKA1224SA Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TKA-A Series
www.gztoppower.com
TEL:020-61038836 EMAIL:sales@gztoppower.com
page 3 of 3
MECHANICAL DIMENSIONS
PIN CONNECTIONS
14 PIN DIP
Pin
Function
1
-Vin
7
NC
8
OV
9
+Vout
14
+ Vin
6 PIN SIP
Pin
Function
1
+Vin
2
-Vin
4
-Vout
6
+Vout
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
SOLDERING INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature of 300℃ for 10 seconds. Both types in this series are backward
compatible with Sn/Pb soldering systems.
SIP Package
DIP Package
All dimensions in ±0.25mm All pins on a 2.54mm pitch and within ±0.25 of true position
weight:1.4g(SIP) 1.9g(DIP)
11.60
0.60±0.15
5.00
5.40
4.45
7.70
14 Pin DIP Tube
6 Pin SIP Tube
Unless otherwise stated all dimensions in mm±0.5mm
Tube length(14 Pin DIP): 520mm ±2mm
DIP Tube Quantity:30PCS
Tube length(6 Pin SIP): 525mm ±2mm
SIP Tube Quantity:30PCS
2.54
1.00
1.15
6
14 Pin DIP 封装
6HOLES
14 Pin DIP Package
2.54
1.00
1.15 5
6 Pin SIP 封装
6 Pin SIP Package
5HOLES
1.68
12.70
YYWW
TKA0505SA
16.55
0.50±0.05
TKA0505DA
YYWW
19.50
4.60
3.60
2.54
7.62
2.13
15.24
1.09
0.30
0.20
0.55
0.45
1
7
8
9
14
1 24
6
9.80
5.40
5.95
0.60
0.50
7.55
2.54
4.60
3.60
0.30
0.20
1.25
bottom view
bottom view
TOPPOWER
TOPPOWER
TOPPOWER


Similar Part No. - TKA1224SA

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TKA1224SA TOPPOWER-TKA1224SA Datasheet
460Kb / 3P
   1W 3KVDC Isolated Miniature Single Output DC/DC Converters
TKA1224SA-W25 TOPPOWER-TKA1224SA-W25 Datasheet
485Kb / 3P
   0.25W 3KVDC Isolated Miniature Single Output DC/DC Converters
More results

Similar Description - TKA1224SA

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TKA-A TOPPOWER-TKA-A_17 Datasheet
460Kb / 3P
   1W 3KVDC Isolated Miniature Single Output DC/DC Converters
logo
Murata Manufacturing Co...
KDC_MEV MURATA-KDC_MEV Datasheet
140Kb / 4P
   3kVDC Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TKA TOPPOWER-TKA_17 Datasheet
470Kb / 3P
   1W 3KVDC Isolated Miniature Dual Output DC/DC Converters
TPR-1W TOPPOWER-TPR-1W Datasheet
778Kb / 4P
   1W 3KVDC Isolated Single Output DC/DC Converters
TKE TOPPOWER-TKE_V02 Datasheet
229Kb / 4P
   1W 1.5KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
TKE TOPPOWER-TKE_17 Datasheet
469Kb / 4P
   1W 1.5KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
TKE TOPPOWER-TKE_19 Datasheet
677Kb / 4P
   1W 1.5KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
TKE_19 TOPPOWER-TKE_19_03 Datasheet
744Kb / 4P
   1W 1.5KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
TKE TOPPOWER-TKE_V01 Datasheet
733Kb / 4P
   1W 1.5KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
TKE TOPPOWER-TKE Datasheet
387Kb / 4P
   1W 1KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com