Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP2L24S12S-3W Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TP2L24S12S-3W
Description  3W Isolated Wide Input Single And Dual Output DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP2L24S12S-3W Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TP2L24S12S-3W Datasheet HTML 1Page - Toppower Electronic Technology Limited TP2L24S12S-3W Datasheet HTML 2Page - Toppower Electronic Technology Limited TP2L24S12S-3W Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TP2L-3W Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
Page2 / 3
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
APPLICATION NOTES
External capacitance
These converters will work without external capacitors, in order to
guarantee the full parametric performance over the full line and load
range we recommended you to use the value we listed at right side. All
parts have been tested and characterized using the following values
and test circuit.
External Capacitor Table
Single Vout
(VDC)
Cout
(uF)
Dual Vout
(VDC)
Cout
(uF)
3.3
2200
±5
680
5
1000
±9
470
9
680
±12
330
12
470
±15
220
15
330
-
-
24
220
-
-
RECOMMENDED CIRCUIT
COMMON SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Units
Storage humidity
95
%
Operating temperature
-40
85
Storage temperature
-55
125
Temp.Rise at full load
15
Lead temperature
1.5mm from case for 10 seconds
300
No-load power consumption
300
mW
Cooling
Free Air Convection
Short circuit protection
Continuous.automatic recovery
Case material
PIastic (UL94-V0)
MTBF
1000
K hours
Weight
6
g
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
Tested for 1 minute and leakage current less than 1 mA
3000
VDC
Isolation Resistance
Test at 500VDC
1
Isolation Capacitance
Input/Output,100KHz/1V
80
pF
OUTPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Units
Output power
Refer to product program
0.3
3
W
Positive voltage accuracy
Refer to recommended circuit
±1
±3
%
Negative voltage accuracy
Refer to recommended circuit
±3
±5
%
Load regulation
10% to100% load (TP2L-D-3W)
±0.5
±0.75
%
Load regulation
10% to100% load (TP2L-S-3W)
±0.5
±1.0
%
Line regulation
Input Voltage from low to high
±0.2
±0.5
%
Temperature drift ( Vout )
Refer to recommended circuit
±0.03
%/℃
Ripple & Noise
20MHZ Bandwidth
50
100
mVp-p
Switching frequency
100% load ,input voltage range
300
KHZ
Single Output
Dual Output


Similar Part No. - TP2L24S12S-3W

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP2L24S12S-3W TOPPOWER-TP2L24S12S-3W Datasheet
201Kb / 3P
   3W Isolated Wide Input Single And Dual Output DC/DC Converters
TP2L24S12S-3W TOPPOWER-TP2L24S12S-3W Datasheet
438Kb / 3P
   3W 1.5KVDCIsolated Wide Input Single And Dual Output DC/DC Converters
TP2L24S12S-3W TOPPOWER-TP2L24S12S-3W Datasheet
731Kb / 3P
   3W 1.5KVDC??KVDC Isolated Wide Input Single And Dual Output DC/DC Converters
TP2L24S12S-3W TOPPOWER-TP2L24S12S-3W Datasheet
763Kb / 3P
   3W 1.6KVDC??KVDC Isolated Wide Input Single And Dual Output DC/DC Converters
More results

Similar Description - TP2L24S12S-3W

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP2L-3W-3KVDC TOPPOWER-TP2L-3W-3KVDC Datasheet
201Kb / 3P
   3W Isolated Wide Input Single And Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NDTD MURATA-KDC_NDTD Datasheet
165Kb / 7P
   Isolated 3W Wide Input Dual Output DC/DC Converters
logo
List of Unclassifed Man...
NDTD2412 ETC-NDTD2412 Datasheet
157Kb / 2P
   ISOLATED 3W WIDE INPUT DUAL OUTPUT DC-DC CONVERTERS
logo
C&D Technologies
NDT CANDD-NDT Datasheet
157Kb / 2P
   Isolated 3W Wide Input Dual Output DC-DC Converters
logo
Toppower Electronic Tec...
TP2L-3W TOPPOWER-TP2L-3W_V02 Datasheet
763Kb / 3P
   3W 1.6KVDC??KVDC Isolated Wide Input Single And Dual Output DC/DC Converters
TP2L-3W TOPPOWER-TP2L-3W_V01 Datasheet
731Kb / 3P
   3W 1.5KVDC??KVDC Isolated Wide Input Single And Dual Output DC/DC Converters
TP2D TOPPOWER-TP2D Datasheet
568Kb / 3P
   3W 1KVDC Isolated Wide Input Dual Output DC/DC Converters
TP2L-3W TOPPOWER-TP2L-3W_17 Datasheet
438Kb / 3P
   3W 1.5KVDCIsolated Wide Input Single And Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NDY2405C MURATA-NDY2405C Datasheet
192Kb / 4P
   Isolated 3W Wide Input DC/DC Converters
logo
C&D Technologies
NDY CANDD-NDY Datasheet
419Kb / 3P
   Isolated 3W Wide Input DC-DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com