Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS9252 Datasheet(PDF) 4 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS9252
Description  High Precision PSR Constant Current LED Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS9252 Datasheet(HTML) 4 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS9252 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS9252 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS9252 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS9252 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS9252 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS9252 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS9252 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS9252 Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.winsemi.com Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
4/8
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WS9252ProductDescription
Electrical Characteristics (Unless otherwise specified, VCC=8V and TA =25 ℃)
Symbol
Parameter
Test condition
Min
Typ
Max
Units
Supply Voltage Section
VDD_CLAMP
VDD Clamping Voltage
4mA
17.4
18.3
19.4
V
UVLO_on
VDD Power Supply
16.1
17.1
18.1
V
UVLO_off
VDD Under Voltage
Lockout
8.5
9
9 .5
V
VCC_OVP
VCCover voltage
protection level
17.9
18.9
19.9
V
Ist
Start up current
35
uA
Iop
Operating current
152
uA
Current Sense Section
Ipp
Primary Peak Current
484
508
531
mV
TLEB
Lead Edge Blanking
500
ns
TDELAY
Shutdown Delay
200
ns
D_max
Maximum Duty Cycle
42
%
FeedbackInputSection
Toff_max
MaximumDemagnetization
time
420
us
Toff_min
MinimumDemagnetizationt
ime
4
us
Ton_max
MaxmiumON time
100
us
Vfb
FB voltage sense level
1
V
Power MOSFET
Isource
GATE Pin Sourcing
Current
100
mA
Rds_off
Resistor Of Gate
Driver(OFF)
20
Ω
Over TemperatureProtection
T_comp
Thermal Regulation
Temperature
147


Similar Part No. - WS9252

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS9252 ETC2-WS9252 Datasheet
561Kb / 8P
   High Precision PSR Constant Current LED Driver
More results

Similar Description - WS9252

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS9254 WINSEMI-WS9254 Datasheet
598Kb / 8P
   High Precision PSR Constant Current LED Driver
logo
Bright Power Semiconduc...
BP3125 BPS-BP3125 Datasheet
400Kb / 10P
   High Precision PSR Constant Current LED Driver
logo
List of Unclassifed Man...
WS9224 ETC2-WS9224 Datasheet
552Kb / 7P
   High Precision PSR Constant Current LED Driver
WS9226 ETC2-WS9226 Datasheet
553Kb / 8P
   High Precision PSR Constant Current LED Driver
logo
Shenzhen Winsemi Microe...
WS3241 WINSEMI-WS3241 Datasheet
604Kb / 8P
   High Precision PSR LED Constant Current Driver
WS9224 WINSEMI-WS9224 Datasheet
552Kb / 7P
   High Precision PSR Constant Current LED Driver
logo
List of Unclassifed Man...
WS9256 ETC2-WS9256 Datasheet
680Kb / 8P
   High Precision PSR Constant Current LED Driver
WS3240 ETC2-WS3240 Datasheet
603Kb / 8P
   High Precision PSR LED Constant Current Driver
WS9221B ETC2-WS9221B Datasheet
388Kb / 8P
   High Precision PSR Constant Current LED Driver
logo
Shenzhen SI Semiconduct...
SIC9654 SISEMIC-SIC9654 Datasheet
484Kb / 7P
   High Precision PSR Constant Current LED Driver
logo
List of Unclassifed Man...
WS9252 ETC2-WS9252 Datasheet
561Kb / 8P
   High Precision PSR Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com