Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP20DC12S03 Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP20DC12S03
Description  20W Wide Input Voltage DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP20DC12S03 Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP20DC12S03 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP20DC12S03 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP20DC12S03 Datasheet HTML 3Page - Toppower Electronic Technology Limited TP20DC12S03 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TP20DC Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 1 /4
DESCRIPTION
The rated output power of TP20DC converters is 20W,the outline dimensions is "50.8*25.4*11.2", 2:1
input voltage range,the voltage range is 9V-18V,18V-36V,36V-72V.The accuracy of the converter can
reach ±1%,it can be widely used in telecommunications,railway transportation, instrument and etc.
20W Wide Input Voltage DC/DC Converters
GENERAL CHARACTERISTICS
parameter
Test conditions
Min
Typ
Max
Units
Isolation voltage
Input to output
500
1500
VDC
Insulation resistance
Input to output
100M
Ohm
Seismic
10~55Hz
5
G
MTBF
MIL-HDBK-217F2
5x10
5
hrs
Over-current protection mode
All input range
Automatic recovery
Cooling
Free air convection
Case material
Metal case
FEATURES
20W output power
2:1 input voltage range
Under input voltage protection
50.8mm*25.4mm*11.2mm standard package
Fixed switching frequency
Over output voltage protection
Operating temperature: -40 to
85℃
Long-term short circuit protection
Metal shielding package
RoHS compliant
/
/
Part Number
Input Voltage
Output
Efficiency(Typ)
%
voltage
(VDC)
Voltage
(VDC)
Current
(A)
Rated
Range values
TP20DC12S03
12(2:1)
9-18
3.3
5.4
80
TP20DC12S05
12(2:1)
9-18
5
4
82
TP20DC12S12
12(2:1)
9-18
12
1.67
83
TP20DC12S15
12(2:1)
9-18
15
1.33
84
TP20DC12D05
12(2:1)
9-18
±5
±2
80
TP20DC12D12
12(2:1)
9-18
±12
±0.83
83
TP20DC12D15
12(2:1)
9-18
±15
±0.67
80
TP20DC24S03
24(2:1)
18-36
3.3
5.4
84
TP20DC24S05
24(2:1)
18-36
5
4
83
TP20DC24S12
24(2:1)
18-36
12
1.67
85
TP20DC24S15
24(2:1)
18-36
15
1.33
85
TP20DC24S24
24(2:1)
18-36
24
0.83
86
TP20DC24D12
24(2:1)
18-36
±12
±0.83
85
TP20DC24D15
24(2:1)
18-36
±15
±0.67
85
TP20DC48S05
48(2:1)
36-72
5
4
82
TP20DC48S12
48(2:1)
36-72
12
1.67
86
TP20DC48S15
48(2:1)
36-72
15
1.33
86
TP20DC48D05
48(2:1)
36-72
±5
±2
82
TP20DC48D12
48(2:1)
36-72
±12
±0.83
85
TP20DC48D15
48(2:1)
36-72
±15
±0.67
85


Similar Part No. - TP20DC12S03

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP20DC12S03 TOPPOWER-TP20DC12S03 Datasheet
206Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP20DC12S03 TOPPOWER-TP20DC12S03 Datasheet
641Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
More results

Similar Description - TP20DC12S03

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP20DD TOPPOWER-TP20DD Datasheet
221Kb / 4P
   20W Wide Input Voltage DC/DC Converters
TP20DB TOPPOWER-TP20DB Datasheet
388Kb / 2P
   20W 1.5KVDC Wide Voltage Input DC/DC Converters
TP20DD TOPPOWER-TP20DD_V01 Datasheet
811Kb / 4P
   20W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
logo
MicroPower Direct, LLC
MR2011S MPD-MR2011S Datasheet
821Kb / 4P
   Ultra-Wide Input, 20W Compact, Railway DC/DC Converters
logo
Minmax Technology Co., ...
MKW3000 MINMAX-MKW3000 Datasheet
230Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TP20AC TOPPOWER-TP20AC_V01 Datasheet
768Kb / 3P
   20W 4KV Isolation Wide Input AC/DC Converters
logo
Total Power Internation...
MKW3000 TOTAL-POWER-MKW3000 Datasheet
230Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MPW2100 MINMAX-MPW2100 Datasheet
179Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Astrodyne Corporation
OFN20 ASTRODYNE-OFN20 Datasheet
411Kb / 3P
   20W Wide Input,Non-Isolated Single Inline DC/DC Converters
OPN20 ASTRODYNE-OPN20 Datasheet
258Kb / 3P
   20W Wide Input, Non-Isolated Single Inline DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com