Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP20DC24D12 Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TP20DC24D12
Description  20W Wide Input Voltage DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP20DC24D12 Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TP20DC24D12 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP20DC24D12 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP20DC24D12 Datasheet HTML 3Page - Toppower Electronic Technology Limited TP20DC24D12 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TP20DC Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 2 /4
INPUT CHARACTERISTICS
parameter
Test conditions
Min
Typ
Max
Units
Startup voltage
The12V input module(9V-18V)
9.2
9.5
9.8
VDC
Startup voltage
The24V input module(18V-36V)
18
VDC
Startup voltage
The48Vinput module(36V-72V)
36
VDC
Under input voltage protection
The12V input module(9V-18V)
8.5
VDC
Under input voltage protection
The24V input module(18V-36V)
17
VDC
Under input voltage protection
The48Vinput module(36V-72V)
35
VDC
Start time
Input rising time from 5%-100%
20
ms
OUTPUT CHARACTERISTICS
parameter
Test conditions
Min
Typ
Max
Units
Voltage accuracy
Io=0.1 1.0 x Ionom vi=vi rated
±1
%
Line regulation
Vimin≤Vi≤Vimax
±0.2
%
Load regulation
Io=0.1 1.0 x Ionom Vimin≤Vi≤Vimax
±0.5
%
Auxiliary voltage accuracy
Main Load and auxiliary load differ 25%,the auxiliary
circuit of the load with at least 25%, the main circuit
with full load
±3
%
Ripple and noise
20MHz bandwidth
±1
%
Over current protection
Vimin≤Vi≤Vimax
120
%
Transient recovery time
25% load changes
±5
%
Transient overshoot time
25% load changes
400
US
Switch frequency
Vimin≤Vi≤Vimax
300
KHZ
ENVIRONMENT CHARACTERISTICS
parameter
Test conditions
Min
Typ
Max
Units
Environment temperature
industrial-class
-25
+55
Maximum case temperature
industrial-class
+85
Storage temperature
Industry-class/ Military JI&JII class
-40
+105
Relative humidity
No condensation
5
90
RH(%
Temperature coefficient
±0.02
%/
Module in every environment temperature rating, case temperature under shall not exceed the maximum case temperature level.


Similar Part No. - TP20DC24D12

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP20DC24S03 TOPPOWER-TP20DC24S03 Datasheet
206Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP20DC24S03 TOPPOWER-TP20DC24S03 Datasheet
641Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP20DC24S05 TOPPOWER-TP20DC24S05 Datasheet
206Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP20DC24S05 TOPPOWER-TP20DC24S05 Datasheet
641Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP20DC24S05W TOPPOWER-TP20DC24S05W Datasheet
641Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
More results

Similar Description - TP20DC24D12

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP20DD TOPPOWER-TP20DD Datasheet
221Kb / 4P
   20W Wide Input Voltage DC/DC Converters
TP20DB TOPPOWER-TP20DB Datasheet
388Kb / 2P
   20W 1.5KVDC Wide Voltage Input DC/DC Converters
TP20DD TOPPOWER-TP20DD_V01 Datasheet
811Kb / 4P
   20W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
logo
MicroPower Direct, LLC
MR2011S MPD-MR2011S Datasheet
821Kb / 4P
   Ultra-Wide Input, 20W Compact, Railway DC/DC Converters
logo
Minmax Technology Co., ...
MKW3000 MINMAX-MKW3000 Datasheet
230Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TP20AC TOPPOWER-TP20AC_V01 Datasheet
768Kb / 3P
   20W 4KV Isolation Wide Input AC/DC Converters
logo
Total Power Internation...
MKW3000 TOTAL-POWER-MKW3000 Datasheet
230Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MPW2100 MINMAX-MPW2100 Datasheet
179Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Astrodyne Corporation
OFN20 ASTRODYNE-OFN20 Datasheet
411Kb / 3P
   20W Wide Input,Non-Isolated Single Inline DC/DC Converters
OPN20 ASTRODYNE-OPN20 Datasheet
258Kb / 3P
   20W Wide Input, Non-Isolated Single Inline DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com