Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP10AS220D05P05W Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TP10AS220D05P05W
Description  10W 2.5KV Isolation Wide Input AC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP10AS220D05P05W Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TP10AS220D05P05W Datasheet HTML 1Page - Toppower Electronic Technology Limited TP10AS220D05P05W Datasheet HTML 2Page - Toppower Electronic Technology Limited TP10AS220D05P05W Datasheet HTML 3Page - Toppower Electronic Technology Limited TP10AS220D05P05W Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TP10AS Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
page 2 / 4
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation voltage
Input / Output 1 minute, leakage current 2mA
2500
VAC
Seismic
10~55Hz
5
5
G
Over-current protection
Full input range
Burp
,Automatic recovery
Cooling
Free air convection
Case material
Flame-retardant plastic
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage accuracy
Io=0.1 1.0 x Ionom Vi=Vi rated
±3
%
±5
%
Line regulation
Vimin≤Vi≤Vimax
±0.5
%
Load regulation
Io=0.1 1.0 x Ionom Vimin≤ Vi≤Vimax
±1
%
Auxiliary voltage accuracy
Main Load and auxiliary load differ 25%,the
auxiliary circuit of the load with at least 25%, the
main circuit with the full load
±3
%
Ripple and noise
20MHz bandwidth
±1
%
Over-current protection
Vimin≤Vi≤Vimax
120
%
Switch frequency
Vimin≤Vi≤Vimax
100K
Hz
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Startup voltage
220VAC In module(165V-265V)
165
220
265
VAC
Startup voltage
220VAC In
module(85V-265V)
85
220
265
VAC
Start rising time
Non-capacitive load
20
ms
ENVIRONMENT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating temperature
industrial-class
-25
+70
Maximum case temperature
industrial-class
+85
Storage temperature
Industry-class
-40
+85
Relative humidity
No condensation
5
90
RH(%
Temperature coefficient
±0.02
%/℃
Case temperature shall not exceed the maximum case temperature


Similar Part No. - TP10AS220D05P05W

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP10AS220D05P05W TOPPOWER-TP10AS220D05P05W Datasheet
755Kb / 4P
   10W 3KVAC Isolation Wide Input AC/DC Converters
More results

Similar Description - TP10AS220D05P05W

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP10AT TOPPOWER-TP10AT Datasheet
226Kb / 4P
   10W 2.5KV Isolation Wide Input AC/DC Converters
TP03AR TOPPOWER-TP03AR Datasheet
242Kb / 4P
   3W 2.5KV Isolation Wide Input AC/DC Converters
TP03AZ TOPPOWER-TP03AZ Datasheet
230Kb / 3P
   3W 2.5KV Isolation Wide Input AC/DC Converters
TP03AA TOPPOWER-TP03AA Datasheet
241Kb / 4P
   3W 2.5KV Isolation Wide Input AC/DC Converters
TP05AR TOPPOWER-TP05AR Datasheet
242Kb / 4P
   5W 2.5KV Isolation Wide Input AC/DC Converters
TP05AS TOPPOWER-TP05AS Datasheet
214Kb / 4P
   5W 2.5KV Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC Datasheet
192Kb / 3P
   3W 2.5KV Isolation Wide Input AC/DC Converters
TP15AT TOPPOWER-TP15AT Datasheet
214Kb / 4P
   15W 2.5KV Isolation Wide Input AC/DC Converters
TP20AU TOPPOWER-TP20AU Datasheet
215Kb / 4P
   20W 2.5KV Isolation Wide Input AC/DC Converters
TP10AC TOPPOWER-TP10AC Datasheet
245Kb / 3P
   10W 4KV Isolation Wide Input AC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com