Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP20AU220S05W Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP20AU220S05W
Description  20W 2.5KV Isolation Wide Input AC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP20AU220S05W Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP20AU220S05W Datasheet HTML 1Page - Toppower Electronic Technology Limited TP20AU220S05W Datasheet HTML 2Page - Toppower Electronic Technology Limited TP20AU220S05W Datasheet HTML 3Page - Toppower Electronic Technology Limited TP20AU220S05W Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TP20AU Series
www.gztoppower.con
TEL:0086-20-82019000
Email:sales2@gztoppower.com
1 页 共 4 页
DESCRIPTION
The rated output power of TP20AU converters is 20W with wide input voltage range, for both AC input
and DC input application. High reliability, precision, large power density, ultra-small size, no external
heat sink required, stable output voltage and etc, with over current protection, EMI filter circuit, the
rectifier filter circuit, 2500V isolation voltage, short circuit, overload, internal thermal protection, Widely
used in telecommunications, industrial control, instrument, data acquisition, signal control and other
electronic systems.
20W 2.5KV Isolation Wide Input AC/DC Converters
FEATURES
Universal input voltage range
Both for AC and DC input voltage
Wide input voltage:2:1 and 4:1
Fixed switching frequency
Overheat protection
Over current protection
Short circuit protection
RoHS compliant
Operating temperature: -25
ºC to 70ºC
SELECTION GUIDE
Part Number
Input Voltage
Output
Efficiency
(Typ. )
%
Recommend output external capacitor
Rated
Range values
Voltage
(VDC)
Current
(A)
C1
、C2、C3
C4
C5
、C6
(VAC)
TP20AU220S05
220(2:1)
165-265
5
4.0
75
0.1uF/25V
2200uF/16V
/
TP20AU220S12
220(2:1)
165-265
12
1.67
81
0.1uF/25V
680uF/25V
/
TP20AU220S15
220(2:1)
165-265
15
1.33
83
0.1uF/25V
680uF/25V
/
TP20AU220S24
220(2:1)
165-265
24
0.85
85
0.1uF/25V
470uF/35V
/
TP20AU220D05
220(2:1)
165-265
±5
±2.0
75
0.1uF/25V
2200uF/16V
2200uF/16V
TP20AU220D12
220(2:1)
165-265
±12
±0.83
82
0.1uF/25V
680uF/25V
680uF/25V
TP20AU220D15
220(2:1)
165-265
±15
±0.67
83
0.1uF/25V
680uF/25V
680uF/25V
TP20AU220D05P05
220(2:1)
165-265
+5/+5
3.0/1.0
73
0.1uF/25V
1000uF/16V
1000uF/16V
TP20AU220D05P12
220(2:1)
165-265
+5/+12
2.1/0.8
75
0.1uF/25V
1000uF/16V
470uF/25V
TP20AU220D05P15
220(2:1)
165-265
+5/+15
2.2/0.6
76
0.1uF/25V
1000uF/16V
470uF/25V
TP20AU220D05P24
220(2:1)
165-265
+5/+24
2.8/0.25
77
0.1uF/25V
1000uF/16V
220uF/35V
TP20AU220T05D05
220(2:1)
165-265
+5/±5
3.6/±0.2
73
0.1uF/25V
2200uF/16V
330uF/16V
TP20AU220T05D12
220(2:1)
165-265
+5/±12
3.0/±0.2
75
0.1uF/25V
2200uF/16V
220uF/25V
TP20AU220T05D15
220(2:1)
165-265
+5/±15
2.8/±0.2
76
0.1uF/25V
2200uF/16V
220uF/25V
TP20AU220T05D24
220(2:1)
165-265
+5/±24
2.1/±0.2
77
0.1uF/25V
2200uF/16V
220uF/35V
TP20AU220S05W
220(4:1)
85-265
5
4.0
75
0.1uF/25V
2200uF/16V
/
TP20AU220S12W
220(4:1)
85-265
12
1.67
81
0.1uF/25V
680uF/25V
/
TP20AU220S15W
220(4:1)
85-265
15
1.33
83
0.1uF/25V
680uF/25V
/
TP20AU220S24W
220(4:1)
85-265
24
0.85
85
0.1uF/25V
470uF/35V
/
TP20AU220D05W
220(4:1)
85-265
±5
±2.0
75
0.1uF/25V
2200uF/16V
2200uF/16V
TP20AU220D12W
220(4:1)
85-265
±12
±0.83
82
0.1uF/25V
680uF/25V
680uF/25V
TP20AU220D15W
220(4:1)
85-265
±15
±0.67
83
0.1uF/25V
680uF/25V
680uF/25V
TP20AU220D05P05W
220(4:1)
85-265
+5/+5
3.0/1.0
73
0.1uF/25V
1000uF/16V
1000uF/16V
TP20AU220D05P12W
220(4:1)
85-265
+5/+12
2.1/0.8
75
0.1uF/25V
1000uF/16V
470uF/25V
TP20AU220D05P15W
220(4:1)
85-265
+5/+15
2.2/0.6
76
0.1uF/25V
1000uF/16V
470uF/25V
TP20AU220D05P24W
220(4:1)
85-265
+5/+24
2.8/0.25
77
0.1uF/25V
1000uF/16V
220uF/35V
TP20AU220T05D05W
220(4:1)
85-265
+5/±5
3.6/±0.2
73
0.1uF/25V
2200uF/16V
330uF/16V
TP20AU220T05D12W
220(4:1)
85-265
+5/±12
3.0/±0.2
75
0.1uF/25V
2200uF/16V
220uF/25V
TP20AU220T05D15W
220(4:1)
85-265
+5/±15
2.8/±0.2
76
0.1uF/25V
2200uF/16V
220uF/25V
TP20AU220T05D24W
220(4:1)
85-265
+5/±24
2.1/±0.2
77
0.1uF/25V
2200uF/16V
200uF/35V


Similar Part No. - TP20AU220S05W

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP20AU220S05W TOPPOWER-TP20AU220S05W Datasheet
195Kb / 4P
   20W 3KVAC Isolation Wide Input AC/DC Converters
More results

Similar Description - TP20AU220S05W

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP03AR TOPPOWER-TP03AR Datasheet
242Kb / 4P
   3W 2.5KV Isolation Wide Input AC/DC Converters
TP03AZ TOPPOWER-TP03AZ Datasheet
230Kb / 3P
   3W 2.5KV Isolation Wide Input AC/DC Converters
TP03AA TOPPOWER-TP03AA Datasheet
241Kb / 4P
   3W 2.5KV Isolation Wide Input AC/DC Converters
TP05AR TOPPOWER-TP05AR Datasheet
242Kb / 4P
   5W 2.5KV Isolation Wide Input AC/DC Converters
TP05AS TOPPOWER-TP05AS Datasheet
214Kb / 4P
   5W 2.5KV Isolation Wide Input AC/DC Converters
TP10AS TOPPOWER-TP10AS Datasheet
208Kb / 4P
   10W 2.5KV Isolation Wide Input AC/DC Converters
TP10AT TOPPOWER-TP10AT Datasheet
226Kb / 4P
   10W 2.5KV Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC Datasheet
192Kb / 3P
   3W 2.5KV Isolation Wide Input AC/DC Converters
TP15AT TOPPOWER-TP15AT Datasheet
214Kb / 4P
   15W 2.5KV Isolation Wide Input AC/DC Converters
TP20AC TOPPOWER-TP20AC_V01 Datasheet
768Kb / 3P
   20W 4KV Isolation Wide Input AC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com