Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP20DC48S12 Datasheet(PDF) 4 Page - Toppower Electronic Technology Limited

Part # TP20DC48S12
Description  20W Wide Input Voltage DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP20DC48S12 Datasheet(HTML) 4 Page - Toppower Electronic Technology Limited

  TP20DC48S12 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP20DC48S12 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP20DC48S12 Datasheet HTML 3Page - Toppower Electronic Technology Limited TP20DC48S12 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TP20DC Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 4 /4
Attn: New Design, only produce when payment received
RECOMMEND CIRCUIT
Dual Output
USING ATTENTIONS
Module will cause irreversible damage when in the state of the input reverse polarity.
Module will cause irreversible damage when in the long-term overload conditions.
Module will cause irreversible damage when out of the maximum input voltage range.
+vin
-vin
Cin
+
+V0
Cout1
+
-V0
DC-DC
Cout2
COM
+
Add input capacitance Cin is helpful to improve the electromagnetic compatibility, recommend Cin use 47 uF-100uF of the electrolytic capacitors.
If the module connect to the digital circuits, please add the Cout、Cout1、Cout2.
If Cout, Cout1, Cout2 value is too high or lower ESR, it will cause the module instable,
The recommended value of Cout, Cout1, Cout2 should be 100 uF/A, the current here means the output current.


Similar Part No. - TP20DC48S12

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP20DC48S12 TOPPOWER-TP20DC48S12 Datasheet
206Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP20DC48S12 TOPPOWER-TP20DC48S12 Datasheet
641Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
More results

Similar Description - TP20DC48S12

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP20DD TOPPOWER-TP20DD Datasheet
221Kb / 4P
   20W Wide Input Voltage DC/DC Converters
TP20DB TOPPOWER-TP20DB Datasheet
388Kb / 2P
   20W 1.5KVDC Wide Voltage Input DC/DC Converters
TP20DD TOPPOWER-TP20DD_V01 Datasheet
811Kb / 4P
   20W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
logo
MicroPower Direct, LLC
MR2011S MPD-MR2011S Datasheet
821Kb / 4P
   Ultra-Wide Input, 20W Compact, Railway DC/DC Converters
logo
Minmax Technology Co., ...
MKW3000 MINMAX-MKW3000 Datasheet
230Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TP20AC TOPPOWER-TP20AC_V01 Datasheet
768Kb / 3P
   20W 4KV Isolation Wide Input AC/DC Converters
logo
Total Power Internation...
MKW3000 TOTAL-POWER-MKW3000 Datasheet
230Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MPW2100 MINMAX-MPW2100 Datasheet
179Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Astrodyne Corporation
OFN20 ASTRODYNE-OFN20 Datasheet
411Kb / 3P
   20W Wide Input,Non-Isolated Single Inline DC/DC Converters
OPN20 ASTRODYNE-OPN20 Datasheet
258Kb / 3P
   20W Wide Input, Non-Isolated Single Inline DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com