Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP781.5-0.5 Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TP781.5-0.5
Description  Wide Input Non-Isolated?갧egulated Single Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP781.5-0.5 Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TP781.5-0.5 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP781.5-0.5 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP781.5-0.5 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TP78xx-0.5 Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
Page3 /3
TEST CONFIGURATIONS
(TA=25℃)
2.Start-up and Load Transient Response Test
OUTPUT RIPPLE REDUCTION
To reduce output ripple, it is recommended to add a LC filter in output port. L: Recommended parameter 10μH ~ 47μH.
MECHANICAL DIMENSIONS
PIN CONNECTIONS
Pin
Function
1
+Vin
2
GND
3
+Vout
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
Unless otherwise stated all dimensions in mm ±0.5mm.
L=520mm ±2mm
Packaging quantity:43PCS
L=220mm ±2mm
Packaging quantity:17PCS
4.7
9.4
Unless otherwise stated all dimensions in mm ±0.5mm.
DC/DC Converter
1
2
3
+ Vin
GND
Scope
Load
25.4 mm
C1
C2
Copper strip
50.8 mm
+ Vout
Copper strip
All dimensions in mm ±0.25.All pins on a 2.54mm pitch.
2.54
3
1.00
1.15
3 HOLES
11.60
5.08
0.50
1
2
3
TP781.5-0.5
YYWW
bottom view
TOPPOWER


Similar Part No. - TP781.5-0.5

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP781.5-0.5 TOPPOWER-TP781.5-0.5 Datasheet
794Kb / 3P
   Wide Input Non-Isolated?갧egulated Single Output
TP781.5-0.5 TOPPOWER-TP781.5-0.5 Datasheet
293Kb / 3P
   Wide Input Non-Isolated?갧egulated Single Output
More results

Similar Description - TP781.5-0.5

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP78XX-0.5 TOPPOWER-TP78XX-0.5 Datasheet
794Kb / 3P
   Wide Input Non-Isolated?갧egulated Single Output
TP78XX-0.5 TOPPOWER-TP78XX-0.5_V01 Datasheet
293Kb / 3P
   Wide Input Non-Isolated?갧egulated Single Output
TP78XX-1 TOPPOWER-TP78XX-1 Datasheet
461Kb / 3P
   Wide Input Non-Isolated?갧egulated Single Output
TP78XX-1 TOPPOWER-TP78XX-1_V01 Datasheet
790Kb / 3P
   Wide Input Non-Isolated?갧egulated Single Output
logo
Crystek Corporation
K7805-1000 CRYSTEKCRYSTAL-K7805-1000_11 Datasheet
327Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
logo
MORNSUN Science& Techno...
K7805-1500 MORNSUN-K7805-1500 Datasheet
345Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7805M-1000 MORNSUN-K7805M-1000 Datasheet
317Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K78L01-1000R2 MORNSUN-K78L01-1000R2 Datasheet
387Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7801-500 MORNSUN-K7801-500 Datasheet
362Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7801-1500L MORNSUN-K7801-1500L Datasheet
399Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com