Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP25DG48S15 Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TP25DG48S15
Description  25W Wide Input Voltage DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP25DG48S15 Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TP25DG48S15 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP25DG48S15 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP25DG48S15 Datasheet HTML 3Page - Toppower Electronic Technology Limited TP25DG48S15 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TP25DG Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
第 2 页 共 4 页
GENERAL CHARACTERISTICS
parameter
Test conditions
Min
Typ
Max
Units
Isolation voltage
Input to output
500
1500
VDC
Insulation resistance
Input to output
100M
Ohm
Seismic
10~55Hz
5
G
MTBF
MIL-HDBK-217F2
5*10
5
hrs
Over-current protection mode
All input range
Burp, Automatic recovery
Cooling
Free air convection
Case material
Metal case
OUTPUT CHARACTERISTICS
parameter
Test conditions
Min
Typ
Max
Units
Voltage accuracy
Io=0.1 1.0 x Ionom Vi=Vi rated
±1
%
Line regulation
Vimin≤Vi≤Vimax
±0.2
%
Load regulation
Io=0.1 1.0 x Ionom
Vimin≤ Vi≤Vimax
±0.5
%
Auxiliary voltage accuracy
Main Load and auxiliary load differ 25%,the
auxiliary circuit of the load with at least 25%, the
main circuit with full load
±3
%
Ripple and noise
20MHz bandwidth
±1
%
Over-current protection
Vimin≤Vi≤Vimax
120
%
Output voltage trim range
Vimin≤Vi≤Vimax
10
%
Transient recovery time
25% load changes
±5
%
Transient overshoot time
25% load changes
400
us
Switch frequency
Vimin≤Vi≤Vimax
300
KHz
INPUT CHARACTERISTICS
parameter
Test conditions
Min
Typ
Max
Units
Startup voltage
The12V input module(9V-18V)
9.2
9.5
9.8
VDC
Startup voltage
The24V input module(18V-36V)
18
VDC
Startup voltage
The48Vinput module(36V-72V)
36
VDC
Input under voltage protection
The12V input module(9V-18V)
8.8
9
9.3
VDC
Input under voltage protection
The24V input module(18V-36V)
18
VDC
Input under voltage protection
The48Vinput module(36V-72V)
8.5
VDC
Startup time
Output rise time from 5% to 100%
17
VDC
Remote control CTL
Remote CTL-Vin
35
VDC
Remote control CTL
Remote CTL NC(The control level 12V-40V)
20
ms
Startup voltage
The12V input module(9-18v)
Turn off
Startup voltage
The24V input module(18-36)
Turn on
ENVIRONMENT CHARACTERISTICS
parameter
Test conditions
Min
Typ
Max
Units
Environment temperature
industrial-class
-25
+55
Maximum case temperature
industrial-class
+85
Storage temperature
Industry-class/ Military JI&JII class
-40
+105
Relative humidity
No condensation
5
90
RH(%
Temperature coefficient
±0.02
%/℃
MECHANICAL DIMENSIONS
Module in every environment temperature rating, case temperature under shall not exceed the maximum case temperature level.


Similar Part No. - TP25DG48S15

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP25DD TOPPOWER-TP25DD Datasheet
643Kb / 4P
   TP25DD
More results

Similar Description - TP25DG48S15

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP08DA TOPPOWER-TP08DA Datasheet
196Kb / 4P
   8W Wide Input Voltage DC/DC Converters
TP20DD TOPPOWER-TP20DD Datasheet
221Kb / 4P
   20W Wide Input Voltage DC/DC Converters
TP05DA-3KVDC TOPPOWER-TP05DA-3KVDC Datasheet
202Kb / 4P
   5W Wide Input Voltage DC/DC Converters
TP05DB TOPPOWER-TP05DB Datasheet
196Kb / 4P
   5W Wide Voltage Input DC/DC Converters
TP30DG TOPPOWER-TP30DG Datasheet
210Kb / 4P
   30W Wide Voltage Input DC/DC Converters
TP06DB TOPPOWER-TP06DB Datasheet
186Kb / 4P
   6W Wide Voltage Input DC/DC Converters
TP40DG TOPPOWER-TP40DG Datasheet
206Kb / 4P
   40W Wide Input Voltage DC/DC Converters
TP06DA TOPPOWER-TP06DA Datasheet
201Kb / 4P
   6W Wide Input Voltage DC/DC Converters
TP12DC TOPPOWER-TP12DC Datasheet
152Kb / 4P
   12W Wide Input Voltage DC/DC Converters
TP05DA-2KVDC TOPPOWER-TP05DA-2KVDC Datasheet
201Kb / 4P
   5W Wide Input Voltage DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com