Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP30DG48S05 Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TP30DG48S05
Description  30W Wide Voltage Input DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP30DG48S05 Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TP30DG48S05 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP30DG48S05 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP30DG48S05 Datasheet HTML 3Page - Toppower Electronic Technology Limited TP30DG48S05 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TP30DG Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 2 /4
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
GENERAL CHARACTERISTICS
parameter
Test conditions
Min
Typ
Max
Units
Isolation voltage
Input to output
500
1500
VDC
Insulation resistance
Input to output
100M
Ohm
Seismic
10~55Hz
5
G
MTBF
MIL-HDBK-217F2
5*10
5
hrs
Over-current protection mode
All input range
Burp, Automatic recovery
Cooling
Free air convection
Case material
Metal case
OUTPUT CHARACTERISTICS
parameter
Test conditions
Min
Typ
Max
Units
Voltage accuracy
Io=0.1 1.0 x Ionom Vi=Vi rated
±1
%
Line regulation
Vimin≤Vi≤Vimax
±0.2
%
Load regulation
Io=0.1 1.0 x Ionom
Vimin≤ Vi≤Vimax
±0.5
%
Auxiliary voltage accuracy
Main Load and auxiliary load differ 25%,the
auxiliary circuit of the load carrying at least 25%,
the main circuit running the full load
±3
%
Ripple and noise
20MHz bandwidth
±1
%
Over-current protection
Vimin≤Vi≤Vimax
120
%
Output voltage trim range
Vimin≤Vi≤Vimax
10
%
Transient recovery time
25% load changes
±5
%
Transient overshoot time
25% load changes
400
us
Switch frequency
Vimin≤Vi≤Vimax
300
KHz
INPUT CHARACTERISTICS
parameter
Test conditions
Min
Typ
Max
Units
Startup voltage
The12V input module(9V-18V)
9.2
9.5
9.8
VDC
Startup voltage
The24V input module(18V-36V)
18
VDC
Startup voltage
The48Vinput module(36V-72V)
36
VDC
Startup voltage
The24V input module(9V-36V)
8.8
9
9.3
VDC
Startup voltage
The48Vinput module(18V-72V)
18
VDC
Input under voltage protection
The12V input module(9V-18V)
8.5
VDC
Input under voltage protection
The24V input module(18V-36V)
17
VDC
Input under voltage protection
The48Vinput module(36V-72V)
35
VDC
Startup time
Output rise time from 5% to 100%
20
ms
Remote control CTL
Remote CTL-Vin
Remote control CTL
Remote CTL NC(The control level 12V-40V)
Turn on
ENVIRONMENT CHARACTERISTICS
parameter
Test conditions
Min
Typ
Max
Units
Environment temperature
industrial-class
-25
+55
Maximum case temperature
industrial-class
+85
Storage temperature
Industry-class/ Military JI&JII class
-40
+105
Relative humidity
No condensation
5
90
RH(%
Temperature coefficient
±0.02
%/℃
Module in every environment temperature rating, case temperature under shall not exceed the maximum case temperature level.


Similar Part No. - TP30DG48S05

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP30DC24S05 TOPPOWER-TP30DC24S05 Datasheet
206Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP30DC24S05 TOPPOWER-TP30DC24S05 Datasheet
641Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP30DC24S05WB TOPPOWER-TP30DC24S05WB Datasheet
641Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP30DC24S12 TOPPOWER-TP30DC24S12 Datasheet
206Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP30DC24S12 TOPPOWER-TP30DC24S12 Datasheet
641Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
More results

Similar Description - TP30DG48S05

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
BXA30 ARTESYN-BXA30 Datasheet
67Kb / 2P
   30W Wide Input DC/DC Converters
logo
Toppower Electronic Tec...
TP20DC TOPPOWER-TP20DC_18 Datasheet
641Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP20DC TOPPOWER-TP20DC_17 Datasheet
206Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
logo
Minmax Technology Co., ...
MKW5000 MINMAX-MKW5000 Datasheet
219Kb / 8P
   25-30W, Wide Input Range, Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TP30AU TOPPOWER-TP30AU Datasheet
654Kb / 3P
   30W 3KVAC Isolation Wide Input AC/DC Converters
logo
Murata Power Solutions ...
UEI30 MURATA-PS-UEI30_09 Datasheet
344Kb / 16P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Manufacturing Co...
UEI30 MURATA-UEI30_11 Datasheet
343Kb / 16P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Power Solutions ...
UEI30 MURATA-PS-UEI30 Datasheet
176Kb / 3P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Manufacturing Co...
MDC_UEI-30W MURATA-MDC_UEI-30W Datasheet
286Kb / 11P
   30W Isolated Wide-Range DC/DC Converters
logo
Toppower Electronic Tec...
TP08DA TOPPOWER-TP08DA Datasheet
196Kb / 4P
   8W Wide Input Voltage DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com