Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP30AU220D05P12 Datasheet(PDF) 4 Page - Toppower Electronic Technology Limited

Part # TP30AU220D05P12
Description  25~30W 3KVAC Isolation Wide Input AC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP30AU220D05P12 Datasheet(HTML) 4 Page - Toppower Electronic Technology Limited

  TP30AU220D05P12 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP30AU220D05P12 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP30AU220D05P12 Datasheet HTML 3Page - Toppower Electronic Technology Limited TP30AU220D05P12 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TP25AU~30AU Series
www.gztoppower.con
TEL:020-82019000
Email:sales@gztoppower.com
page 4 of 4
STEMPERATURE DERATING GR
RECOMMEND CIRCUIT
C1, C2, C3, C4, C5, C6 capacitor values refer to parameter table
USING ATTENTIONS
Module will cause irreversible damage when it in the long-term overload state.
Module will cause irreversible damage when it out of the state maximum input voltage range
S ingle O utput
AC-DC
FUSE
C1
C2
+
+
-V0
+V0
FG
N
L
Triple output
FUSE
+V01
-V01
+V02
COM
-V02
C1
C4
C2
C5
C3
C6
+
+
+
FG
N
L
+
+
+
AC-DC
Dual Output(COM)
AC-DC
FUSE
C1
C1
+
+
+
+
C3
C3
+V0
-V0
COM
FG
N
L
AC-DC
Dual Output(not COM)
FUSE
C1
C3
C2
C3
+
+
+V01
-V01
+V02
-V02
FG
N
L
+
+
TOPPOWER


Similar Part No. - TP30AU220D05P12

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP30AU220D05P12 TOPPOWER-TP30AU220D05P12 Datasheet
700Kb / 4P
   25~30W 3KVAC Isolation Wide Input AC/DC Converters
TP30AU220D05P12W TOPPOWER-TP30AU220D05P12W Datasheet
654Kb / 3P
   30W 3KVAC Isolation Wide Input AC/DC Converters
TP30AU220D05P12W TOPPOWER-TP30AU220D05P12W Datasheet
700Kb / 4P
   25~30W 3KVAC Isolation Wide Input AC/DC Converters
More results

Similar Description - TP30AU220D05P12

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP25AU TOPPOWER-TP25AU_18 Datasheet
700Kb / 4P
   25~30W 3KVAC Isolation Wide Input AC/DC Converters
TP30AU TOPPOWER-TP30AU Datasheet
654Kb / 3P
   30W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL220S03LSW TOPPOWER-TP03AL220S03LSW Datasheet
827Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP15AS TOPPOWER-TP15AS Datasheet
509Kb / 4P
   15W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_19 Datasheet
718Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP03AC TOPPOWER-TP03AC_V01 Datasheet
249Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP15AU TOPPOWER-TP15AU Datasheet
772Kb / 4P
   15W 3KVAC Isolation Wide Input AC/DC Converters
TP03AL TOPPOWER-TP03AL_19 Datasheet
808Kb / 3P
   3W 3KVAC Isolation Wide Input AC/DC Converters
TP05AR TOPPOWER-TP05AR_V01 Datasheet
245Kb / 4P
   5W 3KVAC Isolation Wide Input AC/DC Converters
TP03AA TOPPOWER-TP03AA_17 Datasheet
470Kb / 4P
   3W 3KVAC Isolation Wide Input AC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com