Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPE0303D Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPE0303D
Description  1W 1KVDC and 2KVDC Isolated Single Output DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPE0303D Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPE0303D Datasheet HTML 1Page - Toppower Electronic Technology Limited TPE0303D Datasheet HTML 2Page - Toppower Electronic Technology Limited TPE0303D Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPE 3.3V, 5V & 12V Series
www.gztoppower.com
TEL:020-61038836 EMAIL:sales@gztoppower.com
page 1 of 3
DESCRIPTION:
The TPE series are miniature, isolated 1W DC/DC converters in a SIP and DIP package. They offer
the ideal solution in many space critical applications for board level power distribution. The internal
SMD construction makes it possible to offer a product with high performance at low cost. The series
offers smaller size, improved efficiency, lower output ripple noise.
1W 1KVDC and 2KVDC Isolated Single Output DC/DC Converters
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage SIP package
Tested for 1 second
1000
VDC
Isolation test voltage DIP package
Tested for 1 second
2000
VDC
Resistance
Viso= 1000VDC
1
GΩ
FEATURES
RoHS compliant
Single isolated output
SIP:1KVDC isolation
DIP: 2KVDC isolation
Efficiency up to 81%
Operating temperature :-40
to 85
Power density 1.53W/cm3
UL 94V-0 package material
Footprint from 0.69cm2
Industry standard pinout
Input voltage: 3.3V, 5V, 12V
Output voltage:3.3V,5V, 9V, 12V, 15V & 24V
CE certification
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current (Max./Min)
Efficiency
Package Style
V
V
mA
%
TPE0303D
3.3
3.3
303/30.3
72
DIP
TPE0305D
3.3
5
200/20
74
DIP
TPE0303S
3.3
3.3
303/30.3
72
SIP
TPE0305S
3.3
5
200/20
74
SIP
TPE0503D
5
3.3
303/30.3
72
DIP
TPE0505D
5
5
200/20
68
DIP
TPE0509D
5
9
110/11
78
DIP
TPE0512D
5
12
83/8.3
77
DIP
TPE0515D
5
15
66/6.6
81
DIP
TPE0524D
5
24
42/4.2
80
DIP
TPE0503S
5
3.3
303/30.3
72
SIP
TPE0505S
5
5
200/20
70
SIP
TPE0509S
5
9
110/11
78
SIP
TPE0512S
5
12
83/8.3
78
SIP
TPE0515S
5
15
66/6.6
80
SIP
TPE0524S
5
24
42/4.2
79
SIP
TPE1203D
12
3.3
303/30.3
72
DIP
TPE1205D
12
5
200/20
69
DIP
TPE1209D
12
9
110/11
74
DIP
TPE1212D
12
12
83/8.3
76
DIP
TPE1215D
12
15
66/6.6
75
DIP
TPE1203S
12
3.3
303/30.3
72
SIP
TPE1205S
12
5
200/20
71
SIP
TPE1209S
12
9
110/11
73
SIP
TPE1212S
12
12
83/8.3
76
SIP
TPE1215S
12
15
66/6.6
74
SIP
Add suffix “P” for continuous short circuit protection, for example TPE0505SP.
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
3.3V input
2.9
3.3
3.6
V
Voltage range
5V input
4.5
5.0
5.5
V
Voltage range
12V input
10.8
12.0
13.2
V
Reflected ripple current
26
48
mA p-p
TOPPOWER


Similar Part No. - TPE0303D

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPE0303D TOPPOWER-TPE0303D Datasheet
674Kb / 3P
   1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE0303D TOPPOWER-TPE0303D Datasheet
712Kb / 3P
   1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE0303D TOPPOWER-TPE0303D Datasheet
716Kb / 3P
   1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE0303D/E TOPPOWER-TPE0303D/E Datasheet
257Kb / 3P
   1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
More results

Similar Description - TPE0303D

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPE2 TOPPOWER-TPE2 Datasheet
362Kb / 3P
   1W 1KVDC and 2KVDC Isolated Single Output DC/DC Converters
logo
Murata Power Solutions ...
MER1 MURATA-PS-MER1 Datasheet
140Kb / 6P
   1kVDC Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPE12V TOPPOWER-TPE12V Datasheet
674Kb / 3P
   1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE24V TOPPOWER-TPE24V Datasheet
634Kb / 3P
   1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE3.3V TOPPOWER-TPE3.3V Datasheet
712Kb / 3P
   1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE-E TOPPOWER-TPE-E Datasheet
257Kb / 3P
   1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE3.3V TOPPOWER-TPE3.3V_19 Datasheet
716Kb / 3P
   1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE TOPPOWER-TPE_19 Datasheet
709Kb / 3P
   1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
TKE TOPPOWER-TKE Datasheet
387Kb / 4P
   1W 1KVDC and 3KVDC Isolated Miniature Single Output DC/DC Converters
logo
Murata Power Solutions ...
MEA1 MURATA-PS-MEA1 Datasheet
249Kb / 8P
   1kVDC Isolated 1W Dual Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com