Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16F Datasheet(PDF) 5 Page - International Rectifier

Part # 16F
Description  STANDARD RECOVERY DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

16F Datasheet(HTML) 5 Page - International Rectifier

  16F Datasheet HTML 1Page - International Rectifier 16F Datasheet HTML 2Page - International Rectifier 16F Datasheet HTML 3Page - International Rectifier 16F Datasheet HTML 4Page - International Rectifier 16F Datasheet HTML 5Page - International Rectifier 16F Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
16F(R) Series
5
Bulletin I20204 rev. A 09/98
www.irf.com
Fig. 3 - Forward Power Loss Characteristics
0
255075
100
Maximum Allowable Ambient Temperature (°C)
10 K
/W
15 K/W
R
=
4 K
/W
- D
elta
R
th
SA
6 K
/W
8 K/W
20 K/W
30 K/W
0
4
8
12
16
20
0
4
8
12
16
20
Average Forward Current (A)
RMS Limit
Conduction Angle
180°
120°
90°
60°
30°
16F(R) Series
T = 175°C
J
Fig. 4 - Forward Power Loss Characteristics
0
25
50
75
100
Maximum Allowable Ambient Temperature (°C)
10 K/W
15 K/W
R
= 4
K/W
- D
elta
R
thS
A
6 K
/W
8 K/W
20 K/W
30 K/W
0
5
10
15
20
25
0
5
10
15
20
25
30
DC
180°
120°
90°
60°
30°
Average Forward Current (A)
RMS Limit
Conduction Period
16F(R) Series
T = 175°C
J
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
125
150
175
200
225
250
275
300
325
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
16F(R) Series
Initial T = 175°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
J
125
150
175
200
225
250
275
300
325
350
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
16F(R) Series
Initial T = 175°C
No Voltage Reapplied
Rated V
Reapplied
RRM
Versus Pulse Train Duration.
J


Similar Part No. - 16F

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16F IRF-16F Datasheet
336Kb / 8P
   6,12 and 16 Amp Diffused Silicon Rectifier Diodes
logo
Vishay Siliconix
16F VISHAY-16F Datasheet
141Kb / 6P
   Standard Recovery Diodes (Stud Version), 16 A
Revision: 29-Sep-08
logo
Naina Semiconductor ltd...
16F NAINA-16F Datasheet
81Kb / 1P
   16AMP SILICON POWER DIODE
logo
Vishay Siliconix
16F VISHAY-16F Datasheet
154Kb / 7P
   Standard Recovery Diodes (Stud Version), 6 A
Revision: 29-Sep-08
logo
New Jersey Semi-Conduct...
16F NJSEMI-16F Datasheet
219Kb / 4P
   STANDARD RECOVERY DIODES
More results

Similar Description - 16F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com