Electronic Components Datasheet Search |
|
TPH2412S Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited |
|
TPH2412S Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited |
2 / 4 page TPH Series www.gztoppower.com TEL:0086-20-82019000 Email:sales2@gztoppower.com Page2 /4 GENERAL CHARACTERISTICS Parameter Conditions Min. Typ. Max. Units Switching frequency 5V input 90 kHz Switching frequency 12V input 90 kHz Switching frequency 24V & 48V input 90 kHz OUTPUT CHARACTERISTICS Parameter Conditions Min. Max. Units Rated Power TA=-40°C to 85°C 2 W Voltage Set Point Accuracy TPH0505D/S -5 7.5 % Voltage Set Point Accuracy All other types -5 5 % Line regulation High VIN to low VIN 1.2 % Load Regulation(10% load to rated load) 5V output 10 % Load Regulation(10% load to rated load) 9V output 10 % Load Regulation(10% load to rated load) 12V output 10 % Load Regulation(10% load to rated load) 15V output 10 % ISOLATION CHARACTERISTICS Parameter Conditions Min. Typ. Max. Units Isolation test voltage Flash tested for 1 second 3000 VDC Resistance Viso= 1000V 1 G Ω SELECTION GUIDE Part Number Nominal Input Voltage Output Voltage Output Current Efficiency Package Style V V mA % TPH0505DA 5 5 400 80 DIP TPH0509DA 5 9 220 80 DIP TPH0512DA 5 12 168 81 DIP TPH0515DA 5 15 136 84 DIP TPH1205DA 12 5 400 80 DIP TPH1209DA 12 9 220 83 DIP TPH1212DA 12 12 168 84 DIP TPH1215DA 12 15 136 86 DIP TPH2405DA 24 5 400 80 DIP TPH2409DA 24 9 220 85 DIP TPH2412DA 24 12 168 86 DIP TPH2415DA 24 15 136 86 DIP TPH2424DA 24 24 84 85 DIP TPH4805DA 48 5 400 82 DIP TPH4809DA 48 9 220 82 DIP TPH4812DA 48 12 168 85 DIP TPH4815DA 48 15 136 85 DIP INPUT CHARACTERISTICS Parameter Conditions Min. Typ. Max. Units Voltage range 5V input 4.5 5 5.5 V Voltage range 12V input 11 12 13 V Voltage range 24V input 22 24 26 V Voltage range 48V input 43 48 53 V |
Similar Part No. - TPH2412S |
|
Similar Description - TPH2412S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |