Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71K542-K00A5 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 71K542-K00A5
Description  ADAPTOR JACK ??JACK WITH INSULATED ROUND FLANGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

71K542-K00A5 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  71K542-K00A5 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 71K542-K00A5 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data Sheet
BNC 75
ADAPTOR JACK – JACK
WITH INSULATED
ROUND FLANGE
71K542-K00A5
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel. : +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
1 / 2
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
Compatible to
IEC 61169-8, MIL-PRF-39012, CECC 22120
Documents
Panel piercing
B 3
Material and plating
Connector parts
Material
Plating
Center contact
CuNi1Pb1P
AuroDur®, gold plated
Outer contact
Brass
Nickel, 2.5-5 µm
Body
Brass
Nickel, 2.5-5 µm
Dielectric
PTFE
Insulated round flange
POM


Similar Part No. - 71K542-K00A5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
71K501-K00N5 ROSENBERGER-71K501-K00N5 Datasheet
82Kb / 2P
   BNC 75 ADAPTOR JACK-JACK
71K504-200N5 ROSENBERGER-71K504-200N5 Datasheet
81Kb / 2P
   BNC 75 BULKHEAD JACK SOLDER END
71K507-802N5 ROSENBERGER-71K507-802N5 Datasheet
85Kb / 2P
   BNC 75 BULKHEAD JACK
More results

Similar Description - 71K542-K00A5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
60K101-KIMN1 ROSENBERGER-60K101-KIMN1 Datasheet
87Kb / 2P
   Adaptor Jack - Jack
64K101-K00B1 ROSENBERGER-64K101-K00B1 Datasheet
565Kb / 2P
   Adaptor Jack - Jack
56S301-K00N5 ROSENBERGER-56S301-K00N5 Datasheet
83Kb / 2P
   ADAPTOR JACK-PLUG-JACK
64K501-K00B1 ROSENBERGER-64K501-K00B1 Datasheet
233Kb / 2P
   Adaptor Bulkhead Jack - Jack
51K301-K00N5 ROSENBERGER-51K301-K00N5 Datasheet
38Kb / 2P
   ADAPTOR BNC 50 jack ??jack - jack
08K121-K00S3 ROSENBERGER-08K121-K00S3 Datasheet
164Kb / 2P
   ADAPTOR JACK
05K521-K00S3 ROSENBERGER-05K521-K00S3 Datasheet
111Kb / 2P
   ADAPTOR JACK
08KR121-K0AS3 ROSENBERGER-08KR121-K0AS3 Datasheet
236Kb / 2P
   ADAPTOR JACK
51K542-K00A5 ROSENBERGER-51K542-K00A5 Datasheet
81Kb / 2P
   ADAPTOR JACK
51K501-K00N5 ROSENBERGER-51K501-K00N5 Datasheet
41Kb / 2P
   adaptor BNC 50 jack - jack
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com