Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL-630 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # SL-630
Description  High/low liquid level monitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SL-630 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  SL-630 Datasheet HTML 1Page - TE Connectivity Ltd SL-630 Datasheet HTML 2Page - TE Connectivity Ltd SL-630 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SENSOR SOLUTIONS /// SL-630 Series
9/2015
Page 1
FEATURES
APPLICATIONS
No calibration required
Non-invasive miniature sensor designed
to stick to outside of container
Integral electronics with disposable
mounting
Effective on plastic bottles with diameters
ranging from 2” (50.8 mm) to 10” (254
mm)
Independent of color, transparency,
shape and size of bottom of container
No displacement of liquid volume
Eliminates fluid contamination problem
Chemical Analyzer
Immuno Chemistry
Chromatography
Kidney Dialysis
Clinical Chemistry
Medical Laser System
Hemodialysis
Semiconductor
Waste Management
SL-630 SERIES
SPECIFICATIONS
High/low liquid level monitor
 “Peel and stick” to the outside of a wide range of
plastic containers
Never comes in contact with liquid
– no risk of
contamination or volume displacement
Proven ultrasonic technology
Repeatability:
± 0.1” (2.54 mm)
The Non-
Invasive Sonic Eye™ SL-630 is a cost
effective ultrasonic sensor for plastic containers. The
sensor is designed to adhere to the outside of plastic
containers with diameters
from 2” (50.8mm) to 10”
(254mm) with a wall thickness up to 0.25” (6.35mm) as a
high/low level liquid level monitor. The sensor sticks to the
outside of the container, never coming in contact with the
liquid,
so
there
is
no
contamination
or
volume
displacement.


Similar Part No. - SL-630

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
SL-60A EVERLIGHT-SL-60A Datasheet
294Kb / 6P
   No UV or IR light radiation
More results

Similar Description - SL-630

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LLC6 LITTELFUSE-LLC6 Datasheet
416Kb / 2P
   Low Level Cutoff Liquid Level Controls
2016 Rev: 1-A-062716
logo
Magnetrol International...
B40-1F30-FKB MAGNETROL-B40-1F30-FKB Datasheet
457Kb / 20P
   Liquid Level Switches
T20-1B2A-9DR MAGNETROL-T20-1B2A-9DR Datasheet
316Kb / 24P
   Liquid Level Switches
logo
Littelfuse
LLC5 LITTELFUSE-LLC5 Datasheet
428Kb / 2P
   Liquid Level Controls
2016 Rev: 1-A-062116
PC-XXX-LLC-CZ LITTELFUSE-PC-XXX-LLC-CZ Datasheet
265Kb / 2P
   Liquid level control
2019 Rev: 2-B-043019
logo
Coto Technology
LSH COTO-LSH Datasheet
131Kb / 2P
   Liquid Level Sensor
logo
List of Unclassifed Man...
VCS-02 ETC2-VCS-02 Datasheet
226Kb / 2P
   LIQUID LEVEL SENSOR
logo
STMicroelectronics
L4620 STMICROELECTRONICS-L4620 Datasheet
61Kb / 9P
   LIQUID LEVEL ALARM
logo
Magnetrol International...
B35-1B20-JGH MAGNETROL-B35-1B20-JGH Datasheet
1Mb / 36P
   Liquid Level Switches
logo
Coto Technology
LSV COTO-LSV Datasheet
118Kb / 2P
   Liquid Level Sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com