Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS105-10L5.5MM Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # TS105-10L5.5MM
Description  For Contactless Temperature Measurement
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

TS105-10L5.5MM Datasheet(HTML) 2 Page - TE Connectivity Ltd

  TS105-10L5.5MM Datasheet HTML 1Page - TE Connectivity Ltd TS105-10L5.5MM Datasheet HTML 2Page - TE Connectivity Ltd TS105-10L5.5MM Datasheet HTML 3Page - TE Connectivity Ltd TS105-10L5.5MM Datasheet HTML 4Page - TE Connectivity Ltd TS105-10L5.5MM Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TS105-10L5.5MM
Thermopile Sensor
SENSOR SOLUTIONS /// TS105-10L5.5MM
10/2015
Page 2
FEATURES
Small Field of View
Accurate NTC Reference Sensor
APPLICATIONS
Industrial Pyrometers
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Typical
Max
Unit
Description
Storage Temperature
TS
-20
+20
+85
°C
permanent
Storage Temperature
TS
-20
+20
+100
°C
non permanent
PERFORMANCE SPECS
Parameter
Symbol
Value
Unit
Condition
Operating Ambient Temperature
TAmb
-20 to +85
°C
permanent
Operating Ambient Temperature
TAmb
-20 to +100
°C
non permanent
Package
TO-5
Absorber Area
A
0.7
0.7
mm2
Thermopile Resistance
RTP
43 ± 8
k
TAmb = +25°C
Temperature Coefficient
of Thermopile Resistance
TCRTP
-0.06 ± 0.04
%/K
TAmb = +25°C to +75°C
Voltage Response
VTP
0.9 ± 0.25
mV
TAmb = +25°C, TObj = +100°C,
DC, totally filled field of view
Temperature Coefficient
of Voltage Response
TCVTP
-0.45 ± 0.08
%/K
TAmb = +25°C to +75°C
Noise Equivalent Voltage
NEV
30
nV/Hz½
TAmb = +25°C
Rise Time
63
20 ± 5
ms
Ambient Temperature Sensor
NTC
Ambient Temperature Sensor
Resistance
RNTC
100 ± 5
k
TAmb = +25°C
Beta Value of NTC
-Value
3955 ±0.3%
K
TAmb = 0°C to +50°C


Similar Part No. - TS105-10L5.5MM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS105-1 ETC2-TS105-1 Datasheet
301Kb / 2P
   Thermosensors
More results

Similar Description - TS105-10L5.5MM

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
TPT300V TEC-TPT300V Datasheet
203Kb / 6P
   Contactless Temperature Measurement
KMA36 TEC-KMA36 Datasheet
530Kb / 18P
   Contactless Absolute 360째 (180째) angle measurement
logo
EPCOS
B57550G0202F000 EPCOS-B57550G0202F000 Datasheet
279Kb / 19P
   NTC thermistors for temperature measurement
B57565G1103F005 EPCOS-B57565G1103F005 Datasheet
254Kb / 14P
   NTC thermistors for temperature measurement
B57150K1242J000 EPCOS-B57150K1242J000 Datasheet
244Kb / 12P
   NTC thermistors for temperature measurement
B58100A0461A000 EPCOS-B58100A0461A000 Datasheet
207Kb / 9P
   NTC thermistors for temperature measurement
B57875S0212F000 EPCOS-B57875S0212F000 Datasheet
335Kb / 19P
   NTC thermistors for temperature measurement
B57881S0212F000 EPCOS-B57881S0212F000 Datasheet
338Kb / 19P
   NTC thermistors for temperature measurement
B57867S EPCOS-B57867S Datasheet
257Kb / 15P
   NTC thermistors for temperature measurement
B57703M EPCOS-B57703M Datasheet
205Kb / 10P
   NTC thermistors for temperature measurement
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com