Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSEV0108L39 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # TSEV0108L39
Description  Contact less Temperature Measurement
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

TSEV0108L39 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  TSEV0108L39 Datasheet HTML 1Page - TE Connectivity Ltd TSEV0108L39 Datasheet HTML 2Page - TE Connectivity Ltd TSEV0108L39 Datasheet HTML 3Page - TE Connectivity Ltd TSEV0108L39 Datasheet HTML 4Page - TE Connectivity Ltd TSEV0108L39 Datasheet HTML 5Page - TE Connectivity Ltd TSEV0108L39 Datasheet HTML 6Page - TE Connectivity Ltd TSEV0108L39 Datasheet HTML 7Page - TE Connectivity Ltd TSEV0108L39 Datasheet HTML 8Page - TE Connectivity Ltd TSEV0108L39 Datasheet HTML 9Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TSEV0108L39
Thermopile Sensor Module
SENSOR SOLUTIONS /// TSEV0108L39
09/2015
Page 2
FEATURES
-20°C
– +120°C Measurement Range
4V
– 16V Supply Voltage Range
Up to 2°C Accuracy
APPLICATIONS
Contact less Temperature Measurement
Microwave Oven
Climate Control
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are limiting values of permitted operation and should never be exceeded under
the worst possible conditions either initially or consequently. If exceeded by even the smallest amount,
instantaneous catastrophic failure can occur. And even if the device continues to operate satisfactorily, its
life may be considerably shortened.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
Vcc
Measured versus GND
-0.3
16
V
Operating Temperature
Top
-10
+85
°C
Storage Temperature
Tstor
-30
+85
°C
Humidity
HumL
-30°C - +50°C
85
%
Humidity
HumH
+50°C - +85°C
50
%
SENSOR CHARACTERISTICS
If not otherwise noted, 25°C ambient temperature, 5V supply voltage were applied.
OPERATING CONDITIONS
INTERFACE CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Total Field of View
T_FOV
Over all 8 Pixels
40
°
Individual Field of View
P_FOV
Field of View of one Pixel
3.5
°
Focal length
f
3.9
mm
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply voltage
Vcc
Measured versus GND
4
5
6
V
Supply Current
I
Full ambient temp. range, no
output load
10
15
mA
Humidity
HumL
-30°C - +50°C
85
%
Humidity
HumH
+50°C - +85°C
50
%
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Clock Rate (SPI)
FSPI
100
kHz
Data Output Rate
(New Measurement Data of all 8
Pixels available)
Fout
1
Hz


Similar Part No. - TSEV0108L39

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
TSEV01S01C05 TEC-TSEV01S01C05 Datasheet
257Kb / 8P
   Contact less Temperature Measurement
TSEV01S01C10 TEC-TSEV01S01C10 Datasheet
254Kb / 8P
   Contact less Temperature Measurement
TSEV01S01C90 TEC-TSEV01S01C90 Datasheet
294Kb / 8P
   Contact less Temperature Measurement
More results

Similar Description - TSEV0108L39

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
TSEV01S01C05 TEC-TSEV01S01C05 Datasheet
257Kb / 8P
   Contact less Temperature Measurement
TSEV01S01C90 TEC-TSEV01S01C90 Datasheet
294Kb / 8P
   Contact less Temperature Measurement
TSEV01S01C10 TEC-TSEV01S01C10 Datasheet
254Kb / 8P
   Contact less Temperature Measurement
logo
EPCOS
B57885S0212 EPCOS-B57885S0212 Datasheet
62Kb / 3P
   Temperature Measurement
B57861S0202 EPCOS-B57861S0202 Datasheet
61Kb / 3P
   Temperature Measurement
logo
Turck, Inc.
TS-516-LI2UPN8X-H1141 TURCK-TS-516-LI2UPN8X-H1141 Datasheet
223Kb / 3P
   Temperature measurement
TTM-103A-G18-LIUPN-H1140 TURCK-TTM-103A-G18-LIUPN-H1140 Datasheet
158Kb / 2P
   Temperature measurement
TTM-206A-CF-LIUPN-H1140 TURCK-TTM-206A-CF-LIUPN-H1140 Datasheet
159Kb / 2P
   Temperature measurement
logo
EPCOS
B57891S0222 EPCOS-B57891S0222 Datasheet
62Kb / 3P
   Temperature Measurement
logo
Turck, Inc.
TS-500-LI2UPN8X-H1141 TURCK-TS-500-LI2UPN8X-H1141 Datasheet
344Kb / 6P
   Temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com