Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM9810 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9810
Description  LM9810/20 10/12-Bit Image Sensor Processor Analog Front End
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9810 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM9810 Datasheet HTML 1Page - National Semiconductor (TI) LM9810 Datasheet HTML 2Page - National Semiconductor (TI) LM9810 Datasheet HTML 3Page - National Semiconductor (TI) LM9810 Datasheet HTML 4Page - National Semiconductor (TI) LM9810 Datasheet HTML 5Page - National Semiconductor (TI) LM9810 Datasheet HTML 6Page - National Semiconductor (TI) LM9810 Datasheet HTML 7Page - National Semiconductor (TI) LM9810 Datasheet HTML 8Page - National Semiconductor (TI) LM9810 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
http://www.national.com
Electrical Characteristics
The following specifications apply for AGND=DGND=0V, VA=VD=+5.0VDC, fMCLK=24MHz, Rs=25Ω. Boldface limits apply for
TA=TJ=TMIN to TMAX; all other limits TA=TJ=25°C. (Notes 7, 8, & 12)
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 10)
Units
(Limits)
CCD/CIS Source Requirements for Full Specified Accuracy and Dynamic Range (Note 12)
VOS PEAK
Sensor’s Maximum Peak Differential
Signal Range
Gain = 0.933
Gain = 3.0
Gain = 9.0
2.1
0.65
0.21
V
V
V
Analog Input Characteristics
OSR, OSG, OSB Input Capacitance
5
pF
OSR, OSG, OSB Input Leakage Current
Measured with OS = 3.5VDC
CDS disabled, selected OS input
20
25
µA (max)
CDS disabled, unselected OS
input
10
nA
Coarse Color Balance PGA Characteristics
Monotonicity
5
bits (min)
G0 (Minimum PGA Gain)
PGA Setting = 0
0.93
.90
.96
V/V (min)
V/V (max)
G31 (Maximum PGA Gain)
PGA Setting = 31
3.0
2.96
3.15
V/V (min)
V/V (max)
x3 Boost Gain
x3 Boost Setting On
(bit B5 of Gain Register is set)
3.0
2.93
3.05
V/V (min)
V/V (max)
Gain Error at any gain (Note 13)
±0.4
1.67
% (max)
Internal Reference Characteristics
VREFMID
Mid Supply Output Voltage
2.5
V
VREF+
Positive Reference Output Voltage
3.5
V
VREF-
Negative Reference Output Voltage
1.5
V
∆V
REF
Differential Reference Voltage
VREF+ - VREF-
2.0
V
Positive Supply Voltage (V+=VA=VD)
With Respect to GND=AGND=DGND
6.5V
Voltage On Any Input or Output Pin
-0.3V to V++0.3V
Input Current at any pin (Note 3)
±25mA
Package Input Current (Note 3)
±50mA
Package Dissipation at T
A = 25°C
(Note 4)
ESD Susceptibility (Note 5)
Human Body Model
2000V
Soldering Information
Infrared, 10 seconds (Note 6)
300°C
Storage Temperature
-65°C to +150°C
Operating Temperature Range
TMIN=0°C≤TA≤TMAX=+70°C
VA
Supply Voltage
+4.75V to +5.25V
VD
Supply Voltage
+4.75V to +5.25V
|VA-VD|
≤ 100mV
OSR, OSG, OSB
Input Voltage Range
-0.05V to VA + 0.05V
NewLine, SampCLK, D0-D2, MCLK
Input Voltage Range
-0.05V to VD + 0.05V
Absolute Maximum Ratings (Notes 1 & 2)
Operating Ratings (Notes 1 & 2)


Similar Part No. - LM9810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM9810 TI1-LM9810 Datasheet
290Kb / 22P
[Old version datasheet]   10/12-Bit Image Sensor Processor Analog Front End
More results

Similar Description - LM9810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM9810 TI1-LM9810 Datasheet
290Kb / 22P
[Old version datasheet]   10/12-Bit Image Sensor Processor Analog Front End
VSP2590 TI-VSP2590 Datasheet
583Kb / 36P
[Old version datasheet]   DUAL-CHANNEL IMAGE SENSOR ANALOG FRONT-END
VSP7500 TI1-VSP7500 Datasheet
342Kb / 13P
[Old version datasheet]   FOUR-CHANNEL IMAGE SENSOR ANALOG FRONT-END
logo
Wolfson Microelectronic...
WM8146 WOLFSON-WM8146 Datasheet
195Kb / 17P
   12-bit(84-bit) Linear Sensor Image Processor
logo
Maxim Integrated Produc...
MAX19710 MAXIM-MAX19710 Datasheet
818Kb / 37P
   10-Bit, 7.5Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
MAX19713 MAXIM-MAX19713 Datasheet
879Kb / 37P
   10-Bit, 45Msps, Full-Duplex Analog Front-End
Rev 1; 9/06
MAX19712 MAXIM-MAX19712 Datasheet
770Kb / 36P
   10-Bit, 22Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
MAX19711 MAXIM-MAX19711 Datasheet
957Kb / 36P
   10-Bit, 11Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
logo
Microchip Technology
MCP2036 MICROCHIP-MCP2036 Datasheet
669Kb / 30P
   Inductive Sensor Analog Front End Device
2009
logo
Maxim Integrated Produc...
MAX19707 MAXIM-MAX19707 Datasheet
541Kb / 37P
   10-Bit, 45Msps, Ultra-Low-Power Analog Front-End
Rev 1; 6/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com