Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-K30T Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-K30T
Description  Automotive Photovoltaic MOSFET Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-K30T Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-K30T Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-K30T Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-K30T Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-K30T Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-K30T Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-K30T Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-K30T Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-K30T Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-K30T Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Insulation and Safety Related Specifications
Parameter
Symbol ACPL-K30T Units Conditions
Minimum External Air Gap
(Clearance)
L(101)
8
mm
Measured from input terminals to output terminals, shortest
distance through air.
Minimum External Tracking
(Creepage)
L(102)
8
mm
Measured from input terminals to output terminals, shortest
distance path along body.
Minimum Internal Plastic Gap
(Internal Clearance)
0.08
mm
Through insulation distance conductor to conductor, usually the
straight line distance thickness between the emitter and detector.
Tracking Resistance
(Comparative Tracking Index)
CTI
175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group (DIN VDE0109)
IIIa
Material Group (DIN VDE 0109)
IEC/EN/DIN EN 60747-5-5 Insulation Related Characteristic (Option 060 and 560 only)
Description
Symbol
Option 060 and 560
Units
Installation classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage < 600 VRMS
for rated mains voltage < 1000 VRMS
I - IV
I - III
Climatic Classification
40/125/21
Pollution Degree (DIN VDE 0110/1.89)
2
Maximum Working Insulation Voltage
VIORM
1140
VPEAK
Input to Output Test Voltage, Method b
VIORM × 1.875 = VPR, 100% Production Test with tm = 1 sec
Partial Discharge < 5 pC
VPR
2137
VPEAK
Input to Output Test Voltage, Method a
VIORM × 1.6 = VPR, Type and sample test, tm = 10 sec,
Partial Discharge < 5 pC
VPR
1824
VPEAK
Highest Allowable Overvoltage
(Transient Overvoltage, tini = 60 sec)
VIOTM
8000
VPEAK
Safety Limiting Values
(Maximum values allowed in the event of a failure)
Case Temperature
Input Current
Output Power
TS
IS,INPUT
PS,OUTPUT
175
230
600
°C
mA
mW
Insulation Resistance at TS, VIO = 500 V
RS
>109
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Notes
Storage Temperature
TS
-55
150
°C
Operating Ambient Temperature
TA
-40
125
°C
Input Current
Average
IF(avg)
30
mA
Surge (50% duty cycle)
IF(surge)
60
mA
Transient (
≤ 1 µs pulse width, 300 pps)
IF(trans)
1
A
Reversed Input Voltage
VR
6
V
Input Power Dissipation
PIN
60
mW
Lead Soldering
Cycle
Temperature
260
°C
Time
10
s
Solder Reflow Temperature Profile
Recommended reflow condition as per JEDEC Standard
J-STD-020 (latest revision)


Similar Part No. - ACPL-K30T

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-K312 BOARDCOM-ACPL-K312 Datasheet
1Mb / 19P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler with Low ICC and UVLO in Stretched SO8
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-K33T AVAGO-ACPL-K33T Datasheet
1Mb / 18P
   Automotive 2.5 A Peak High Output Current SiC MOSFET and IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO-8
logo
Broadcom Corporation.
ACPL-K342 BOARDCOM-ACPL-K342 Datasheet
1Mb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler with Active Miller Clamp, Rail-to-Rail Output Voltage and UVLO in Stretched SO8
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-K342-000E AVAGO-ACPL-K342-000E Datasheet
707Kb / 19P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-K342-060E AVAGO-ACPL-K342-060E Datasheet
707Kb / 19P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
More results

Similar Description - ACPL-K30T

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
APV1121SJ PANASONIC-APV1121SJ Datasheet
74Kb / 3P
   PHOTOVOLTAIC MOSFET DRIVER
logo
Panasonic Battery Group
APV PANASONICBATTERY-APV Datasheet
75Kb / 3P
   Photovoltaic MOSFET Driver
logo
Vishay Siliconix
VOMDA1271 VISHAY-VOMDA1271 Datasheet
1Mb / 9P
   Automotive Photovoltaic MOSFET Driver With Integrated Fast Turn-Off
Rev. 1.0, 17-Apr-2023
logo
List of Unclassifed Man...
CT222ADM ETC1-CT222ADM Datasheet
23Kb / 2P
   Photovoltaic MOSFET Drivers Dual MOSFET Driver Active Discharge
logo
Vishay Siliconix
VO1263AAC VISHAY-VO1263AAC_V01 Datasheet
172Kb / 8P
   Dual Photovoltaic MOSFET Driver Solid-State Relay
01-Jan-2022
VO1263AAC VISHAY-VO1263AAC Datasheet
135Kb / 7P
   Dual Photovoltaic MOSFET Driver Solid State Relay
Rev. 1.6, 07-May-08
LH1262CAC VISHAY-LH1262CAC_11 Datasheet
139Kb / 6P
   Dual Photovoltaic MOSFET Driver Solid-State Relay
Rev. 1.4, 26-Sep-11
VO1263AAC VISHAY-VO1263AAC_13 Datasheet
150Kb / 6P
   Dual Photovoltaic MOSFET Driver Solid-State Relay
Rev. 1.8, 29-May-13
LH1262 VISHAY-LH1262 Datasheet
158Kb / 6P
   Dual Photovoltaic MOSFET Driver Solid-State Relay
Rev. 1.5, 31-Jan-2019
LH1262CB VISHAY-LH1262CB_V01 Datasheet
157Kb / 6P
   Dual Photovoltaic MOSFET Driver Solid-State Relay
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com