Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-M49T Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-M49T
Description  Low Leakage Phototransistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-M49T Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-M49T Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-M49T Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-M49T Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-M49T Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-M49T Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-M49T Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-M49T Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-M49T Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-M49T Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
TA - TEMPERATURE - °C
VOL - LOW LEVEL OUTPUT VOLTAGE - V
VF - FORWARD VOLTAGE - V
0.4
0.6
0.8
1
1.2
1
10
100
0.6
0.7
0.8
0.9
1
1.1
-50
-25
0
25
50
75
100
125
IF = 10mA
IF = 4mA
0
2
4
6
8
10
12
14
0.0
0.2
0.4
0.6
0.8
1.0
0
5
10
15
20
25
0
5
10
15
0
2
4
6
8
10
12
14
0.0
0.2
0.4
0.6
0.8
1.0
0.01
0.10
1.00
10.00
100.00
1.2
1.3
1.4
1.5
1.6
IF - INPUT CURRENT - mA
TA = 25°C
VCC = 5V
VO = 0.5V
VCC = 5V
VO = 0.5V
VCC = 5V, TA = 25°C
VOL - LOW LEVEL OUTPUT VOLTAGE - V
IF = 20mA
IF = 10mA
IF = 4mA
IF = 1mA
IF = 20mA
IF = 10mA
IF = 4mA
IF = 1mA
VO - OUTPUT VOLTAGE - V
TA = 25°C
VCC = VO
IF = 20mA
IF = 10mA
IF = 15mA
IF = 4mA
VCC = VO, TA = 25°C
IF
VF
+
Figure 1. Normalized Current Transfer Ratio (IF = 4mA as reference) vs Input
Current
Figure 2. Normalized Current Transfer Ratio (TA = 25°C as reference) vs
Temperature
Figure 3. Typical Low Level Output Current vs Output Voltage
Figure 4. Output Current vs Output Voltage (4-Pin Configuration)
Figure 5. Typical Low Level Output Current vs Output Voltage
(4-Pin Configuration)
Figure 6. Typical Input Current vs Forward Voltage


Similar Part No. - ACPL-M49T

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-M49T BOARDCOM-ACPL-M49T Datasheet
533Kb / 12P
   Qualified to Automotive AEC-Q100 Test Guidelines
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M49T-000E AVAGO-ACPL-M49T-000E Datasheet
168Kb / 11P
   Wide Operating Temperature Automotive R2CouplerTM 20kBd Digital Optocoupler Configurable as Low Power, Low Leakage Phototransistor
logo
Broadcom Corporation.
ACPL-M49T-000E BOARDCOM-ACPL-M49T-000E Datasheet
533Kb / 12P
   Wide Operating Temperature Automotive R2Coupler??20-kBd Digital Optocoupler Configurable as Low Power, Low Leakage Phototransistor
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M49T-500E AVAGO-ACPL-M49T-500E Datasheet
168Kb / 11P
   Wide Operating Temperature Automotive R2CouplerTM 20kBd Digital Optocoupler Configurable as Low Power, Low Leakage Phototransistor
More results

Similar Description - ACPL-M49T

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
NP2502R NAINA-NP2502R Datasheet
135Kb / 2P
   Low Leakage
logo
Central Semiconductor C...
CPD64 CENTRAL-CPD64 Datasheet
209Kb / 2P
   Low Leakage Diode Low Leakage Diode Chip
CPD66X CENTRAL-CPD66X Datasheet
728Kb / 2P
   Low Leakage Diode Low Leakage Diode Chip
logo
Shanghai Semitech Semic...
ESD5B SEMITECH-ESD5B Datasheet
86Kb / 3P
   Low Leakage
SD03 SEMITECH-SD03 Datasheet
164Kb / 4P
   Low Leakage
logo
Central Semiconductor C...
CPD71 CENTRAL-CPD71 Datasheet
213Kb / 2P
   Low Leakage Diode Low Leakage Switching Diode Chip
logo
Broadcom Corporation.
ACFL-5212T-000E BOARDCOM-ACFL-5212T-000E Datasheet
343Kb / 12P
   Automotive R2CouplerTM Wide Operating Temperature 20kBd Digital Optocoupler Configurable as Low Power, Low Leakage Phototransistor
logo
NXP Semiconductors
BAS416 PHILIPS-BAS416 Datasheet
63Kb / 8P
   Low-leakage diode
2004 Jan 26
logo
STMicroelectronics
STTH2R06-Y STMICROELECTRONICS-STTH2R06-Y Datasheet
232Kb / 8P
   Low leakage current
August 2014 Rev 1
logo
Cornell Dubilier Electr...
HZC CDE-HZC Datasheet
825Kb / 8P
   Low Leakage Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com